Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM55-0023TR Datasheet(PDF) 2 Page - Tyco Electronics

Part # AM55-0023TR
Description  Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0023TR Datasheet(HTML) 2 Page - Tyco Electronics

  AM55-0023TR Datasheet HTML 1Page - Tyco Electronics AM55-0023TR Datasheet HTML 2Page - Tyco Electronics AM55-0023TR Datasheet HTML 3Page - Tyco Electronics AM55-0023TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
Variable Voltage Gain Control Amplifier, 2.0 GHz
AM55-0023
Pin Configuration
PIN
No.
PIN
Name
Description
1
Input
RF Input
2
NC
3
NC
4
NC
5
VCTL2
Second Attenuation Control
6
NC
7
NC
8
NC
9
VCTL1
First Attenuation Control
10
NC
11
NC
12
NC
13
Output
RF Output
14
VDDB3
Bias Pins
15
VDDA3
Bias Pins
16
VDDA2
Bias Pins
17
VDDB2
Bias Pins
18
VDDB1
Bias Pins
19
VDDA1
Bias Pins
20
NC
2
Operating Instructions
Two pins, VCTL1 and VCTL2 control the attenuation function
of this part. Varying these pins between 0 and 4.5 V controls the
attenuation.
VCTL1 should be controlled first to avoid
degrading the input match and noise figure until more
attenuation is needed.
VCTL1 controls an attenuator with 30
dB of range and VCTL2 15dB of range.
The AM55-0023 has two sets of Vdd pins. VDDA1,2 ,3 and
VDDB1,2,3. VDDA should be supplied with 5 V. This voltage
is internally stepped down to 3 V to reduce current
consumption. If current consumption is not a concern OR only
3 V is available to the part then the VDDB pins should be used.
Using the VDDB pins with 5 V will also give greater IP3/IMD
performance (See graphs).
Note: When using one set of bias pins the other should be left
open circuited.
Typical Performance Curves
-25
-20
-15
-10
-5
0
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FREQUENCY (GHz)
Output Return Loss
(over full attenuation range
-45
-40
-35
-30
-25
-20
-15
-10
-5
0
0.6
0.8
1
1.2
1.4
1.6
1.8
2
FREQUENCY (GHz)
Input Return Loss
(over full attenuation range)
Absolute Maximum Ratings
1
Parameter
Absolute Maximum
Input Power
2
+20 dBm
Operating Voltages
2
VDDA/B1,2,3 = +6 volts
Operating Temperature
-40 °C to +85 °C
Storage Temperature
-65 °C to +150 °C
1. Exceeding any one or combination of these limits may cause
permanent damage.
2. Ambient Temperature (TA) = +25
°C


Similar Part No. - AM55-0023TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024RTR MACOM-AM55-0024RTR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR MACOM-AM55-0024TR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results

Similar Description - AM55-0023TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8_01 Datasheet
108Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
logo
Tyco Electronics
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
   Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
   10.0 - 13.0 GHz Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com