Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM55-0023TR Datasheet(PDF) 4 Page - Tyco Electronics

Part # AM55-0023TR
Description  Variable Voltage Gain Control Amplifier 0.8 - 2.0 GHz
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AM55-0023TR Datasheet(HTML) 4 Page - Tyco Electronics

  AM55-0023TR Datasheet HTML 1Page - Tyco Electronics AM55-0023TR Datasheet HTML 2Page - Tyco Electronics AM55-0023TR Datasheet HTML 3Page - Tyco Electronics AM55-0023TR Datasheet HTML 4Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
n North America: Tel. (800) 366-2266, Fax (800) 618-8883
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 2.0
4
Variable Voltage Gain Control Amplifier, 2.0 GHz
AM55-0023
5 mm FQFP-N - 20
Measurement (mm)
Min.
Nom.
Max.
A
0.80
0.90
1.00
A1
0
0.02
0.05
A2
0
0.65
1.00
A3
0.25 ref.
b
0.23
0.30
0.38
D
5.00 basic
D1
4.75 basic
D2
1.25
2.70
3.25
e
0.65 basic
E
5.00 basic
E1
4.75 basic
E2
1.25
2.70
3.25
L
0.35
0.55
0.75
Dim.
5 mm FQFP-N - 20
1
E2
20 x b
e
4 x e
L
e
4 x e
D2
D
E
E1
D1
A
A2
A1
A3
1. See JEDEC MO-220A VHHC for additional dimensional and
tolerance information
External Components
1, 2
Component
Value
L
68nH
C
100pF
1. See Operating Instructions for details on VDD pins.
2. Requires 6 external components.
VCTL2
VCTL1
RFIN
RFOUT
VDDA/B
L
C
VDDA/B
L
C
VDDA/B
L
C
Sample Board


Similar Part No. - AM55-0023TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AM55-0024 MACOM-AM55-0024 Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024 MACOM-AM55-0024 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
AM55-0024RTR MACOM-AM55-0024RTR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR MACOM-AM55-0024TR Datasheet
393Kb / 4P
   Hi Dyn Range 2 Channel IF Amp with Power Control, 100 - 400 MHz
AM55-0024TR-3000 MACOM-AM55-0024TR-3000 Datasheet
130Kb / 4P
   High Dynamic Range, 2 Channel IF Amplifier with Power Control 100 - 400 MHz
More results

Similar Description - AM55-0023TR

ManufacturerPart #DatasheetDescription
logo
Hittite Microwave Corpo...
HMC173MS8 HITTITE-HMC173MS8_01 Datasheet
108Kb / 6P
   GaAs MMIC VOLTAGE-VARIABLE ATTENUATOR, 0.8 - 2.0 GHz
logo
Tyco Electronics
MAAMML0018 MACOM-MAAMML0018 Datasheet
96Kb / 2P
   Variable Gain Control, X Band Connectorised Amplifier: 8 - 12 GHz
logo
M/A-COM Technology Solu...
MAAM-009320-V1 MA-COM-MAAM-009320-V1 Datasheet
306Kb / 11P
   Variable Gain Amplifier with Analog Control
MAAM-009320 MA-COM-MAAM-009320_15 Datasheet
873Kb / 12P
   Variable Gain Amplifier with Analog Control
logo
Analog Devices
AD8367S AD-AD8367S Datasheet
1Mb / 19P
   Variable Gain Amplifier with Automatic Gain Control Detector
logo
TriQuint Semiconductor
TQM8M9075 TRIQUINT-TQM8M9075 Datasheet
771Kb / 8P
   0.05?? GHz Digital Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
HBH Microwave GmbH
HA6007 HBH-HA6007 Datasheet
25Kb / 1P
   10.0 - 13.0 GHz Variable Gain Amplifier
logo
United Monolithic Semic...
CHA4861-QGG UMS-CHA4861-QGG_15 Datasheet
519Kb / 14P
   6-11 GHz Variable Gain Amplifier
logo
TriQuint Semiconductor
TQM8M9074 TRIQUINT-TQM8M9074_15 Datasheet
892Kb / 9P
   0.05 ??4 GHz Digital Variable Gain Amplifier
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com