Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMN6066SSS-13 Datasheet(PDF) 1 Page - Diodes Incorporated

Part # DMN6066SSS-13
Description  60V N-CHANNEL ENHANCEMENT MODE MOSFET
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMN6066SSS-13 Datasheet(HTML) 1 Page - Diodes Incorporated

  DMN6066SSS-13 Datasheet HTML 1Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 2Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 3Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 4Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 5Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 6Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 7Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 8Page - Diodes Incorporated DMN6066SSS-13 Datasheet HTML 9Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
DMN6066SSS
Document Number DS33047 Rev. 3 - 2
1 of 9
www.diodes.com
April 2015
© Diodes Incorporated
DMN6066SSS
60V N-CHANNEL ENHANCEMENT MODE MOSFET
Product Summary
V(BR)DSS
RDS(on)
ID
TA = +25°C
60V
66m
@ VGS = 10V
5.0A
97m
@ VGS = 4.5V
4.1A
Description and Applications
This MOSFET is designed to minimize the on-state resistance and yet
maintain superior switching performance, making it ideal for high
efficiency power management applications.
Motor Control
Backlighting
DC-DC Converters
Power Management Functions
Features and Benefits
Low on-resistance
Fast switching speed
Totally Lead-Free & Fully RoHS Compliant (Notes 1 & 2)
Halogen and Antimony Free. “Green” Device (Note 3)
Qualified to AEC-Q101 Standards for High Reliability
PPAP Capable (Note 4)
Mechanical Data
Case: SO-8
Case Material: Molded Plastic, “Green” Molding Compound.
UL Flammability Classification Rating 94V-0
Moisture Sensitivity: Level 1 per J-STD-020
Terminals Connections: See Diagram Below
Terminals: Finish – Tin Finish Annealed over Copper Leadframe.
Solderable per MIL-STD-202, Method 208
Weight: 0.074 grams (Approximate)
Ordering Information (Notes 4 & 5)
Part Number
Compliance
Case
Packaging
DMN6066SSS-13
Commercial
SO-8
2,500/Tape & Reel
DMN6066SSSQ-13
Automotive
SO-8
2,500/Tape & Reel
Notes:
1. No purposely added lead. Fully EU Directive 2002/95/EC (RoHS) & 2011/65/EU (RoHS 2) compliant.
2. See http://www.diodes.com/quality/lead_free.html for more information about Diodes Incorporated’s definitions of Halogen- and Antimony-free, "Green"
and Lead-free.
3. Halogen- and Antimony-free "Green” products are defined as those which contain <900ppm bromine, <900ppm chlorine (<1500ppm total Br + Cl) and
<1000ppm antimony compounds.
4. Automotive products are AEC-Q101 qualified and are PPAP capable. Automotive, AEC-Q101 and standard products are electrically and thermally the
same, except where specified. For more information, please refer to http://www.diodes.com/quality/product_grade_definitions/.
5. For packaging details, go to our website at http://www.diodes.com/products/packages.html.
Marking Information
Top View
D
S
G
Equivalent Circuit
Top View
SO-8
= Manufacturer’s Marking
N6066SS = Product Type Marking Code
YYWW = Date Code Marking
YY = Year (ex: 09 = 2009)
WW = Week (01 - 53)
N6066SS
YY
WW
SO-8


Similar Part No. - DMN6066SSS-13

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMN6066SSS-13 DIODES-DMN6066SSS-13 Datasheet
684Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
DS32110 Rev 1 - 2
More results

Similar Description - DMN6066SSS-13

ManufacturerPart #DatasheetDescription
logo
Zetex Semiconductors
ZXMN6A08E6 ZETEX-ZXMN6A08E6 Datasheet
850Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
ZXMN6A07F ZETEX-ZXMN6A07F Datasheet
1Mb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_14 Datasheet
155Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
2N7002W PANJIT-2N7002W_14 Datasheet
159Kb / 6P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
ZXMN6A08E6 DIODES-ZXMN6A08E6 Datasheet
657Kb / 8P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002FN3 PANJIT-2N7002FN3 Datasheet
96Kb / 3P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Taiwan Semiconductor Co...
TSM2N7002 TSC-TSM2N7002 Datasheet
129Kb / 3P
   60V N-Channel Enhancement Mode MOSFET
logo
Pan Jit International I...
PJP6000 PANJIT-PJP6000 Datasheet
127Kb / 4P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMN6040SVT-7 DIODES-DMN6040SVT-7 Datasheet
205Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
logo
Pan Jit International I...
2N7002DW PANJIT-2N7002DW_1 Datasheet
164Kb / 5P
   60V N-Channel Enhancement Mode MOSFET
logo
Diodes Incorporated
DMT69M8LSS DIODES-DMT69M8LSS_17 Datasheet
387Kb / 7P
   60V N-CHANNEL ENHANCEMENT MODE MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com