Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANCC-153A Datasheet(PDF) 2 Page - Tyco Electronics

Part # ANCC-153A
Description  PCS and WLAN Omni Antennas
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ANCC-153A Datasheet(HTML) 2 Page - Tyco Electronics

  ANCC-153A Datasheet HTML 1Page - Tyco Electronics ANCC-153A Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
PCS and WLAN Omni Antennas
ANCC-15x Series
V4.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific:
Tel. +85 2 2111 8088
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +85 2 2111 8087
Fax +44 (1344) 300 020
Specifications Subject to Change Without Notice.
OPTION B
OPTION A
.230
5.84
.230
5.84
.650
16.51
.650
16.51
.458
11.63
.563
14.30
'
.515
13.08
'
THRU, 2 PL
MOUNTING BRACKET
CONNECTOR
N MALE
.437-32NS-2B
HEX NUT
INTERNAL TOOTH
LOCK WASHER
FLAT WASHER
2.25
57.15
()
.38
9.65
()
1.25
31.75
()
1.50
38.1
()
.75 –.03
19.05 –.76
'
19.35 –.10
491.49 –2.54
12.00
304.80
()
.201
5.11
('
)
Mounting Instructions:
The antenna should be mounted free and clear of all
surrounding structures. Mount the antenna and tighten
all hardware.
Performance Note:
The performance of the antenna is established by the
local electrical environment. The performance listed in
this datasheet was measured in free space without a
groundplane or reflective material present. The
suitability of this type of antenna should be established
through testing and actual configuration of use.
Required Mounting
(without bracket)
MIN MOUNTING PANE THICKNESS .06
MAX MOUNTING THICKNESS .33
ANCC-153A
Sample Elevation Plane Radiation Patterns
Dimensions shown in inches over millimeters.
0
90
180
270
Azimuth Plane is omnidirectional within ± 1.5 dB.
ANCC-151A at 1920 MHz
ANCC-153A at 1920 MHz
0
90
180
270


Similar Part No. - ANCC-153A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ANC ARCH-ANC Datasheet
402Kb / 5P
   AC-DC Power Module
logo
Astrodyne Corporation
ANC-12D ASTRODYNE-ANC-12D Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ANC-12D ARCH-ANC-12D Datasheet
402Kb / 5P
   AC-DC Power Module
ANC-12D-DN ARCH-ANC-12D-DN Datasheet
152Kb / 3P
   AC-DC Switching Power Supply
More results

Similar Description - ANCC-153A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAWOD24 ETC1-PAWOD24 Datasheet
328Kb / 2P
   Vertically Polarized Omni Directional Antennas
logo
World Produts Inc.
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
   Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
logo
List of Unclassifed Man...
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
   Defense and Military Antennas
logo
PHOENIX CONTACT
106760 PHOENIX-106760 Datasheet
661Kb / 12P
   Mobile antennas and antenna cables
2019-06-05
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Texas Instruments
WL1835MODCOM8B TI1-WL1835MODCOM8B Datasheet
2Mb / 24P
[Old version datasheet]   WLAN MIMO and Bluetooth Module
logo
Laird Tech Smart Techno...
S57212AMP-51512 LSTD-S57212AMP-51512 Datasheet
551Kb / 1P
   CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
logo
TE Connectivity Ltd
7-1773452-8 TEC-7-1773452-8 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
logo
Molex Electronics Ltd.
987650-7461 MOLEX-987650-7461 Datasheet
611Kb / 2P
   Industrial, Scientific and Medical (ISM) Antennas
2019.01
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com