Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ANCC-154A Datasheet(PDF) 1 Page - Tyco Electronics

Part # ANCC-154A
Description  PCS and WLAN Omni Antennas
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

ANCC-154A Datasheet(HTML) 1 Page - Tyco Electronics

  ANCC-154A Datasheet HTML 1Page - Tyco Electronics ANCC-154A Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
PCS and WLAN Omni Antennas
V4.00
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel.
+85 2 2111 8088
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax
+85 2 2111 8087
Fax +44 (1344) 300 020
Specifications Subject to Change Without Notice.
Specifications
Features
Light Weight - Slim Profile
Patented Printed Circuit Technology
Watertight Ultrasonic and O-Ring Sealed
Groundplane Independent
Stainless Steel Hardware
Multiple pigtail lengths, radome colors and connector
options available
Description
M/A-COM’s Omni antennas are vertically polarized
collinear arrays utilizing a patented printed circuit
technology for the radiating elements. These rugged
antennas are housed in UV stable ultrasonically
bonded polycarbonate radomes. Installation is easy due
to the small footprint, mounting system, and our
convenient pigtail connection. Our Omni antennas are
groundplane independent and can be mounted in any
direction. Mounting bracket included.
Part No: ANCC-
151A
152A
153A
154A
155A
156A
Frequency (MHz)
1850-1990
1850-1990
1850-1990
2400-2500
2400-2500
2400-2500
Peak Gain (dBi)
4.2 Typical
5.6 Typical
6.7 Typical
4.5 Typical
6.0 Typical
7.0 Typical
Beamwidth - 3dB
40°
27°
22°
40°
27°
22°
Polarization - Linear
Vertical
Vertical
Vertical
Vertical
Vertical
Vertical
Nominal Impedance
50 Ohm
50 Ohm
50 Ohm
50 Ohm
50 Ohm
50 Ohm
VSWR
2.0:1 Max
2.0:1 Max
2.0:1 Max
2.0:1 Max
2.0:1 Max
2.0:1 Max
RF Power - Average
50 W
50 W
50 W
50 W
50 W
50 W
Weight
3.9 oz
4.3 oz.
4.7 oz.
3.5 oz
3.9 oz
4.3 oz
Length ± 0.125 in.
11.6
15.35
19.35
10.1
12.6
15.6
Diameter ± 0.015 in.
0.75
0.75
0.75
0.75
0.75
0.75
Temperature
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
-40°C to +85°C
Pigtail (RG - 58/U)
12” N-Male
12” N-Male
12” N-Male
12” N-Male
12” N-Male
12” N-Male
Color
Natural
Natural
Natural
Natural
Natural
Natural
q
q
q
q
q
q
How to Order: Select the appropriate option from the table above, and add “-S-12-NM” to the part number. For example, to order a 6.7 dBi anten-
na for use at 1920 MHz, the part number will be ANCC-153A-S-12-NM.
ANCC-15x Series


Similar Part No. - ANCC-154A

ManufacturerPart #DatasheetDescription
logo
Astrodyne Corporation
ANC ASTRODYNE-ANC Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ANC ARCH-ANC Datasheet
402Kb / 5P
   AC-DC Power Module
logo
Astrodyne Corporation
ANC-12D ASTRODYNE-ANC-12D Datasheet
252Kb / 3P
   15 Watt Ultraminiature Modular Switching Power Supplies
logo
Arch Electronics Corp.
ANC-12D ARCH-ANC-12D Datasheet
402Kb / 5P
   AC-DC Power Module
ANC-12D-DN ARCH-ANC-12D-DN Datasheet
152Kb / 3P
   AC-DC Switching Power Supply
More results

Similar Description - ANCC-154A

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
PAWOD24 ETC1-PAWOD24 Datasheet
328Kb / 2P
   Vertically Polarized Omni Directional Antennas
logo
World Produts Inc.
WPANT30127 WPI-WPANT30127 Datasheet
63Kb / 2P
   Omni-directional Antenna ??Wi-Fi / WLAN Dual-band
logo
List of Unclassifed Man...
MIL-STD-810F ETC2-MIL-STD-810F Datasheet
1Mb / 16P
   Defense and Military Antennas
logo
PHOENIX CONTACT
106760 PHOENIX-106760 Datasheet
661Kb / 12P
   Mobile antennas and antenna cables
2019-06-05
logo
Pulse A Technitrol Comp...
W1047 PULSE-W1047 Datasheet
158Kb / 5P
   ANTENNAS
logo
Texas Instruments
WL1835MODCOM8B TI1-WL1835MODCOM8B Datasheet
2Mb / 24P
[Old version datasheet]   WLAN MIMO and Bluetooth Module
logo
Laird Tech Smart Techno...
S57212AMP-51512 LSTD-S57212AMP-51512 Datasheet
551Kb / 1P
   CAMPUS AND IN-BUILDING DIRECTIONAL ANTENNAS
logo
TE Connectivity Ltd
7-1773452-8 TEC-7-1773452-8 Datasheet
9Mb / 18P
   STANDARD AND CUSTOM ANTENNAS FOR IOT
logo
Molex Electronics Ltd.
987650-7461 MOLEX-987650-7461 Datasheet
611Kb / 2P
   Industrial, Scientific and Medical (ISM) Antennas
2019.01
logo
Pulse A Technitrol Comp...
W5067 PULSE-W5067 Datasheet
490Kb / 7P
   Radome Omni ??Omni directional Antenna
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com