Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC4253A-ADJ Datasheet(PDF) 1 Page - Linear Technology

Part # LTC4253A-ADJ
Description  48V Hot Swap Controller with Sequencer
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LTC4253A-ADJ Datasheet(HTML) 1 Page - Linear Technology

  LTC4253A-ADJ_15 Datasheet HTML 1Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 2Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 3Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 4Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 5Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 6Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 7Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 8Page - Linear Technology LTC4253A-ADJ_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
LTC4253A-ADJ
1
4253a-adjf
The LTC®4253A-ADJ negative voltage Hot SwapTM con-
troller allows a board to be safely inserted and removed
from a live backplane. Output current is controlled by three
stages of current-limiting: a timed circuit breaker, active
current limiting and a fast feedforward path that limits
peak current under worst-case catastrophic fault condi-
tions. The LTC4253A-ADJ latches off after a circuit fault.
Undervoltage and overvoltage detectors with adjustable
thresholds and hystereses disconnect the load whenever
the input supply exceeds the desired operating range. The
LTC4253A-ADJ’s supply input is shunt-regulated, allowing
safe operation with very high supply voltages. A multifunc-
tion timer delays initial start-up and controls the circuit
breaker’s response time. The circuit breaker’s response
timecanbeacceleratedbysensingexcessiveMOSFETdrain
voltage. An adjustable soft-start circuit controls MOSFET
inrush current at start-up.
Three power good outputs can be sequenced to enable
external power modules at start-up or disable them if the
circuit breaker trips. The LTC4253A-ADJ is available in
20-pin SSOP and 20-pin (4mm
× 4mm) QFN packages.
–48V Distributed Power Systems
Negative Power Supply Control
Central Office Switching
High Availability Servers
Disk Arrays
Allows Safe Board Insertion and Removal from a
Live –48V Backplane
Floating Topology Permits Very High Voltage
Operation
Adjustable Analog Current Limit with Breaker Timer
Fast Response Time Limits Peak Fault Current
Adjustable Undervoltage/Overvoltage Protection
with
±1% Threshold Accuracy
Three Sequenced Power Good Outputs
Adjustable Soft-Start Current Limit
Adjustable Timer with Drain Voltage Accelerated
Response
Latchoff After Fault
Available in 20-Pin SSOP and 20-Pin (4mm
× 4mm)
QFN Packages
– 48V Hot Swap Controller
with Sequencer
–48V/2.5A Hot Swap Controller
FEATURES
DESCRIPTIO
APPLICATIO S
TYPICAL APPLICATIO
5.6k
5.6k
5.6k
PWRGD1
VIN
EN2 EN3
VIN
VEE
SEL
LTC4253A-ADJ
LOAD1
PWRGD2
PWRGD3
OV
OVL
DRAIN
SS
GATE
SQTIMER
SENSE
TIMER
EN
LOAD2
EN
LOAD3
EN
2.5k
15k(1/4W)/6
UV
RESET
UVL
4253A TA01
10
1M
0.02
IRF530S
*DIODES, INC.
MOC207
10nF
0.68
µF
0.1
µF
33nF
10nF
+
100
µF
0.536k
1%
B3100*
255k
1%
–48V A
–48V B
–48V RTN
–48V RTN
2.1k
1%
1.24k
1%
B3100*
20k
1%
1
µF
, LTC and LT are registered trademarks of Linear Technology Corporation.
Hot Swap is a trademark of Linear Technology Corporation. All other trademarks are the
property of their respective owners. Patent pending.
GATE
10V
SS
1V
SENSE
50mV
VOUT
50V
1ms/DIV
4253A TA01b
Start-Up Behavior
FOR INFORMATION PURPOSES ONLY
OBSOLETE:
Contact Linear Technology for Potential Replacement


Similar Part No. - LTC4253A-ADJ_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
More results

Similar Description - LTC4253A-ADJ_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC4253 LINER-LTC4253 Datasheet
337Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253A-ADJ LINER-LTC4253A-ADJ Datasheet
399Kb / 32P
   -48V Hot Swap Controller with Sequencer
LTC4253B LINER-LTC4253B_15 Datasheet
373Kb / 32P
   48V Hot Swap Controller with Sequencer
LTC4253 LINER-LTC4253_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
LTC4253A LINER-LTC4253A_15 Datasheet
389Kb / 34P
   48V Hot Swap Controllers with Sequencer
logo
Microchip Technology
MCP18480 MICROCHIP-MCP18480 Datasheet
871Kb / 64P
   -48V Hot Swap Controller
2003
MCP18480 MICROCHIP-MCP18480_13 Datasheet
651Kb / 64P
   -48V Hot Swap Controller
10/26/12
logo
Linear Technology
LT4250L LINER-LT4250L_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250H LINER-LT4250H_15 Datasheet
242Kb / 14P
   Negative 48V Hot Swap Controller
LT4250L LINER-LT4250L Datasheet
230Kb / 12P
   Negative 48V Hot Swap Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com