Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-103 Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT-103
Description  5-Bit Digital Attenuator 20 - 1000 MHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-103 Datasheet(HTML) 1 Page - Tyco Electronics

  AT-103 Datasheet HTML 1Page - Tyco Electronics AT-103 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
5-Bit Digital Attenuator
20 - 1000 MHz
AT-103
M/A-COM, Inc.
North America:
Tel. (800) 366-2266
s
Asia/Pacific: Tel. +81 (03) 3226-1671
s
Europe: Tel. +44 (1344) 869 595
Fax (800) 618-8883
Fax +81 (03) 3226-1451
Fax +44 (1344) 300 020
1
Specifications Subject to Change Without Notice.
V2.00
Features
Attenuation 0.5 dB Steps to 15.5 dB
CMOS Control Interface
Internal Latch on Control Input
Hermetic Case
PIN 1
PIN 13
0.600
(15.2)
0.14
(3.6
±0.5)
0.10
(2.5
±0.5)
0.80
(20.3
±0.5)
0.100 TYP
(2.4)
0.018
±0.005
(0.46
±0.13)
DIA 24 PINS
0.120 MIN
(3.0)
0.200 MAX
(5.1)
RF1
RF2
+V
C R 16 1 2 4 8
1.37
(34.8
±0.5)
q
q
q
q
DI-3
Guaranteed Specifications*
(From-55°C to +85°C)
Operating Characteristics
Ordering Information
Dimensions in ( ) are in mm.
Unless Otherwise Noted: .xxx = ±0.010 (.xx = ±0.25)
.xx = ±0.02 (.x = ±0.5)
WEIGHT (APPROX.): 0.39 OUNCES 11 GRAMS
MIL-STD-883 screening available.
1
2
3
4
5
6
7
8
9
10 - 12
13
14 - 23
24
+ 5V
GND
C
R
0.5
1
2
4
8
GND
RF2
GND
RF1
Pin Configuration
** All specifications apply when operated with bias voltage of +15 VDC
and a 50 ohm impedance at both RF ports.
** Above reference insertion loss.


Similar Part No. - AT-103

ManufacturerPart #DatasheetDescription
logo
Hirose Electric
AT-103 HIROSE-AT-103 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Projects Unlimited, Inc...
AT-1031-TT-R PUI-AT-1031-TT-R Datasheet
196Kb / 1P
   REVISED TO INVENTOR 3-D DRAWING TEMPLATE
logo
PUI audio inc.
AT-1031-TT-R PUIAUDIO-AT-1031-TT-R Datasheet
196Kb / 1P
   ALL DIMENSIONS ARE IN MILLIMETERS
More results

Similar Description - AT-103

ManufacturerPart #DatasheetDescription
logo
HBH Microwave GmbH
HT1001_SMD HBH-HT1001_SMD Datasheet
18Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
HT1001 HBH-HT1001 Datasheet
17Kb / 1P
   1 - 1000 MHz 5-BIT Digital Attenuator
logo
Teledyne Technologies I...
UTF0015 TELEDYNE-UTF0015 Datasheet
133Kb / 4P
   Attenuator 5 to 1000 MHz
logo
Tyco Electronics
MAATGM0004-DIE MACOM-MAATGM0004-DIE Datasheet
202Kb / 5P
   Attenuator, Digital, 5-Bit
logo
Spectrum Microwave, Inc...
TAD2104 SPECTRUM-TAD2104 Datasheet
559Kb / 1P
   5 Bit Digital Attenuator
TAD5008 SPECTRUM-TAD5008 Datasheet
186Kb / 1P
   5 Bit Digital Attenuator
TAD6005 SPECTRUM-TAD6005 Datasheet
190Kb / 1P
   5 Bit Digital Attenuator
logo
M/A-COM Technology Solu...
MAATSS0001 MA-COM-MAATSS0001 Datasheet
143Kb / 5P
   Digital Attenuator, 5-Bit, 15.5 dB 400 - 2500 MHz
MAADSS0010 MA-COM-MAADSS0010 Datasheet
135Kb / 5P
   Digital Attenuator, 5-Bit, 31 dB 400 - 2500 MHz
logo
Tyco Electronics
MAATSS0022 MACOM-MAATSS0022 Datasheet
130Kb / 4P
   Digital Attenuator, 5-Bit, 15.5 dB 500 - 2500 MHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com