Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CMUT5551E Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # CMUT5551E
Description  SURFACE MOUNT NPN SILICON TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

CMUT5551E Datasheet(HTML) 2 Page - Central Semiconductor Corp

  CMUT5551E_15 Datasheet HTML 1Page - Central Semiconductor Corp CMUT5551E_15 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
CMUT5551E
ENHANCED SPECIFICATION
SURFACE MOUNT
NPN SILICON TRANSISTOR
ELECTRICAL CHARACTERISTICS - Continued: (TA=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
hFE
VCE=5.0V, IC=1.0mA
120
hFE
VCE=5.0V, IC=10mA
120
300
hFE
VCE=5.0V, IC=50mA
75
hFE
VCE=10V, IC=150mA
25
fT
VCE=10V, IC=10mA, f=100MHz
100
300
MHz
Cob
VCB=10V, IE=0, f=1.0MHz
6.0
pF
Cib
VEB=0.5V, IC=0, f=1.0MHz
20
pF
hfe
VCE=10V, IC=1.0mA, f=1.0kHz
50
200
NF
VCE=5.0V, IC=200μA, RS=10Ω,
f=10Hz to 15.7kHz
8.0
dB
♦ Enhanced Specification
LEAD CODE:
1) Base
2) Emitter
3) Collector
MARKING CODE: 5C1
SOT-523 CASE - MECHANICAL OUTLINE
(Bottom View)
www.centr a lsemi.com
R1 (9-February 2010)


Similar Part No. - CMUT5551E_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CMUT5551E CENTRAL-CMUT5551E Datasheet
144Kb / 2P
   ENHANCED SPECIFICATION SURFACE MOUNT NPN SILICON TRANSISTOR
More results

Similar Description - CMUT5551E_15

ManufacturerPart #DatasheetDescription
logo
Central Semiconductor C...
CXT2222A CENTRAL-CXT2222A Datasheet
103Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CXT491E CENTRAL-CXT491E Datasheet
73Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846 CENTRAL-BC846 Datasheet
345Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BC846W CENTRAL-BC846W Datasheet
422Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW31 CENTRAL-BCW31 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CTLT8099-M322S_1210 CENTRAL-CTLT8099-M322S_1210 Datasheet
505Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
BCW65 CENTRAL-BCW65_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMPT5551 CENTRAL-CMPT5551_15 Datasheet
328Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CMUT2222A CENTRAL-CMUT2222A_15 Datasheet
349Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT2222A CENTRAL-CZT2222A_10 Datasheet
534Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
CZT3019 CENTRAL-CZT3019_10 Datasheet
535Kb / 2P
   SURFACE MOUNT NPN SILICON TRANSISTOR
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com