Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-108TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT-108TR
Description  Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-108TR Datasheet(HTML) 1 Page - Tyco Electronics

  AT-108TR Datasheet HTML 1Page - Tyco Electronics AT-108TR Datasheet HTML 2Page - Tyco Electronics AT-108TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Features
• Single Positive Voltage Control 0 to +5 Volts
• 40 dB Attenuation Range at 900 MHZ GHz
• ± 2 dB Linearity from BSL
• Low DC Power Consumption
• Low-Cost SOIC-8 Plastic Package
• Tape and Reel Packaging Available
SOIC-8
1
Electrical Specifications: TA = 25°C
1====
Description
M/A-COM’s AT-108 is a GaAs, MESFET MMIC voltage
variable absorptive attenuator in a low cost SOIC-8 lead surface
mount plastic package. The AT-108 is ideally suited for use
where linear attenuation fine tuning and very low power
consumption are required. Typical applications include radio,
cellular, GPS equipment and automatic gain/level control
circuits.
The AT-108 is fabricated with a monolithic GaAs MMIC using
a mature 1-micron process.
The process features full chip
passivation for increased performance and reliability.
Ordering Information
Part Number
Package
AT-108
SOIC-8 Lead Plastic Package
AT-108TR
Forward Tape and Reel
1
AT-108RTR
Reverse Tape and Reel
1
Parameter
Test Conditions
1
Units
Min.
Typ.
Max.
Insertion Loss
0.5 - 1.0 GHz
dB
2.5
2.7
1.0 - 3.0 GHz
dB
3.2
3.5
Attenuation
0.5 - 1.0 GHz
dB
40
1.0 - 2.0 GHz
dB
35
2.0 - 3.0 GHz
dB
28
Flatness
0.5 - 1.0 GHz
dB
±0.5
±0.8
(Peak-to-Peak)
1.0 - 2.0 GHz
dB
±1.2
±1.5
2.0 - 3.0 GHz
dB
±1.5
±1.8
VSWR
0.5 - 3.0 GHz
2:1
Trise, Tfall
10% to 90% RF, 90% to 10% RF
µs
15
Ton, Toff
50% Control to 90% RF, Control to 10% RF
µs
25
Transients
In-band
mV
12
1.
All measurements in a 50
Ω system.
1. If specific reel size is required, consult factory for part number
assignment.
(.19/.25)
CHAMFER
(OPTIONAL
)
(0.40/1.27)
.016/.050
0°/80°
-B-
BSC.
-C-
-A-
.010(.25)
C A
B
M
M
S
.050(1.27)
Oreintation
Mark
.1497/.1574
(3.80/4.00)
M
M B
.010(.25)
.2284/.2440
(5.80/6.20)
.0532/.0688
(1.35/1.75)
.004(0.10)
.0075/.0098
PIN 8
PIN 1
.013/.020 (8
PL)
(.33/.51)
.0040/.0098
(.10/.25)
.1890/.1968
(4.80/5.00)
1. Dimensions are in inches/mm.
AT-108
Voltage Variable Absorptive Attenuator
Voltage Variable Absorptive Attenuator
Voltage Variable Absorptive Attenuator
Voltage Variable Absorptive Attenuator
40 dB, 0.5
40 dB, 0.5
40 dB, 0.5
40 dB, 0.5—
—3.0 GHz
3.0 GHz
3.0 GHz
3.0 GHz
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0


Similar Part No. - AT-108TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-108TR MACOM-AT-108TR Datasheet
203Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
AT-108TR MA-COM-AT-108TR Datasheet
120Kb / 4P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
More results

Similar Description - AT-108TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
MAAVSS0007 MACOM-MAAVSS0007 Datasheet
206Kb / 4P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5-3.0 GHz
logo
M/A-COM Technology Solu...
AT-108 MA-COM-AT-108 Datasheet
120Kb / 4P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
   Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 3.0 GHz
logo
Tyco Electronics
AT-108 MACOM-AT-108_1 Datasheet
203Kb / 4P
   Voltage Variable Absorptive Attenuator, 40dB 0.5 - 3.0 GHz
logo
M/A-COM Technology Solu...
AT-113 MA-COM-AT-113 Datasheet
80Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
AT-113 MACOM-AT-113 Datasheet
50Kb / 3P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
MAAV-008022 MA-COM-MAAV-008022 Datasheet
81Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5 - 2.0 GHz
logo
Tyco Electronics
MAAV-008022 MACOM-MAAV-008022 Datasheet
93Kb / 4P
   3 Volt Voltage Variable Absorptive Attenuator 40 dB, 0.5-2.0 GHz
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
   Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
logo
M/A-COM Technology Solu...
AT-109 MA-COM-AT-109 Datasheet
83Kb / 3P
   Voltage Variable Absorptive Attenuator 35 dB, 0.5 - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com