Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

SCS500V Datasheet(PDF) 2 Page - WILLAS ELECTRONIC CORP

Part # SCS500V
Description  0.1A Surface Mount Schokky Diode-40V
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WILLAS [WILLAS ELECTRONIC CORP]
Direct Link  http://www.willas.com.tw
Logo WILLAS - WILLAS ELECTRONIC CORP

SCS500V Datasheet(HTML) 2 Page - WILLAS ELECTRONIC CORP

  SCS500V Datasheet HTML 1Page - WILLAS ELECTRONIC CORP SCS500V Datasheet HTML 2Page - WILLAS ELECTRONIC CORP SCS500V Datasheet HTML 3Page - WILLAS ELECTRONIC CORP SCS500V Datasheet HTML 4Page - WILLAS ELECTRONIC CORP  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
Electrical characteristic curves (Ta = 25°C)
0
0.1
1000
1
10
100
FORWARD VOLTAGE : VF (V)
0.1
0.2
0.3
0.4
0.5
0.6
0.7
Fig. 1 Forward characteristics
0
REVERSE VOLTAGE : VR (V)
0.01
0.1
1
10
100
1000
10000
40
10
20
30
Fig. 2 Reverse characteristics
125°C
75°C
25°C
0
0
20
40
60
80
100
25
50
75
100
125
AMBIENT TEMPERATURE : Ta (°C)
Fig. 4 Derating curve
(mounting on glass epoxy PCBs)
2012-11
WILLAS ELECTRONIC CORP.
0
10
1
100
5
101520253035
REVERSE VOLTAGE : VR (V)
Fig. 3 Capacitance between
terminals characteristics
0.1 A Surface Mount Schokky Diode - 40 V
SCS500V


Similar Part No. - SCS500V

ManufacturerPart #DatasheetDescription
logo
CHENG-YI ELECTRONIC CO....
SCS500V CHENG-YI-SCS500V Datasheet
407Kb / 2P
   0.1AMP Schottky Barrier Rectifiers
logo
SeCoS Halbleitertechnol...
SCS500V-40 SECOS-SCS500V-40 Datasheet
1Mb / 2P
   VOLTAGE 40V 0.1AMP Schottky Barrier Rectifiers
SCS500V SECOS-SCS500V_15 Datasheet
196Kb / 2P
   0.1 Amp Schottky Barrier Rectifiers
More results

Similar Description - SCS500V

ManufacturerPart #DatasheetDescription
logo
GTM CORPORATION
G420SD GTM-G420SD Datasheet
239Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G421SD GTM-G421SD Datasheet
226Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
G425SD GTM-G425SD Datasheet
227Kb / 2P
   SURFACE MOUNT, SCHOTTKY BARRIER DIODE VOLTAGE 40V, CURRENT 0.1A
logo
SeCoS Halbleitertechnol...
SCS480K SECOS-SCS480K Datasheet
55Kb / 1P
   0.1A , 40V Surface Mount Schottky Barrier Rectifiers
SCS400S SECOS-SCS400S_11 Datasheet
152Kb / 2P
   0.1A , 100V Surface Mount Switching Diode
logo
Nihon Inter Electronics...
C20T06Q NIEC-C20T06Q Datasheet
54Kb / 6P
   Schokky Barrier Diode
logo
SeCoS Halbleitertechnol...
SCS204F SECOS-SCS204F Datasheet
494Kb / 2P
   Voltage 20V, Current 0.1A Surface Mount, Switching Diode
logo
Diodes Incorporated
ZHCS350Q DIODES-ZHCS350Q Datasheet
348Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
May 2020 Rev. 3 - 2
ZHCS400Q DIODES-ZHCS400Q Datasheet
387Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
ZLLS400Q DIODES-ZLLS400Q Datasheet
512Kb / 6P
   40V SURFACE MOUNT SCHOTTKY BARRIER DIODE
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com