Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-118 Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT-118
Description  Voltage Variable Absorptive Attenuator
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-118 Datasheet(HTML) 3 Page - Tyco Electronics

  AT-118 Datasheet HTML 1Page - Tyco Electronics AT-118 Datasheet HTML 2Page - Tyco Electronics AT-118 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
North America: Tel. (800) 366-2266, Fax (800) 618-8883
Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Specifications subject to change without notice.
Visit www.macom.com for additional data sheets and product information.
V 4.0
0
2
4
6
8
10
12
14
16
00.511.522.5
3
CONTROL VOLTAGE
500 MHz
900 MHz
-25
-20
-15
-10
-5
0
0
0.5
1
1.5
2
2.5
3
CONTROL VOLTAGE
INPUT
OUTPUT
F = 900 MHz
0
5
10
15
20
25
30
35
00.511.5
22.5
3
CONTROL VOLTAGE
500 MHz
900 MHz
-1
-0.8
-0.6
-0.4
-0.2
0
0.2
0.4
0.6
0.8
1
00.5
11.5
22.5
3
CONTROL VOLTAGE
+ 85C
- 40C
Typical Performance Curves (Cont’d)
Attenuation vs. Temperature Normalized to
+25°C
IP3 vs. Control Voltage
Return Loss vs. Control Voltage
1 dB Compression vs. Control Voltage
CONTROL VOLTAGE (Volts)
CONTROL VOLTAGE (Volts)
CONTROL VOLTAGE (Volts)
CONTROL VOLTAGE (Volts)
Voltage Variable Absorptive Attenuator
AT-118
3


Similar Part No. - AT-118

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AT-11 ETC-AT-11 Datasheet
229Kb / 15P
   AT-11 Automatic Antenna Tuner
logo
Tyco Electronics
AT-110 MACOM-AT-110 Datasheet
112Kb / 3P
   Voltage Variable Absorptive Attenuator, 30 dB 0.5 - 2 GHz
logo
Hirose Electric
AT-110 HIROSE-AT-110 Datasheet
64Kb / 3P
   Fixed Attenuators (SMA Type)
logo
Tyco Electronics
AT-110 MACOM-AT-110 Datasheet
173Kb / 3P
   Voltage Variable Absorptive Attenuator, 30dB 0.5 - 2.0 GHz
logo
M/A-COM Technology Solu...
AT-110 MA-COM-AT-110 Datasheet
105Kb / 3P
   Voltage Variable Absorptive Attenuator 30 dB, 0.5 - 2.0 GHz
More results

Similar Description - AT-118

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAV-007941 MA-COM-MAAV-007941_15 Datasheet
538Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0004 MA-COM-MAAVSS0004_15 Datasheet
548Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0008 MA-COM-MAAVSS0008_15 Datasheet
595Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAV-007941 MA-COM-MAAV-007941 Datasheet
70Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0007 MA-COM-MAAVSS0007 Datasheet
123Kb / 4P
   Voltage Variable Absorptive Attenuator
AT10-0009 MA-COM-AT10-0009_15 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator
AT10-0017 MA-COM-AT10-0017_15 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator
MAAVSS0007 MA-COM-MAAVSS0007_15 Datasheet
654Kb / 5P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com