Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CXL04GP3 Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # CXL04GP3
Description  High Performance, 1-Axis and 3-Axis Accelerometers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

CXL04GP3 Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  CXL04GP3 Datasheet HTML 1Page - List of Unclassifed Manufacturers CXL04GP3 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
MEMSIC Inc.
San Jose, California
www .memsic.co m
6020-0114-03 Rev B
Ordering Information
Notes
1-3dB,DCcoupledsensor
Non-linearityisthedeviationfromabestfitstraightlineatfullscale.Transversesensitivityiserrormeasuredintheprimaryaxisoutputcreated
byforcesinducedintheorthogonalaxis.Transversesensitivityerrorisprimarilyduetotheeffectsofmisalignment.Zerogdriftisspecifiedasthe
typicalchangein0glevelfromitsinitialvalueat+25°CtoitsworstcasevalueatTminorTmax.Specificationssubjecttochangewithoutnotice.
CXL04GP1
CXL10GP1
CXL25GP1
Specifications
CXL04GP1Z
CXL10GP1Z
CXL25GP1Z
Remarks
CXL04GP3
CXL10GP3
CXL25GP3
Performance
InputRange(g)
±4
±10
±25
±5%
ZerogDrift(g)
±0.1
±0.3
±0.5
0°Cto70°C
Sensitivity(mV/g)
500±15
200±5
80±2
TransverseSensitivity(%Span)
±5
±5
±5
Non-Linearity(%FS)
±0.2
±0.2
±0.2
typical
AlignmentError(deg)
±2
±2
±2
typical
Noise(mgrms)
10
35
35
typical
Bandwidth(Hz)1
DC-100
DC-100
DC-100
Environment
OperatingTemp.Range(°C)
-40to+85
-40to+85
-40to+85
OperatingTemp.Range-AL(°C)
-40to+105
-40to+105
-40to+105
Shock(g)
2000
2000
2000
Electrical
SupplyVoltage(Volts)
+4.9to5.5
+4.9to5.5
+4.9to5.5
SupplyVoltage-Roption(Volts)
+5.5to36
+5.5to36
+5.5to36
SupplyCurrent(mA)
1/axis
3/axis
3/axis
typical
ZerogOutput(Volts)
+2.375±0.1
+2.375±0.1
+2.375±0.1
@25°C
SpanOutput(Volts)
±2.0±0.1
±2.0±0.1
±2.0±0.1
OutputLoading
>2.0<2nF
>2.0<2nF
>2.0<2nF
Physical
Standardpackage
Size(in)
0.78x1.75x1.07
0.78x1.75x1.07
0.78x1.75x1.07
(cm)
1.98x4.45x2.72
1.98x4.45x2.72
1.98x4.45x2.72
Weight
1.62oz(46gm)
1.62oz(46gm)
1.62oz(46gm)
Aluminumpackage(-ALoption)
Size(in)
0.95x2.00x1.20
0.95x2.00x1.20
0.95x2.00x1.20
(cm)
2.41x5.08x3.05
2.41x5.08x3.05
2.41x5.08x3.05
Weight
2.40oz(68gm)
2.40oz(68gm)
2.40oz(68gm)
Pin
Color
Function
1
Red
PowerIn
2
Black
Ground
3
White
X-axisOut
4
Yellow
Y-axisOut
5
Green
Z-axisOut
PinDiagram
HighTemperaturePackage
HighTemperaturePackageDimensions
Span
Sensitivity Noise (mg
Bandwidth
Model
Axes
(g)
(m V/g)
rms)
(Hz)
CXL04GP1
X
±4
500
10
DC-100
CXL04GP1Z
Z
±4
500
10
DC-100
CXL04GP3
TRI
±4
500
10
DC-100
CXL10GP1
X
±10
200
25
DC-100
CXL10GP1Z
Z
±10
200
25
DC-100
CXL10GP3
TRI
±10
200
25
DC-100
CXL25GP1
X
±25
80
25
DC-100
CXL25GP1Z
Z
±25
80
25
DC-100
CXL25GP3
TRI
±25
80
25
DC-100
OPTIONS
-R
VoltageRegulator,5.5–36VDCinput.(AvailableinGP3modelsonly.)
-AL
HighTemperaturePackage.OperatingTemperatureRange(°C):-40to+105.
(AvailableinGP3modelsonly.)


Similar Part No. - CXL04GP3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   Small, Low-Cost
More results

Similar Description - CXL04GP3

ManufacturerPart #DatasheetDescription
logo
Willow Technologies Ltd
CXL10GP3 WILLOW-CXL10GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1 WILLOW-CXL25GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP1Z WILLOW-CXL04GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP3 WILLOW-CXL25GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1 WILLOW-CXL10GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP1 WILLOW-CXL04GP1 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL04GP3 WILLOW-CXL04GP3 Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL10GP1Z WILLOW-CXL10GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
CXL25GP1Z WILLOW-CXL25GP1Z Datasheet
435Kb / 2P
   High Performance, 1-Axis and 3-Axis Accelerometers
logo
Analog Devices
ADXL78 AD-ADXL78 Datasheet
190Kb / 12P
   Single-Axis, High-g, iMEMS Accelerometers
REV. A
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com