Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSL-6WH-LS Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PSL-6WH-LS
Description  Laminated Steel Padlocks
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-6WH-LS Datasheet(HTML) 1 Page - PANDUIT CORP.

  PSL-6WH-LS Datasheet HTML 1Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
For technical assistance in the U.S., call 866-405-6654 (outside the U.S., see inside back cover for directory)
ELECTRICAL SOLUTIONS
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
Laminated Steel Padlocks
• Standard locks are keyed differently – each padlock is supplied
with two keys
• Hardened steel shackle with double-ball locking mechanism
provides protection from cutting, prying, and rusting
• Available in six vinyl bumper colors for quick visual
color identification
• Padlocks can be ordered with various keying options
(keyed-alike and master-keyed)
• Galvanized layer design provides corrosion resistance in
harsh environments
These locks are not suitable for custom engraving.
See Custom Lock Options on page E5.12 and Order Form on page E5.43.
Lockout Hasps
• Energy sources can be locked out quickly and easily by more than
one worker for group lockout applications
• Heavy duty hasps with tamper-resistant designs to deter vandalism
• Variety of lockout hasp styles and sizes to accommodate a wide
range of lockout applications
Part Number
Part Description
Max.
No.
Locks
Std.
Pkg.
Qty.
Std.
Ctn.
Qty.
PSL-MLD
Multiple lockout device; includes lockout hasp and 6.0'
(1.8m) vinyl coated galvanized steel cable with loophole.
61
20
PSL-MLDH-X
Multiple lockout device (hasp only).
6
10
PSL-1
Hasp with 1.00" (25.40mm) diameter jaw and overlapping tabs.
6
12
144
PSL-1.5
Hasp with 1.50" (38.10mm) diameter jaw and overlapping tabs.
6
12
144
PSL-1A
Hasp with 1.00" (25.40mm) diameter jaw.
6
12
144
PSL-1.5A
Hasp with 1.50" (38.10mm) diameter jaw.
6
12
48
PSL-HD1
Heavy duty hasp with 1.00" x 1.00"
(25.40mm x 25.40mm) clearance.
512
PSL-HD2.4
Heavy duty hasp with 1.00" x 2.40"
(25.40mm x 60.00mm) clearance.
512
PSL-HD3
Heavy duty hasp with 1.00" x 3.00"
(25.40mm x 76.00mm) clearance.
712
PSL-MLD
PSL-1
PSL-1.5
PSL-1A
PSL-HD1
PSL-HD3
PSL-1.5A
Part Number
Color
Std.
Pkg.
Qty.
Short shackle – .75" (19.3mm)
PSL-6
Red
1
PSL-6BL
Black
1
PSL-6BU
Blue
1
PSL-6GR
Green
1
PSL-6WH
White
1
PSL-6YL
Yellow
1
Long shackle – 2.00" (46.8mm)
PSL-6-LS
Red
1
PSL-6BL-LS
Black
1
PSL-6BU-LS
Blue
1
PSL-6GR-LS
Green
1
PSL-6WH-LS
White
1
PSL-6YL-LS
Yellow
1


Similar Part No. - PSL-6WH-LS

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-20 WABASH-PSL-012-20 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSL-6WH-LS

ManufacturerPart #DatasheetDescription
logo
PANDUIT CORP.
PSL-8 PANDUIT-PSL-8 Datasheet
64Kb / 2P
   Non-Conductive Lockout Padlocks
logo
Pulse A Technitrol Comp...
030-7257-0 PULSE-030-7257-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7273-0 PULSE-030-7273-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7275-0 PULSE-030-7275-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7277-0 PULSE-030-7277-0 Datasheet
73Kb / 1P
   LAMINATED TRANSFORMERS
030-7292-0 PULSE-030-7292-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7293-0 PULSE-030-7293-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7311-0 PULSE-030-7311-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7313-0 PULSE-030-7313-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
030-7314-0 PULSE-030-7314-0 Datasheet
61Kb / 1P
   LAMINATED TRANSFORMERS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com