Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PSL-7YL Datasheet(PDF) 1 Page - PANDUIT CORP.

Part # PSL-7YL
Description  Non-Conductive Lockout Padlocks
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANDUIT [PANDUIT CORP.]
Direct Link  http://www.panduit.com
Logo PANDUIT - PANDUIT CORP.

PSL-7YL Datasheet(HTML) 1 Page - PANDUIT CORP.

  PSL-7YL Datasheet HTML 1Page - PANDUIT CORP. PSL-7YL Datasheet HTML 2Page - PANDUIT CORP.  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
High Security Padlocks
• Solid aluminum body with anodized aluminum finish provides
improved durability and corrosion resistance
• Available in six assorted colors for quick visual color identification
• Padlocks can be ordered with various keying options
(keyed-alike and master-keyed)
• Six-pin cylinder design allows for a large number of key
change options
These locks can be ordered with various keying options (keyed-alike or master-keyed) and custom engraved.
See Custom Lock Options on page E5.12 and Order Form on page E5.43.
Non-Conductive Lockout Padlocks
• Non-conductive lock body and shackle provide protection against
electrical hazards
• Available in six assorted colors for quick visual color identification
• Padlocks can be ordered with various keying options
(keyed-alike and master-keyed)
• Key-retention feature means that key cannot be removed from
padlock when open
• Six-pin cylinder design allows for a large number of key options
ELECTRICAL SOLUTIONS
Order number of pieces required, in multiples of Standard Package Quantity.
Prime items appear in BOLD.
B2.
Cable
Accessories
C1.
Wiring
Duct
C3.
Abrasion
Protection
C4.
Cable
Management
D1.
Terminals
D2.
Power
Connectors
E1.
Labeling
Systems
E2.
Labels
E3.
Pre-Printed
& Write-On
Markers
F.
Index
B3.
Stainless
Steel Ties
C2.
Surface
Raceway
E5.
Lockout/
Tagout
& Safety
Solutions
B1.
Cable Ties
A.
System
Overview
D3.
Grounding
Connectors
E4.
Permanent
Identification
These locks can be master keyed or keyed alike. These locks can also be custom engraved.
See Custom Lock Options on page E5.12 and Order Form on page E5.43.
Part Number
Color
Std.
Pkg.
Qty.
Short shackle – 1.00" (25.4mm)
PSL-7
Red
1
PSL-7BL
Black
1
PSL-7BU
Blue
1
PSL-7GR
Green
1
PSL-7OR
Orange
1
PSL-7YL
Yellow
1
PSL-7BR
Brown
1
PSL-7PU
Purple
1
Long shackle – 3.00" (76.2mm)
PSL-7-LS
Red
1
PSL-7BL-LS
Black
1
PSL-7BU-LS
Blue
1
PSL-7GR-LS
Green
1
PSL-7OR-LS
Orange
1
PSL-7YL-LS
Yellow
1
PSL-7BR-LS
Brown
1
PSL-7PU-LS
Purple
1
Part Number
Color
Std.
Pkg.
Qty.
PSL-8
Red
1
PSL-8BL
Black
1
PSL-8BU
Blue
1
PSL-8GR
Green
1
PSL-8OR
Orange
1
PSL-8YL
Yellow
1
PSL-8BR
Brown
1
PSL-8PU
Purple
1
Part Number
Part Description
Std.
Pkg.
Qty.
PSL-8-LABEL
Package of 20 replacement labels for PSL-8 padlocks.
1


Similar Part No. - PSL-7YL

ManufacturerPart #DatasheetDescription
logo
Wabash Transformer Inc.
PSL-012-10 WABASH-PSL-012-10 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-120 WABASH-PSL-012-120 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-126 WABASH-PSL-012-126 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-16 WABASH-PSL-012-16 Datasheet
638Kb / 3P
   The Compact Power Transformer
PSL-012-20 WABASH-PSL-012-20 Datasheet
638Kb / 3P
   The Compact Power Transformer
More results

Similar Description - PSL-7YL

ManufacturerPart #DatasheetDescription
logo
Laird Tech Smart Techno...
NCE250 LSTD-NCE250 Datasheet
398Kb / 1P
   Non-conductive
logo
Anaren Microwave
PD6080J5050S2HF ANAREN-PD6080J5050S2HF Datasheet
368Kb / 5P
   Non-conductive Surface
X0060L7575AHF ANAREN-X0060L7575AHF Datasheet
181Kb / 4P
   Non-conductive Surface
logo
PANDUIT CORP.
PSL-6 PANDUIT-PSL-6 Datasheet
73Kb / 1P
   Laminated Steel Padlocks
logo
STMicroelectronics
STIPN2M50-H STMICROELECTRONICS-STIPN2M50-H Datasheet
990Kb / 21P
   Undervoltage lockout
February 2017 Rev 4
logo
List of Unclassifed Man...
PC93-20-5-2 ETC2-PC93-20-5-2 Datasheet
615Kb / 1P
   Non-Silicone Thermal Conductive Pad
logo
STMicroelectronics
STIPN2M50T-HL STMICROELECTRONICS-STIPN2M50T-HL Datasheet
1,003Kb / 23P
   Undervoltage lockout
February 2017 Rev 4
STGIPS10C60T-H STMICROELECTRONICS-STGIPS10C60T-H Datasheet
635Kb / 19P
   Undervoltage lockout
April 2015 Rev 2
STGIPS14K60T-H STMICROELECTRONICS-STGIPS14K60T-H Datasheet
678Kb / 19P
   Undervoltage lockout
April 2015 Rev 3
STGIPS20C60-H STMICROELECTRONICS-STGIPS20C60-H Datasheet
791Kb / 20P
   Undervoltage lockout
April 2015 Rev 4
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com