Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1HC500EFJ-C Datasheet(PDF) 6 Page - Rohm

Part # BD1HC500EFJ-C
Description  1ch High-side switch
Download  21 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1HC500EFJ-C Datasheet(HTML) 6 Page - Rohm

Back Button BD1HC500EFJ-C Datasheet HTML 2Page - Rohm BD1HC500EFJ-C Datasheet HTML 3Page - Rohm BD1HC500EFJ-C Datasheet HTML 4Page - Rohm BD1HC500EFJ-C Datasheet HTML 5Page - Rohm BD1HC500EFJ-C Datasheet HTML 6Page - Rohm BD1HC500EFJ-C Datasheet HTML 7Page - Rohm BD1HC500EFJ-C Datasheet HTML 8Page - Rohm BD1HC500EFJ-C Datasheet HTML 9Page - Rohm BD1HC500EFJ-C Datasheet HTML 10Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 21 page
background image
Datasheet
Datasheet
6/18
BD1Hx500 Series
TSZ02201-0G3G0BD00070-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.15 Rev.002
www.rohm.com
TSZ22111・15・001
Measuring circuit
Figure 3. Switching time measuring circuit
Figure 2. RON measuring circuit
Figure 4. Output clamp voltage measuring circuit
Figure 5. Open Load Detection threshold
measuring circuit
VDD
OUT
IN
GND
RL=47Ω
VIN=0V/5V
VDD=12V
VOUT
VDD
OUT
IN
GND
IOUT=0.25A
VIN=5V
VDD=12V
RDS(ON)=(VDD-VOUT)/IOUT
VDD
OUT
IN
GND
IOUT=100mA
VDD=12V
VCL
VDD
ST
IN
OUT
GND
100kΩ
5V
VDD=12V
Rext
VST
Vopen
5V to 0V


Similar Part No. - BD1HC500EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BD1HC500EFJ-CE2 ROHM-BD1HC500EFJ-CE2 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
More results

Similar Description - BD1HC500EFJ-C

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
BD1HX500 ROHM-BD1HX500_V01 Datasheet
1Mb / 21P
   1ch High-side switch
2022.05.10 Rev.004
BV1HD090FJ-C ROHM-BV1HD090FJ-C Datasheet
1Mb / 23P
   1ch High-side Switch IC
27.Dec2016 Rev.001
BUS1DJC0GWZ ROHM-BUS1DJC0GWZ Datasheet
669Kb / 23P
   1ch Ultra Small High Side Load Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BD2220G-LB ROHM-BD2220G-LB Datasheet
549Kb / 24P
   1ch Small Package High Side Switch ICs
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BD2222G ROHM-BD2222G Datasheet
764Kb / 30P
   1ch Adjustable Current Limit High Side Switch ICs
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com