Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1LB500 Datasheet(PDF) 8 Page - Rohm

Part # BD1LB500
Description  In-Vehicle 1ch Low Side Switch
Download  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1LB500 Datasheet(HTML) 8 Page - Rohm

Back Button BD1LB500 Datasheet HTML 4Page - Rohm BD1LB500 Datasheet HTML 5Page - Rohm BD1LB500 Datasheet HTML 6Page - Rohm BD1LB500 Datasheet HTML 7Page - Rohm BD1LB500 Datasheet HTML 8Page - Rohm BD1LB500 Datasheet HTML 9Page - Rohm BD1LB500 Datasheet HTML 10Page - Rohm BD1LB500 Datasheet HTML 11Page - Rohm BD1LB500 Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 19 page
background image
Datasheet
Datasheet
8/16
BD1LB500 Series
TSZ02201-0G3G0BD00040-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.04.01 Rev.006
www.rohm.co.jp
TSZ22111・15・001
Characteristic Data (Reference Data) (VDD=5V, IN=5V, Tj=25°C unless otherwise is specified)
Figure 6. Output ON Resistance Characteristic
[Temperature Characteristic]
Figure 7. Output ON Resistance Characteristic
[Source Voltage Characteristic]
Figure 8. Standby Current Characteristic
[Source Voltage Characteristic]
Figure 9. Input Current Characteristic
[Input Voltage Characteristic]
0
100
200
300
400
500
600
700
800
-50
-25
0
25
50
75
100
125
150
Tj
[°C]
0.0
2.0
4.0
6.0
8.0
10.0
01
23
4
567
VDD [V]
0
50
100
150
200
01
2345
6
7
IN [V]
Tj=150°C
Tj=25°C
Tj=-40°C
0
100
200
300
400
500
600
700
800
3.0
3.5
4.0
4.5
5.0
5.5
6.0
VDD [V]


Similar Part No. - BD1LB500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BD1LB500FVM-C ROHM-BD1LB500FVM-C Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
More results

Similar Description - BD1LB500

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1LB500EFJ-C ROHM-BD1LB500EFJ-C_15 Datasheet
950Kb / 20P
   In-Vehicle 1ch Low Side Switch
BV1LB150FJ-C ROHM-BV1LB150FJ-C Datasheet
870Kb / 20P
   1ch Low Side Switch IC
BV1LB300FJ-C ROHM-BV1LB300FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LB085FJ-C ROHM-BV1LB085FJ-C Datasheet
1Mb / 21P
   1ch Low Side Switch IC
BV1LC105FJ-C ROHM-BV1LC105FJ-C Datasheet
1Mb / 26P
   1ch/2ch Low Side Switch IC
BV1LA025EFJ-C ROHM-BV1LA025EFJ-C Datasheet
1Mb / 26P
   Automotive IPD 1ch Low Side Switch
19.Aug.2020 Rev.001
BV1LB045FPJ-C ROHM-BV1LB045FPJ-C Datasheet
1Mb / 24P
   Automotive IPD 1ch Low Side Switch
BD1HC500EFJ-C ROHM-BD1HC500EFJ-C Datasheet
829Kb / 22P
   1ch High-side switch
BD1HX500 ROHM-BD1HX500 Datasheet
826Kb / 21P
   1ch High-side switch
BV1HV050FJ-C ROHM-BV1HV050FJ-C Datasheet
1Mb / 33P
   1ch High Side Switch
20.Jan.2023 Rev.001
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com