Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9A301MUV-LB Datasheet(PDF) 8 Page - Rohm

Part # BD9A301MUV-LB
Description  This is the product guarantees long time support in Industrial market
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9A301MUV-LB Datasheet(HTML) 8 Page - Rohm

Back Button BD9A301MUV-LB Datasheet HTML 4Page - Rohm BD9A301MUV-LB Datasheet HTML 5Page - Rohm BD9A301MUV-LB Datasheet HTML 6Page - Rohm BD9A301MUV-LB Datasheet HTML 7Page - Rohm BD9A301MUV-LB Datasheet HTML 8Page - Rohm BD9A301MUV-LB Datasheet HTML 9Page - Rohm BD9A301MUV-LB Datasheet HTML 10Page - Rohm BD9A301MUV-LB Datasheet HTML 11Page - Rohm BD9A301MUV-LB Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 35 page
background image
Datasheet
Datasheet
8/32
TSZ02201-0J3J0AJ00680-1-2
© 2014 ROHM Co., Ltd. All rights reserved.
20.Aug.2014 Rev.001
www.rohm.com
TSZ22111 • 15 • 001
BD9A301MUV-LB
Typical Performance Curves - continued
Figure 8. ITH Sink Current vs Temperature
Figure 9. ITH Source Current vs Temperature
Figure 10. Mode Threshold vs Temperature
Figure 11. Mode Input Current vs Temperature
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100 120
Temperature[℃]
VIN = 2.7V
VIN = 5.0V
10
15
20
25
30
35
40
-40
-20
0
20
40
60
80
100 120
Temperature[℃]
VIN = 2.7V
VIN = 5.0V
0.2
0.3
0.4
0.5
0.6
0.7
0.8
-40
-20
0
2040
6080
100 120
Temperature[℃]
VIN = 5.0V
0
2
4
6
8
10
12
14
16
18
20
-40
-20
0
20
40
60
80
100 120
Temperature[℃]
MODE = 2.7V
MODE = 5.0V


Similar Part No. - BD9A301MUV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A300MUV ROHM-BD9A300MUV Datasheet
2Mb / 35P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9A302QWZ ROHM-BD9A302QWZ Datasheet
3Mb / 40P
   2.7V to 5.5V Input, 3A Integrated MOSFET Single Synchronous Buck DC/DC Converter
More results

Similar Description - BD9A301MUV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD7682FJ-LB ROHM-BD7682FJ-LB Datasheet
1Mb / 30P
   This is the product guarantees long time support in the Industrial market
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
BD95850F-LB ROHM-BD95850F-LB Datasheet
803Kb / 22P
   Long Time Support Product for Industrial Applications
logo
ATMEL Corporation
ATSTK594 ATMEL-ATSTK594 Datasheet
221Kb / 1P
   FPSLIC is ALL About Time To Market
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
Murata Manufacturing Co...
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
   lead is not contained in the product
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XH103J03RB MURATA-NCP18XH103J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18XW153J03RB MURATA-NCP18XW153J03RB Datasheet
191Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com