Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD9B301MUV-LB Datasheet(PDF) 8 Page - Rohm

Part # BD9B301MUV-LB
Description  Over Current Protection
Download  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD9B301MUV-LB Datasheet(HTML) 8 Page - Rohm

Back Button BD9B301MUV-LB Datasheet HTML 4Page - Rohm BD9B301MUV-LB Datasheet HTML 5Page - Rohm BD9B301MUV-LB Datasheet HTML 6Page - Rohm BD9B301MUV-LB Datasheet HTML 7Page - Rohm BD9B301MUV-LB Datasheet HTML 8Page - Rohm BD9B301MUV-LB Datasheet HTML 9Page - Rohm BD9B301MUV-LB Datasheet HTML 10Page - Rohm BD9B301MUV-LB Datasheet HTML 11Page - Rohm BD9B301MUV-LB Datasheet HTML 12Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 33 page
background image
Datasheet
Datasheet
8/30
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111 • 15 • 001
BD9B301MUV-LB
TSZ02201-0J3J0AJ00830-1-2
2015.04.02 Rev.001
Typical Performance Curves - continued
Figure 8. Efficiency vs Load Current
(VIN=5V, VOUT=3.3V, L=1.0µH, FREQ=L)
Figure 9. Efficiency vs Load Current
(VIN=5V, VOUT=3.3V, L=1.5µH, FREQ=H)
Figure 10. FB Voltage vs Temperature
Figure 11. UVLO Threshold vs Temperature
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD [mA]
MODE=L
MODE=H
0
10
20
30
40
50
60
70
80
90
100
1
10
100
1000
10000
LOAD [mA]
MODE=L
MODE=H
VOUT=3.3V,
FREQ=L
VOUT=3.3V
FREQ=H
0.792
0.794
0.796
0.798
0.800
0.802
0.804
0.806
0.808
-40 -20
0
20
406080 100 120
Temperature [°C]
VIN=5V
VIN=3.3V
2.36
2.40
2.44
2.48
2.52
2.56
2.60
-40 -20
0
20
40
60
80 100 120
Temperature [°C]
Release
Detect


Similar Part No. - BD9B301MUV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9B300MUV ROHM-BD9B300MUV Datasheet
1Mb / 33P
   Over Current Protection
BD9B300MUV-EVK-101 ROHM-BD9B300MUV-EVK-101 Datasheet
1Mb / 11P
   Synchronous Buck Converter
BD9B304QWZ ROHM-BD9B304QWZ Datasheet
2Mb / 32P
   2.7V to 5.5V Input, 3.0A Integrated MOSFET Single Synchronous Buck DC/DC Converter
BD9B305QUZ ROHM-BD9B305QUZ Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
BD9B305QUZ-E2 ROHM-BD9B305QUZ-E2 Datasheet
4Mb / 44P
   2.7 V to 5.5 V Input, 3.0 A Integrated MOSFET Single Synchronous Buck DC/DC Converter
08.Mar.2019 Rev.001
More results

Similar Description - BD9B301MUV-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9E303EFJ-LB ROHM-BD9E303EFJ-LB Datasheet
1Mb / 31P
   Over-Current Protection
logo
Delta Electronics, Inc.
Q48SC12008 DELTA-Q48SC12008 Datasheet
387Kb / 13P
   Over-Current Protection
Q48SD12034 DELTA-Q48SD12034 Datasheet
572Kb / 25P
   Over-Current Protection
Q48SD12042 DELTA-Q48SD12042 Datasheet
583Kb / 26P
   Over-Current Protection
Q48SG12042 DELTA-Q48SG12042 Datasheet
933Kb / 26P
   Over-Current Protection
Q48SG12034 DELTA-Q48SG12034 Datasheet
1Mb / 26P
   Over-Current Protection
logo
Rohm
BP5293-XX ROHM-BP5293-XX Datasheet
1Mb / 19P
   Over current protection
BD9A600MUV ROHM-BD9A600MUV Datasheet
1Mb / 35P
   Over Current Protection
BD9B300MUV ROHM-BD9B300MUV Datasheet
1Mb / 33P
   Over Current Protection
logo
TiMOTION Technology Co....
TC6 TIMOTION-TC6 Datasheet
304Kb / 4P
   Over current protection
20141028-C
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com