Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD1484EFJ Datasheet(PDF) 11 Page - Rohm

Part # BD1484EFJ
Description  Low Standby Current during Shutdown Mode
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD1484EFJ Datasheet(HTML) 11 Page - Rohm

Back Button BD1484EFJ Datasheet HTML 7Page - Rohm BD1484EFJ Datasheet HTML 8Page - Rohm BD1484EFJ Datasheet HTML 9Page - Rohm BD1484EFJ Datasheet HTML 10Page - Rohm BD1484EFJ Datasheet HTML 11Page - Rohm BD1484EFJ Datasheet HTML 12Page - Rohm BD1484EFJ Datasheet HTML 13Page - Rohm BD1484EFJ Datasheet HTML 14Page - Rohm BD1484EFJ Datasheet HTML 15Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
www.rohm.com
TSZ02201-0333AD100140-1-2
©2012 ROHM Co., Ltd. All rights reserved.
11/17
06.Aug.2012 Rev.001
TSZ22111・15・001
BD1484EFJ
Datasheet
Soft Start Function
An adjustable soft-start function to prevent high inrush current
during start-up is available.
The soft-start time is set by the external capacitor connected to
SS pin.
The soft start time is given by;
TSS [s] = 2.2 x Css /
ISS
Setting CSS= 0.1µF;
TSS= 2.2 x 0.1µ / 10µ = 22 [ms]
Please confirm the overshoot of the output voltage and inrush
current when deciding the SS capacitor value.
EN Function
The EN terminal control IC’s shut down.
Leaving EN terminal open makes IC shutdown.
To start the IC, EN terminal should be connected to VIN or the
other power source output.
When the EN voltage exceed 1.2V (typ.), the IC start operating.
The IC also has the hysteresis voltage 0.2V (typ.) of EN when
EN voltage falls down.
(Attention1)
Chattering happens if standing lowering speed is slow when
standing of EN pin is lowered.
The reverse current in which the input side and the pressure
operation are done from the output side is generated when
chattering operates with the output voltage remained, and
there is a case to destruction.
Please set to stand within 100us when you control ON/OFF by
the EN signal.
This necessity doesn't exist when EN pin is connected with
VIN and EN is not controlled.
The control by open drain MOSFET shown in a left chart is
recommended.
(Attention 2)
In case the output voltage is used in a setting of more than 5V,
when EN signal is turned off, please start up EN again after
output voltage is discharged enough.
If EN is turned on although output voltage isn’t discharged
enough, BST circuit doesn’t operate normally.
As the result, the IC is not operated, in the worst case, it is
destroyed.
REN
ON/OFF
Signal
EN
VIN
EN
124 k
Ω(typ.)
254 k
Ω(typ.)
CSS
SS
+
+
-
COMP
ISS 10µA
ERRAMP
Fig.24
Fig.25


Similar Part No. - BD1484EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
   Low Standby Current during Shutdown Mode
More results

Similar Description - BD1484EFJ

ManufacturerPart #DatasheetDescription
logo
Rohm
BD1482EFJ ROHM-BD1482EFJ Datasheet
568Kb / 20P
   Low Standby Current during Shutdown Mode
logo
Micross Components
AS5181 MICROSS-AS5181 Datasheet
962Kb / 16P
   Low-Current Standby or Full Shutdown Modes
logo
Rohm
BP5074 ROHM-BP5074 Datasheet
595Kb / 2P
   AC/DC converters with low power consumption during standby
logo
Maxim Integrated Produc...
MAX1797EVKIT MAXIM-MAX1797EVKIT Datasheet
96Kb / 4P
   Output Disconnects from Input During Shutdown
Rev 0; 2/01
MAX17000EVKIT MAXIM-MAX17000EVKIT Datasheet
280Kb / 11P
   Independent Shutdown and Standby Controls
Rev 0; 5/08
logo
Infineon Technologies A...
TLE4287G INFINEON-TLE4287G_12 Datasheet
1Mb / 14P
   Very low standby current consumption
Rev. 1.41, 2012-01-30
logo
Intersil Corporation
ISL6455 INTERSIL-ISL6455 Datasheet
287Kb / 13P
   Low shutdown supply current
logo
ATMEL Corporation
ATA6629 ATMEL-ATA6629 Datasheet
829Kb / 26P
   Typically 10 關A Supply Current During Sleep Mode
logo
Seiko Instruments Inc
S-19680AAAH-K8T2U SII-S-19680AAAH-K8T2U Datasheet
3Mb / 27P
   Current consumption during operation
logo
ATMEL Corporation
ATA6622 ATMEL-ATA6622_10 Datasheet
1,007Kb / 31P
   Typically 10 關A Supply Current During Sleep Mode
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com