Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7679G Datasheet(PDF) 7 Page - Rohm

Part # BD7679G
Description  PWM current mode method
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7679G Datasheet(HTML) 7 Page - Rohm

Back Button BD7679G Datasheet HTML 3Page - Rohm BD7679G Datasheet HTML 4Page - Rohm BD7679G Datasheet HTML 5Page - Rohm BD7679G Datasheet HTML 6Page - Rohm BD7679G Datasheet HTML 7Page - Rohm BD7679G Datasheet HTML 8Page - Rohm BD7679G Datasheet HTML 9Page - Rohm BD7679G Datasheet HTML 10Page - Rohm BD7679G Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 20 page
background image
7/17
Datasheet
Datasheet
BD7679G
TSZ02201-0F2F0A200160-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
2015.6.24
Rev.002
www.rohm.com
TSZ22111・15・001
( 4 ) Over Current Limiter and Leading Edge Blanking Period
BD7679G has over current limiter for each switching cycle.
When the CS pin voltage exceeds the VCS voltage (=0.5V Typ), switching is turned OFF.
In addition, when the driver MOSFET is turned ON, surge current occurs at each capacitor component and drive current.
Therefore, when the CS pin voltage rises temporarily, the detection errors may occur in the over current limiter circuit. To
prevent detection errors, the OUT pin is switched from low to high and the CS signal is blanked for 250nsec by the LEB
(Leading Edge Blanking) function. This blanking function enables a reduction of CS pin noise filtering in response to noise
that occurs when the OUT pin is switched from low to high.
( 5 ) Output Overload Protection Function (FB OLP Comparator )
Overload Protection Function monitors the load status of secondary output through FB pin and stops the switching of OUT
pin during excessive load. In over load condition, there is no current in photo-coupler because output voltage decreases
(drops) while FB pin voltage rises.
When FB pin voltage exceeds VFOLP1A (=3.6V Typ) at TFOLP (=250ms Typ) interval continuously, a load is excessive and
OUT pin is fixed to L. The timer of overload protection is reset when FB pin drops further than VFOLP1B (=3.4V Typ) within
TFOLP (=250ms Typ) after exceeding VFOLP1A (=3.6V Typ). Switching functions within this TFOLP (=250ms Typ).
FB voltage, which is pulled up in resistance to IC internal voltage operates from VFOLP1A (=3.6V Typ) or more at start-up. For
this matter, set the start-up time of the secondary output voltage such that the FB voltage is always VFOLP1B (=3.4V Typ) or
less within TFOLP (=250ms Typ) at start-up.
Figure 9, Overload Protection (Self-restart)
( 6 ) COMP Pin External Stop Function
IC is stopped when the COMP pin voltage rises to VSTOP1 (2.0V Typ). A masking timer for TSTOP (=100us Typ) prepared to
prevent operation errors caused by noise.
Once IC stops by COMP stop function, IC stops until COMP < VSTOP2(=1.8V.Typ).
Overheating Protection by Posistor
When a posistor is attached to the COMP pin shown Figure-10, the switching operation can be stopped when
overheating occurs.
Figure 10 COMP Pin Overheating Protection Application


Similar Part No. - BD7679G

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7672BG ROHM-BD7672BG Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7672BG-TR ROHM-BD7672BG-TR Datasheet
956Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG ROHM-BD7673AG Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
BD7673AG-TR ROHM-BD7673AG-TR Datasheet
969Kb / 21P
   PWM Control Type DC/DC Converter IC for AC/DC Driver
More results

Similar Description - BD7679G

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
NCP1253 ONSEMI-NCP1253_12 Datasheet
308Kb / 15P
   Current-Mode PWM Current-Mode PWM Power Supplies
January, 2012 ??Rev. 0
logo
Texas Instruments
TL284X TI-TL284X Datasheet
171Kb / 12P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLERS
logo
Analog Intergrations Co...
AIC3843 AIC-AIC3843 Datasheet
189Kb / 11P
   Current-Mode PWM Controller
logo
List of Unclassifed Man...
B3843 ETC-B3843 Datasheet
434Kb / 10P
   Current Mode PWM Controller
logo
Fuji Electric
FA13844N-TE1 FUJI-FA13844N-TE1 Datasheet
310Kb / 17P
   CURRENT MODE PWM CONTROLLER
logo
Texas Instruments
UC1842A-EP TI-UC1842A-EP Datasheet
425Kb / 11P
[Old version datasheet]   CURRENT-MODE PWM CONTROLLER
logo
AUK corp
S3843P AUK-S3843P Datasheet
300Kb / 7P
   Current Mode PWM Controller
S3882 AUK-S3882 Datasheet
327Kb / 8P
   Current Mode PWM Controller
logo
Microsemi Corporation
SG1846 MICROSEMI-SG1846 Datasheet
210Kb / 10P
   CURRENT MODE PWM CONTROLLER
logo
ON Semiconductor
NCP1337 ONSEMI-NCP1337_15 Datasheet
168Kb / 15P
   PWM Current-Mode Controller
December, 2014 ??Rev. 6
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com