Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7682FJ-LB Datasheet(PDF) 7 Page - Rohm

Part # BD7682FJ-LB
Description  This is the product guarantees long time support in the Industrial market
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7682FJ-LB Datasheet(HTML) 7 Page - Rohm

Back Button BD7682FJ-LB Datasheet HTML 3Page - Rohm BD7682FJ-LB Datasheet HTML 4Page - Rohm BD7682FJ-LB Datasheet HTML 5Page - Rohm BD7682FJ-LB Datasheet HTML 6Page - Rohm BD7682FJ-LB Datasheet HTML 7Page - Rohm BD7682FJ-LB Datasheet HTML 8Page - Rohm BD7682FJ-LB Datasheet HTML 9Page - Rohm BD7682FJ-LB Datasheet HTML 10Page - Rohm BD7682FJ-LB Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 30 page
background image
7/27
Datasheet
Datasheet
BD768xFJ-LB Series
TSZ02201-0F1F0A200050-1-2
17.Apr.2015. Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
(3) VCC Pin Protection Function
BD768xFJ includes the VCC low voltage protection function VCC UVLO (Under Voltage Protection) and the VCC
over voltage protection function VCC OVP (Over Voltage Protection). These functions prevent abnormal
voltage-related damage in MOSFETs used for switching.
The VCC UVLO function uses an auto recovery type comparator with voltage hysteresis and the VCC OVP
function uses latch mode or auto recovery.
After latch function is detected by VCCOVP, latching is released (reset) when the condition VCC< VLATCH (typ=
VUVLO2 -3.5V) is met.
This operation is shown in Figure 3.
VCCOVP has a built-in mask time TLATCH (typ = 150 µs).
This function masks any surges, etc., that occur at the pin.
18.5Vtyp
VCC
OFF
Time
ON
OFF
ON
29.5Vtyp
OUT
Switching
14.0Vtyp
VCC UVLO
ON
OFF
ON
OFF
VCC OVP
OFF
ON
OFF
A
BC
D E
F
OFF
Internal
Latch Signal
L : Normal
H : Latch
VH
G
HI
J
K
L
M
Vlatch=
VCCuvlo2-
3.5Vtyp
N
A
Time
Figure 3.
VCC UVLO / OVP (Latch Mode)
A: VH is applied, VCC voltage rises
B: When VCC > VUVLO1, DC/DC operation starts.
C: When VCC < VUVLO2, DC/DC operation stops.
D: When VCC > VUVLO1, DC/DC operation starts.
E: VCC voltage drops until DC/DC operation starts.
F: VCC rises.
F: When VCC > VOVP1, DC/DC operation stops (latch mode). Switching is stopped by an internal latch signal.
G: When DC/DC operation stops, power supply from the auxiliary coil stops and VCC voltage drops.
H: When VCC < VUVLO2, VCC voltage rises because IC current consumption drops.
I: When VCC > VUVLO1, latching occurs and so there are no DC/DC operations. VCC voltage drops because IC
current consumption is lowered.
K: Same as H
L: Same as I
M: VH is OPEN (unplugged). VCC drops.
N: When VCC < VLATCH, latch is released.


Similar Part No. - BD7682FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7682FJ-LB ROHM-BD7682FJ-LB Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
BD7682FJ-LB ROHM-BD7682FJ-LB_16 Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
More results

Similar Description - BD7682FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD9A301MUV-LB ROHM-BD9A301MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
BD95850F-LB ROHM-BD95850F-LB Datasheet
803Kb / 22P
   Long Time Support Product for Industrial Applications
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Murata Manufacturing Co...
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
   lead is not contained in the product
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XH103J03RB MURATA-NCP18XH103J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18XW153J03RB MURATA-NCP18XW153J03RB Datasheet
191Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com