Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7684FJ-LB Datasheet(PDF) 1 Page - Rohm

Part # BD7684FJ-LB
Description  This is the product guarantees long time support in the Industrial market
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7684FJ-LB Datasheet(HTML) 1 Page - Rohm

  BD7684FJ-LB Datasheet HTML 1Page - Rohm BD7684FJ-LB Datasheet HTML 2Page - Rohm BD7684FJ-LB Datasheet HTML 3Page - Rohm BD7684FJ-LB Datasheet HTML 4Page - Rohm BD7684FJ-LB Datasheet HTML 5Page - Rohm BD7684FJ-LB Datasheet HTML 6Page - Rohm BD7684FJ-LB Datasheet HTML 7Page - Rohm BD7684FJ-LB Datasheet HTML 8Page - Rohm BD7684FJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 30 page
background image
Datasheet
Product structure:Silicon monolithic integrated circuit ○This product has no designed protection against radioactive rays
.
1/27
TSZ02201-0F1F0A200050-1-2
17.Apr.2015. Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・14・001
www.rohm.com
Low Noise Quasi-Resonant Control
DC/DC converter IC for AC/DC Converter
BD7682FJ-LB BD7683FJ-LB BD7684FJ-LB BD7685FJ-LB
General Description
This is the product guarantees long time support in the
Industrial market.
BD768xFJ series is a Quasi-resonant controller type
DC/DC converters that provide an optimum system for
all
products
that
include
an
electrical
outlet.
Quasi-resonant operation enables soft switching and
helps to keep EMI low. Design with a high degree of
flexibility is achieved with switching MOSFETs and
current detection resistors as external devices.
The built-in brown out function monitors the input
voltage as part of system optimization. The burst mode
function reduces input power at low power.
BD768xFJ series include various protection functions,
such as a soft start function, burst function, per-cycle
over-current limiter function, overvoltage protection
function, overload protection function, and brown out
function.
BD768xFJ series include a gate-clamp circuit for
optimal driving SIC-MOSFET.
Features
Pin 8 : SOP-J8 Package
(6.00mm × 4.90mm : 1.27mm pitch <TYP>)
Quasi-resonant type (low EMI)
Frequency reduction mode
Low current consumption (19µA), during standby
Low current consumption when no load (burst
operation when light load)
Maximum frequency (120kHz)
CS Pin Leading-Edge Blanking
VCC UVLO (Under Voltage Drop Out protection)
VCC OVP (Over Voltage Protection)
Per-cycle over-current protection circuit
Soft start
ZT trigger mask function
Voltage protection function (brown out)
ZT OVP (Over Voltage Protection)
Gate-clamp circuit
Typical Application Circuit
Key Specifications
Operating Power Supply Voltage Range:
VCC 15.0V to 27.5V
Normal Operating Current:
0.80mA(Typ)
Burst Operating Current:
0.50mA(Typ)
Maximum Frequency:
120kHz(Typ)
Operating Temperature:
-40°C to +105°C
Package
4.90mm x 6.00mm x 1.65mm pitch 1.27mm
(Typ.)
(Typ.)
(TYP.)
(TYP.)
Lineup
FBOLP
VCCOVP
BD7682FJ
AutoRestart
Latch
BD7683FJ
Latch
Latch
BD7684FJ
AutoRestart
AutoRestart
BD7685FJ
Latch
AutoRestart
Applications
Industrial equipment, AC Adaptor, Household appliances
SOP-J8
4.90mm x 6.00mm x 1.65mm


Similar Part No. - BD7684FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7684FJ-LB ROHM-BD7684FJ-LB Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
More results

Similar Description - BD7684FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD9A301MUV-LB ROHM-BD9A301MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
BD95850F-LB ROHM-BD95850F-LB Datasheet
803Kb / 22P
   Long Time Support Product for Industrial Applications
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Murata Manufacturing Co...
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
   lead is not contained in the product
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XH103J03RB MURATA-NCP18XH103J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18XW153J03RB MURATA-NCP18XW153J03RB Datasheet
191Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com