Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD7684FJ-LB Datasheet(PDF) 4 Page - Rohm

Part # BD7684FJ-LB
Description  This is the product guarantees long time support in the Industrial market
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD7684FJ-LB Datasheet(HTML) 4 Page - Rohm

  BD7684FJ-LB Datasheet HTML 1Page - Rohm BD7684FJ-LB Datasheet HTML 2Page - Rohm BD7684FJ-LB Datasheet HTML 3Page - Rohm BD7684FJ-LB Datasheet HTML 4Page - Rohm BD7684FJ-LB Datasheet HTML 5Page - Rohm BD7684FJ-LB Datasheet HTML 6Page - Rohm BD7684FJ-LB Datasheet HTML 7Page - Rohm BD7684FJ-LB Datasheet HTML 8Page - Rohm BD7684FJ-LB Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
4/27
Datasheet
Datasheet
BD768xFJ-LB Series
TSZ02201-0F1F0A200050-1-2
17.Apr.2015. Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
www.rohm.com
TSZ22111・15・001
Electrical Characteristics – continued (unless otherwise noted, Ta = 25 °C, VCC=24 V)
Parameter
Symbol
Specifications
Unit
Conditions
MIN
TYP
MAX
[DCDC Converter Block (Turn OFF)]
FB Pin pull-up Resistance
RFB
15
20
25
kΩ
CS Over-Current Sensor Voltage 1A
VLIM1A
0.950
1.000
1.050
V
FB=2.2V (IZT>-1mA)
CS Over-Current Sensor Voltage 1B
VLIM1B
0.620
0.700
0.780
V
FB=2.2V (IZT<-1mA)
CS Over-Current Sensor Voltage 2A
VLIM2A
0.200
0.300
0.400
V
FB=0.6V (IZT>-1mA)
CS Over-Current Sensor Voltage 2B
VLIM2B
0.140
0.210
0.280
V
FB=0.6V (IZT<-1mA)
CS Switching ZT Current
IZT
0.900
1.000
1.100
mA
CS Leading Edge Blanking Time
tLEB
-
0.250
-
µs
Minimum ON Width
tMIN
-
0.500
-
µs
[DCDC Converter Block (Turn ON)]
Maximum Operating Frequency 1
fSW1
106
120
134
KHz
FB=2.0V
Maximum Operating Frequency 2
fSW2
20
30
40
KHz
FB=0.5V
Frequency Reduction Start FB Voltage
VFBSW1
1.100
1.250
1.400
V
Frequency Reduction End FB Voltage 1
VFBSW2
0.400
0.500
0.600
V
Frequency Reduction End FB Voltage 2
VFBSW3
-
0.550
-
V
Voltage Gain
AVCS
1.700
2.000
2.300
V/V
⊿VFB/⊿VCS
ZT Comparator Voltage 1
VZT1
60
100
140
mV
ZT fall
ZT Comparator Voltage 2
VZT2
120
200
280
mV
ZT rise
ZT Trigger Mask Time
tZTMASK
0.25
0.60
0.95
µs
For noise prevention
after OUT H ⇒L
ZT Trigger Timeout Period 1
tZTOUT
8.0
15.0
24.0
µs
Count from final ZT
trigger (1-stage)
ZT Trigger Timeout Period 2
tZTOUT2
2.0
5.0
8.0
µs
Count from final ZT
trigger (2-stage)
Maximum ON Time
tZTON
27.0
45.0
62.0
µs
[DCDC Protection Functions]
Soft Start Time 1
tSS1
0.600
1.000
1.400
ms
Soft Start Time 2
tSS2
2.400
4.000
5.600
ms
FB OLP Voltage 1
VFOLP1
2.500
2.800
3.100
V
FB rise
FB OLP Voltage 2
VFOLP2
2.300
2.600
2.900
V
FB fall
FB OLP Timer
tFOLP
90
128
166
ms
ZT OVP Voltage
VZTL
3.250
3.500
3.750
V
[OUT Pin]
OUT Pin Clamp Voltage
VOUT
16.00
18.00
20.00
V
OUT pin Nch MOS Ron
RNOUT
2.0
4.5
9.0
[MASK Pin]
MASK Pin Delay Time
tMASK
0.25
0.60
0.95
µs
MASK Pin Ron
RMASK
20
50
80


Similar Part No. - BD7684FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD7684FJ-LB ROHM-BD7684FJ-LB Datasheet
1Mb / 31P
   Low Noise Quasi-Resonant Control DC/DC converter IC for AC/DC Converter
More results

Similar Description - BD7684FJ-LB

ManufacturerPart #DatasheetDescription
logo
Rohm
BD9A101MUV-LB ROHM-BD9A101MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BD9A301MUV-LB ROHM-BD9A301MUV-LB Datasheet
1Mb / 35P
   This is the product guarantees long time support in Industrial market
BM6105FW-LBZ ROHM-BM6105FW-LBZ Datasheet
1Mb / 30P
   Long Time Support Product for Industrial Applications
BD95850F-LB ROHM-BD95850F-LB Datasheet
803Kb / 22P
   Long Time Support Product for Industrial Applications
logo
Arch Electronics Corp.
SW20 ARCH-SW20_16 Datasheet
179Kb / 3P
   The Smallest Dimension in the Market
logo
Apacer Technology Inc.
SDM5-7P180D-LP APACER-SDM5-7P180D-LP Datasheet
1Mb / 4P
   one of the smallest SSDs in the market
logo
Murata Manufacturing Co...
NCP18XW153E03RB MURATA-NCP18XW153E03RB Datasheet
186Kb / 3P
   lead is not contained in the product
NCP18WF104E03RB MURATA-NCP18WF104E03RB Datasheet
190Kb / 3P
   lead is not contained in the product
NCP18XH103J03RB MURATA-NCP18XH103J03RB Datasheet
189Kb / 3P
   lead is not contained in the product
NCP18XW153J03RB MURATA-NCP18XW153J03RB Datasheet
191Kb / 3P
   lead is not contained in the product
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com