Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD8664GW Datasheet(PDF) 7 Page - Rohm

Part # BD8664GW
Description  Integrated Input Detection
Download  35 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD8664GW Datasheet(HTML) 7 Page - Rohm

Back Button BD8664GW Datasheet HTML 3Page - Rohm BD8664GW Datasheet HTML 4Page - Rohm BD8664GW Datasheet HTML 5Page - Rohm BD8664GW Datasheet HTML 6Page - Rohm BD8664GW Datasheet HTML 7Page - Rohm BD8664GW Datasheet HTML 8Page - Rohm BD8664GW Datasheet HTML 9Page - Rohm BD8664GW Datasheet HTML 10Page - Rohm BD8664GW Datasheet HTML 11Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 35 page
background image
7/32
BD8664GW
BD8665GW
BD8668GW
TSZ02201-0A1A0AZ00130-1-2
15.Apr.2015 Rev.001
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
Electrical Characteristics
(Unless otherwise specified, VVBUS=5.0V VVFB=7.4V VISETIN1,2,3=0V GND=PGND=0V Ta=25
°C)
Item
Symbol
Value
Unit
Conditions
Min
Typ
Max
VBUS Stand-by Current
IVBUS1
-
71
142
μA
VEN= 0.0V, Only VBUSOK is ON
VBUS Operational Current
IVBUS2
-
2
5
mA
No Switching
Battery Stand-by Current
IBATT1
-1
0
+1
μA
VEN= 0.0V
Battery Operational Current
IBATT2
-
60
120
μA
No Switching
Frequency 1
FOSC1
0.9
1.0
1.1
MHz
RFSET= 47k
Ω
Frequency 2
FOSC2
(1.8)
2.0
(2.2)
MHz
RFSET= 22k
Ω
FSET Output Voltage
VFSET
-
0.6
-
V
<Constant Voltage Control Block>
Constant Voltage Charging
Accuracy
VCV2
8.258
8.300
8.342
V
±0.5%, BD8664GW
VCV2
8.358
8.400
8.442
V
±0.5%, BD8665GW/BD8668GW
< VBUSLIM Current Control Block>
VBUSLIM Current Accuracy
(VBUS-ISNS Voltage)
IVBUSLIM1
6.0
8.0
10.0
mV
VISETIN1 = 0.0V,
VISETIN2 = 0.0V
IVBUSLIM2
47.0
48.5
50.0
mV
VISETIN1 = 0.0V,
VISETIN2 = 3.3V
IVBUSLIM3
85.2
87.0
88.8
mV
VISETIN1 = 3.3V,
VISETIN2 = 0.0V
BD8664GW, ±2%
84.0
90.0
mV
VISETIN1 = 3.3V,
VISETIN2 = 0.0V
BD8665GW/BD8668GW, ±3%
IVBUSLIM4
142.1
145.0
147.9
mV
VISETIN1 = 3.3V,
VISETIN2 = 3.3V
BD8664GW, ±2%
140.0
150.0
mV
VISETIN1 = 3.3V,
VISETIN2 = 3.3V
BD8665GW/BD8668GW, ±3%
VBUSLIM Current Limiter
Level (VBUS-ISNS Voltage)
IVBUSOCP
(+15)
+20
(+30)
mV
Against The Current Set By VBUSLIM
< PGOOD Block>
PGOOD H Voltage
VPGOODH
2.94
3.00
3.06
V
±2%
PGOOD L Voltage
VPGOODL
-
0.0
-
V
<VBUSOK Pin >
VBUS Threshold 1
VVBUSOKTH1
3.9
4.0
4.1
V
VBUS = L to H
VBUS Threshold 2
VVBUSOKTH2
3.8
3.9
4.0
V
VBUS = H to L
VBUSOK L->H Delay Time
VVBUSOKDELAY
20
40
-
ms
VBUSOK H Voltage
VVBUSOKH
2.94
3.00
3.06
V
±2%
VBUSOK L Voltage
VVBUSOKL
-
0.0
-
V
<Comparator Block>
VBUS UVLO Threshold
VVBUSUVLOON
3.40
3.60
3.80
V
VBUS UVLO Unlock
Threshold Voltage
VVBUSUVLOFF
3.50
3.70
3.90
V
VFB Low Voltage Detection1
VVFBLV1
-
2.4
-
V
VFB = H to L
VFB Low Voltage Detection2
VVFBLV2
-
2.6
-
V
VFB = L to H
VFB Overvoltage Detection1
VVFBOV1
8.5
9.0
9.5
V
VFB = H to L
VFB Overvoltage Detection2
VVFBOV2
9.2
9.7
10.2
V
VFB = L to H
VBUS Current Automatic
Selection Voltage 1
VVBUSAUTOTH
3.9
4.0
4.1
V
VBUS = H to L
VBUS Current Automatic
Selection Voltage 1
VVBUSAUTOTH
4.0
4.1
4.2
V
VBUS = L to H
<Power MOSFET>
VBUSLIM-SW1 PMOS Ron
RSW1A
-
70
-
ISW1
=-10mA
VBUSLIM-SW1small PMOS Ron
RSW1B
-
20
-
Ω
ISW1
=-10mA
SW2-PGND NMOS
Ron
RSW2
-
60
-
ISW2
=10mA
SW2
Max Duty Width
TSW2MAXDUTY
-
80
-
ns
RFSET= 47k
Ω
SW2
Min Duty Ratio
TSW2MINDUTY
-
0
-
RFSET= 47k
Ω


Similar Part No. - BD8664GW

ManufacturerPart #DatasheetDescription
logo
Siemens Semiconductor G...
BD866 SIEMENS-BD866 Datasheet
111Kb / 4P
   PNP SILICON DARLINGTON TRANSISTORS
More results

Similar Description - BD8664GW

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADPD188BI AD-ADPD188BI Datasheet
1Mb / 62P
   Integrated Optical Module for Smoke Detection
logo
WAGO Kontakttechnik Gmb...
750-424 WAGO-750-424 Datasheet
478Kb / 12P
   2-channel digital input; Intruder detection
logo
Maxim Integrated Produc...
MAX14646E MAXIM-MAX14646E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
2012
MAX20332 MAXIM-MAX20332_V01 Datasheet
1Mb / 27P
   USB Charger Detection with Integrated Overvoltage Protector
2018
MAX14592E MAXIM-MAX14592E Datasheet
1Mb / 26P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 2 3/12
MAX14656 MAXIM-MAX14656 Datasheet
422Kb / 3P
   USB Charger Detection with Integrated Overvoltage Protector
Rev 0; 12/12
logo
MORNSUN Science& Techno...
TD100-EX-485-RE MORNSUN-TD100-EX-485-RE Datasheet
470Kb / 3P
   DETECTION SAFETY BARRIER RS485 INPUT RS485 OUTPUT
logo
Texas Instruments
TIC12400 TI1-TIC12400 Datasheet
1Mb / 137P
[Old version datasheet]   24-Input Multiple Switch Detection Interface (MSDI) Device With Integrated ADC and Adjustable Wetting Current
logo
Infineon Technologies A...
KP106 INFINEON-KP106 Datasheet
155Kb / 2P
   Integrated Pressure Sensor IC for Side Crash Detection
logo
NTE Electronics
NTE15044 NTE-NTE15044 Datasheet
19Kb / 2P
   Integrated Circuit CMOS, LSI for Supply Voltage Detection
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com