Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD49101AEFS-M Datasheet(PDF) 4 Page - Rohm

Part # BD49101AEFS-M
Description  1 High Side Switch channel
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD49101AEFS-M Datasheet(HTML) 4 Page - Rohm

  BD49101AEFS-M Datasheet HTML 1Page - Rohm BD49101AEFS-M Datasheet HTML 2Page - Rohm BD49101AEFS-M Datasheet HTML 3Page - Rohm BD49101AEFS-M Datasheet HTML 4Page - Rohm BD49101AEFS-M Datasheet HTML 5Page - Rohm BD49101AEFS-M Datasheet HTML 6Page - Rohm BD49101AEFS-M Datasheet HTML 7Page - Rohm BD49101AEFS-M Datasheet HTML 8Page - Rohm BD49101AEFS-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 44 page
background image
4/41
TSZ02201-0V3V0AP00060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Apr.2015 Rev.001
www.rohm.com
TSZ22111・15・001
BD49101AEFS-M
Description of Blocks
・DCDC2
– STBREG switch function
The ECO input is used to switch between operating mode and low power standby mode.
(This function is for a 3.3V I/O microcomputer because of the 3.3V fixed STBREG output)
The function of the ECO input is as follows:
ECO = H
– Normal Operating Mode (DCDC2 operating).
ECO = L
– Low Power Standby mode (STBREG operating).
・Sequence of VIN0 start up, Low Power Standby mode
Figure 3. Timing Chart of VIN0 start up, Low Power Standby mode
When BD49101AEFS starts up, it starts in the normal operation mode (DCDC2 operation), independent of ECO
setting. An internal regulator, the reference voltage circuit, and the OSC circuit start up when the voltage of the
BCAP pin exceeds low voltage protection release voltage (4.7V).
Following the first access to the I
2C interface, the ECO input is able to control the operating mode (normal or low
power standby).
ECO must be set to the desired operating mode prior to accessing the I
2C interface for the first
time.
The conditions of independent of ECO setting is shown below.
Input power supply for VIN0 at the first time
BCAP voltage becomes under 4.5V
DCDC2 detects over current and DCDC2 restarts
At each condition ECO setting become effective after you send I
2C command and receive ACK.
DCDC2
VIN0
BCAP
ECO
REG1
4.7V
Soft start
Max 5ms
SCL
SDA
DCDC2/
STBREG
=VIN1
BSENS
EN
STBREG
1.25V
1.25V
ACK
A
Slave Address
DCDC2
STBREG
8.3V


Similar Part No. - BD49101AEFS-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49101AEFS-ME2 ROHM-BD49101AEFS-ME2 Datasheet
2Mb / 45P
   Multi-channel Power Supply IC for Car Audio Systems
BD49101AEFS-M ROHM-BD49101AEFS-M_16 Datasheet
2Mb / 45P
   Multi-channel Power Supply IC for Car Audio Systems
More results

Similar Description - BD49101AEFS-M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4832 NJRC-NJW4832 Datasheet
355Kb / 14P
   1-channel High Side Switch
NJW4822 NJRC-NJW4822 Datasheet
389Kb / 14P
   1-Channel Low Side Switch
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
logo
Vishay Siliconix
SIP4613B VISHAY-SIP4613B Datasheet
491Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 06-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com