Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD49101AEFS-M Datasheet(PDF) 9 Page - Rohm

Part # BD49101AEFS-M
Description  1 High Side Switch channel
Download  44 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD49101AEFS-M Datasheet(HTML) 9 Page - Rohm

Back Button BD49101AEFS-M Datasheet HTML 5Page - Rohm BD49101AEFS-M Datasheet HTML 6Page - Rohm BD49101AEFS-M Datasheet HTML 7Page - Rohm BD49101AEFS-M Datasheet HTML 8Page - Rohm BD49101AEFS-M Datasheet HTML 9Page - Rohm BD49101AEFS-M Datasheet HTML 10Page - Rohm BD49101AEFS-M Datasheet HTML 11Page - Rohm BD49101AEFS-M Datasheet HTML 12Page - Rohm BD49101AEFS-M Datasheet HTML 13Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 44 page
background image
9/41
TSZ02201-0V3V0AP00060-1-2
© 2015 ROHM Co., Ltd. All rights reserved.
06.Apr.2015 Rev.001
www.rohm.com
TSZ22111・15・001
BD49101AEFS-M
Absolute Maximum Ratings(Ta=25°C)
Parameter
Symbol
Limits
Unit
Power Supply Voltage (PIN2,4,19)
VCC
-0.3 to +42
V
Input Voltage (PIN37,38,41-43)
Vin
-0.3 to +7
V
Pin Voltage 1(PIN1,3,6,8,16,22)
VPIN1
-0.3 to +42
V
Pin Voltage 2(PIN20,21)
VPIN2
VIN0
– 7 to VIN0
V
Pin Voltage 3(PIN9-15,23-32,34,36,39,40,44)
VPIN3
-0.3 to +7
V
Operating Temperature Range
Topr
-40 to +85
°C
Storage Temperature Range
Tstg
-55 to +150
°C
Power Dissipation
Pd
6.19
(Note 1)
W
Maximum Junction Temperature
Tjmax
150
°C
(Note 1) Reduce by 49.5mW/°C, when mounted on 4-layer PCB of 70x70x16mm
3 (Copper foil area on the reverse side of PCB: 70x70mm2).
Caution: Operating the IC over the absolute maximum ratings may damage the IC. The damage can either be a short circuit between pins or an open circuit
between pins and the internal circuitry. Therefore, it is important to consider circuit protection measures, such as adding a fuse, in case the IC is operated
over the absolute maximum ratings.
Recommended Operating Ratings
Parameter
Symbol
Limits
Unit
Operating Power Supply Voltage1(VIN0,BCAP)
VINopr
5.5 to 25
V
Output Voltage Range 1(DCDC1/2)
VOUTopr1
0.8 to VINopr
V
Output Voltage Range 2(REG1/3/4)
VOUTopr2
0.8 to 2.4
(REG1)
0.8 to VIN3,4 - VSATRG3,4
(REG3.4)
V
Output Voltage Range 3(REG2/5)
VOUTopr3
0.8 to 10.5
(REG2)
0.8 to 8.5
(REG5)
V
Oscillating Frequency
fSW
200 to 500
kHz
Oscillating Frequency Set Resistance
RT
27 to 82
External Sync Frequency
fCLK
200 to 500
kHz
External Synchronization Pulse Duty
DCLK
20 to 80
%
REG4 Over Current Detection Set Resistance
RCLCAL
5 to 50
REG4 Cable Impedance Compensation Set Resistance
RVOCAL
0 to 230
Ω


Similar Part No. - BD49101AEFS-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD49101AEFS-ME2 ROHM-BD49101AEFS-ME2 Datasheet
2Mb / 45P
   Multi-channel Power Supply IC for Car Audio Systems
BD49101AEFS-M ROHM-BD49101AEFS-M_16 Datasheet
2Mb / 45P
   Multi-channel Power Supply IC for Car Audio Systems
More results

Similar Description - BD49101AEFS-M

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJW4832 NJRC-NJW4832 Datasheet
355Kb / 14P
   1-channel High Side Switch
NJW4822 NJRC-NJW4822 Datasheet
389Kb / 14P
   1-Channel Low Side Switch
logo
Infineon Technologies A...
BTS4141N INFINEON-BTS4141N_09 Datasheet
472Kb / 21P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
V1.1, 2009-01-12
BTS4141N INFINEON-BTS4141N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4142N INFINEON-BTS4142N Datasheet
458Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
BTS4140N INFINEON-BTS4140N Datasheet
435Kb / 18P
   Smart High-Side Power Switch One Channel: 1 x 1?
2004-01-27
BTS4141D INFINEON-BTS4141D Datasheet
461Kb / 19P
   Smart High-Side Power Switch 1 Channel: 1 x 200m?
2004-01-27
logo
Texas Instruments
TPS1H000-Q1 TI1-TPS1H000-Q1 Datasheet
793Kb / 27P
[Old version datasheet]   40-V 1-(ohm) Single-Channel Smart High-Side Switch
logo
Vishay Siliconix
SIP4613B VISHAY-SIP4613B Datasheet
491Kb / 10P
   Protected 1-A High-Side Load Switch
01-Jan-2022
SIP4613A VISHAY-SIP4613A Datasheet
510Kb / 10P
   Protected 1-A High-Side Load Switch
Rev. B, 06-Oct-08
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com