Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD82007FVJ-M Datasheet(PDF) 2 Page - Rohm

Part # BD82007FVJ-M
Description  AEC-Q100 Qualified
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ROHM [Rohm]
Direct Link  http://www.rohm.com
Logo ROHM - Rohm

BD82007FVJ-M Datasheet(HTML) 2 Page - Rohm

  BD82007FVJ-M Datasheet HTML 1Page - Rohm BD82007FVJ-M Datasheet HTML 2Page - Rohm BD82007FVJ-M Datasheet HTML 3Page - Rohm BD82007FVJ-M Datasheet HTML 4Page - Rohm BD82007FVJ-M Datasheet HTML 5Page - Rohm BD82007FVJ-M Datasheet HTML 6Page - Rohm BD82007FVJ-M Datasheet HTML 7Page - Rohm BD82007FVJ-M Datasheet HTML 8Page - Rohm BD82007FVJ-M Datasheet HTML 9Page - Rohm Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
2/23
05.Feb.2015 Rev.001
www.rohm.com
© 2015 ROHM Co., Ltd. All rights reserved.
TSZ22111・15・001
TSZ02201-0GGG0H300020-1-2
BD82006FVJ-M
BD82007FVJ-M
Block Diagram
UVLO
IN
GND
Charge
Pump
Gate
Logic
OCD
TSD
IN
EN
/EN
OUT
OUT
OUT
/OC
Pin Configurations
1
2
3
4
8
7
6
5
EN
GND
IN
IN
OUT
OUT
OUT
/OC
1
2
3
4
8
7
6
5
/EN
GND
IN
IN
OUT
OUT
OUT
/OC
Pin Description
Pin No.
Symbol
I / O
Function
1
GND
-
Ground.
2, 3
IN
-
Switch input and the supply voltage for the IC.
At use, connect both pins together.
4
EN , /EN
I
Enable input.
EN: High level input turns on the switch.(BD82006FVJ-M)
/EN: Low level input turns on the switch.(BD82007FVJ-M)
High level input > 2.0V, low level input < 0.8V.
5
/OC
O
Over-current detection terminal.
Low level output during over-current or over-temperature condition.
Open-drain fault flag output.
6, 7, 8
OUT
O
Power switch output.
At use, connect each pin together.
BD82006FVJ-M
TOP VIEW
BD82007FVJ-M
TOP VIEW


Similar Part No. - BD82007FVJ-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD82000FVJ ROHM-BD82000FVJ Datasheet
162Kb / 5P
   Silicon Monolithic IC
BD82000FVJ ROHM-BD82000FVJ Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ ROHM-BD82000FVJ Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
408Kb / 17P
   1ch High Side Switch ICs for USB Devices and Memory Cards
BD82000FVJ-E2 ROHM-BD82000FVJ-E2 Datasheet
1Mb / 27P
   1.5A Current Limit High Side Switch ICs
More results

Similar Description - BD82007FVJ-M

ManufacturerPart #DatasheetDescription
logo
Rohm
BD16936EFV-M ROHM-BD16936EFV-M Datasheet
1Mb / 23P
   AEC-Q100 Qualified
BD2268G-M ROHM-BD2268G-M Datasheet
486Kb / 26P
   AEC-Q100 Qualified
BU97530KVT-M ROHM-BU97530KVT-M Datasheet
976Kb / 59P
   AEC-Q100 Qualified
BD16922EFV-M ROHM-BD16922EFV-M Datasheet
1Mb / 30P
   AEC-Q100 Qualified
BD2244G-M ROHM-BD2244G-M Datasheet
1Mb / 28P
   AEC-Q100 Qualified
BU97550KV-M ROHM-BU97550KV-M Datasheet
2Mb / 72P
   AEC-Q100 Qualified
BU97600XXX ROHM-BU97600XXX Datasheet
1Mb / 63P
   AEC-Q100 Qualified
BD83732HFP-M ROHM-BD83732HFP-M Datasheet
1Mb / 32P
   AEC-Q100 Qualified
logo
IXYS Corporation
IXD_609SI IXYS-IXD_609SI Datasheet
255Kb / 11P
   AEC Q100 Qualified
IXD_614SI IXYS-IXD_614SI Datasheet
260Kb / 12P
   AEC Q100 Qualified
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com