Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

130153-0050 Datasheet(PDF) 1 Page - Molex Electronics Ltd.

Part # 130153-0050
Description  Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MOLEX11 [Molex Electronics Ltd.]
Direct Link  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

130153-0050 Datasheet(HTML) 1 Page - Molex Electronics Ltd.

  130153-0050 Datasheet HTML 1Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION
Part Number:
130153-0050
Status:
Active
Overview:
Ground Fault Circuit Interrupter (GFCI) Products
Description:
Super-Safeway® In-Line Industrial GFCI, Portable, Single Phase, Manual Reset,
NEMA 5-15, 15A, 120V, 15.24m (50.0') Cord Length
Documents:
RoHS Certificate of Compliance (PDF)
Product Literature (PDF)
Product Literature (PDF)
Agency Certification
UL
E66308
General
Product Family
Power Distribution
Series
130153
Enclosure Rating
NEMA 3R
GFCI Reset
Manual
Mounting Style
Portable
Open Neutral Relay
Yes
Overview
Ground Fault Circuit Interrupter (GFCI) Products
Product Literature Order No
987650-7737, 987651-0452
Product Name
Super-Safeway™
Receptacle Type
N/A
Type
GFCI Industrial Duty, Single Phase
UPC
78678889759
Woodhead
Yes
Physical
Cord Diameter
10.92mm (.430")
Cord Grip Body Size
Internal Double C-Clamp
Cord Length
15.24m (50.0')
Feed-Thru
Yes
Flip Lid
No
Material - Housing
Nylon
Number of Receptacles
1
Packaging Type
Bag
Electrical
Cord Type
12/3 SJTW
Current - Maximum per Contact
15.0A
GFCI
Yes-In-line
Ground Continuity Monitor
No
NEMA Configuration
NEMA 5-15
Voltage - Maximum
125V
Material Info
Old Part Number
15051-50M
Series
image - Reference only
EU RoHS
China RoHS
Compliance Status
Not Reviewed
REACH SVHC
Not Reviewed
Low-Halogen Status
Not Reviewed
Need more information on product
environmental compliance?
Email productcompliance@molex.com
For a multiple part number RoHS Certificate of
Compliance, click here
Please visit the Contact Us section for any
non-product compliance questions.
Search Parts in this Series
130153Series
This document was generated on 04/17/2015
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


Similar Part No. - 130153-0050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130153-0051 MOLEX11-130153-0051 Datasheet
48Kb / 1P
   Safeway In-Line Commercial GFCI, Permanent Mount, Single Phase
130153-0052 MOLEX11-130153-0052 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0053 MOLEX11-130153-0053 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0056 MOLEX11-130153-0056 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0059 MOLEX11-130153-0059 Datasheet
38Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
More results

Similar Description - 130153-0050

ManufacturerPart #DatasheetDescription
logo
Molex Electronics Ltd.
130153-0160 MOLEX11-130153-0160 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0188 MOLEX11-130153-0188 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0190 MOLEX11-130153-0190 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0020 MOLEX11-130153-0020 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0040 MOLEX11-130153-0040 Datasheet
36Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0200 MOLEX11-130153-0200 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
1301530188 MOLEX11-1301530188 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0159 MOLEX11-130153-0159 Datasheet
37Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0046 MOLEX11-130153-0046 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0047 MOLEX11-130153-0047 Datasheet
35Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
130153-0109 MOLEX11-130153-0109 Datasheet
34Kb / 1P
   Super-Safeway In-Line Industrial GFCI, Portable, Single Phase
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com