Electronic Components Datasheet Search |
|
3812-10TGI Datasheet(PDF) 1 Page - Welwyn Components Limited |
|
3812-10TGI Datasheet(HTML) 1 Page - Welwyn Components Limited |
1 / 2 page Ultra-High Value Precision Resistors 3810 Series Resistance range up to 100 T ohms (1014 ohms) Designed for low current (picoampere level) measurements Lowvoltagecoefficient Hermeticallysealed Leakagecurrentminimisedbyhermeticsealingandguardring Ultra-High Value Precision Resistors 3810 Series • Resistance range up to 100 T ohms (1014 ohms) • Designed for low current (picoampere level) measurements • Low voltage coefficient • Hermetically sealed • Leakage current minimised by hermetic sealing and guard ring 2 1 8 3 1 1 8 3 0 1 8 3 T 0 0 1 o t T 1 T 1 o t M 0 0 1 T 1 o t M 0 0 1 s m h o e g n a r e c n a t s i s e R 0 0 0 1 0 0 0 1 0 0 5 s tl o v e g a tl o v t n e m e l e g n it i m i L 0 0 5 3 - o t 0 0 5 - C ° / m p p ) C ° 0 7 o t C ° 0 2 ( R C T 0 1 , 5 , 2 , 1 0 2 , 0 1 % e c n a r e l o t e c n a t s i s e R 1T to 10T; 2, 5, 10 >10T; 5, 10 Values E24 preferred 0 0 1 o t 0 4 - C ° e g n a r e r u t a r e p m e t t n e i b m A General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. © Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Electrical Data Issue D · 03.06 A subsidiary of TT electronics plc Welwyn Components Construction The Cermetox® resistive film is fired onto high quality ceramic substrate; brass end caps are forced fitted to the substrate which is then adjusted to value with a helical cut in the film; the leads are mechanically locked into the end caps and the assembly sealed into the glass envelope. All close tolerance units utilise two resistors connected in series within the glass envelope. The guard band is described, with application notes, in a Product Information sheet, available on request. Terminations Material Solder-coated Dumet wire. Strength The terminations meet the requirements of IEC 68.2.21 Solderability The terminations meet the requirements of IEC 115-1, Clause 4.17.3.2 Marking The serial number, resistance value and tolerance code are legend marked. The resistance value marking conforms to IEC 62. Solvent Resistance The glass envelope is coated with silicone and should not be subjected to solvents or their vapours. (See Application Notes.) Dimensions (mm) & Weight (g) PCB Min. Type L max D max f min d nom mounting Bend Wt. nom Centres Radius 3810 25.0 6 30 0.6 29.2 0.6 1.5 3811 42.9 6 30 0.6 47.1 0.6 2.2 3812 48.0 6 30 0.6 52.2 0.6 2.5 Physical Data L D f d 203 Ultra-High Value Precision Resistors 3810 Series • Resistance range up to 100 T ohms (1014 ohms) • Designed for low current (picoampere level) measurements • Low voltage coefficient • Hermetically sealed • Leakage current minimised by hermetic sealing and guard ring 2 1 8 3 1 1 8 3 0 1 8 3 T 0 0 1 o t T 1 T 1 o t M 0 0 1 T 1 o t M 0 0 1 s m h o e g n a r e c n a t s i s e R 0 0 0 1 0 0 0 1 0 0 5 s tl o v e g a tl o v t n e m e l e g n it i m i L 0 0 5 3 - o t 0 0 5 - C ° / m p p ) C ° 0 7 o t C ° 0 2 ( R C T 0 1 , 5 , 2 , 1 0 2 , 0 1 % e c n a r e l o t e c n a t s i s e R 1T to 10T; 2, 5, 10 >10T; 5, 10 Values E24 preferred 0 0 1 o t 0 4 - C ° e g n a r e r u t a r e p m e t t n e i b m A General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. © Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Electrical Data Issue D · 03.06 A subsidiary of TT electronics plc Welwyn Components Construction The Cermetox® resistive film is fired onto high quality ceramic substrate; brass end caps are forced fitted to the substrate which is then adjusted to value with a helical cut in the film; the leads are mechanically locked into the end caps and the assembly sealed into the glass envelope. All close tolerance units utilise two resistors connected in series within the glass envelope. The guard band is described, with application notes, in a Product Information sheet, available on request. Terminations Material Solder-coated Dumet wire. Strength The terminations meet the requirements of IEC 68.2.21 Solderability The terminations meet the requirements of IEC 115-1, Clause 4.17.3.2 Marking The serial number, resistance value and tolerance code are legend marked. The resistance value marking conforms to IEC 62. Solvent Resistance The glass envelope is coated with silicone and should not be subjected to solvents or their vapours. (See Application Notes.) Dimensions (mm) & Weight (g) PCB Min. Type L max D max f min d nom mounting Bend Wt. nom Centres Radius 3810 25.0 6 30 0.6 29.2 0.6 1.5 3811 42.9 6 30 0.6 47.1 0.6 2.2 3812 48.0 6 30 0.6 52.2 0.6 2.5 Physical Data L D f d 203 Ultra-High Value Precision Resistors 3810 Series • Resistance range up to 100 T ohms (1014 ohms) • Designed for low current (picoampere level) measurements • Low voltage coefficient • Hermetically sealed • Leakage current minimised by hermetic sealing and guard ring 2 1 8 3 1 1 8 3 0 1 8 3 T 0 0 1 o t T 1 T 1 o t M 0 0 1 T 1 o t M 0 0 1 s m h o e g n a r e c n a t s i s e R 0 0 0 1 0 0 0 1 0 0 5 s tl o v e g a tl o v t n e m e l e g n it i m i L 0 0 5 3 - o t 0 0 5 - C ° / m p p ) C ° 0 7 o t C ° 0 2 ( R C T 0 1 , 5 , 2 , 1 0 2 , 0 1 % e c n a r e l o t e c n a t s i s e R 1T to 10T; 2, 5, 10 >10T; 5, 10 Values E24 preferred 0 0 1 o t 0 4 - C ° e g n a r e r u t a r e p m e t t n e i b m A General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. © Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Electrical Data Issue D · 03.06 A subsidiary of TT electronics plc Welwyn Components Construction The Cermetox® resistive film is fired onto high quality ceramic substrate; brass end caps are forced fitted to the substrate which is then adjusted to value with a helical cut in the film; the leads are mechanically locked into the end caps and the assembly sealed into the glass envelope. All close tolerance units utilise two resistors connected in series within the glass envelope. The guard band is described, with application notes, in a Product Information sheet, available on request. Terminations Material Solder-coated Dumet wire. Strength The terminations meet the requirements of IEC 68.2.21 Solderability The terminations meet the requirements of IEC 115-1, Clause 4.17.3.2 Marking The serial number, resistance value and tolerance code are legend marked. The resistance value marking conforms to IEC 62. Solvent Resistance The glass envelope is coated with silicone and should not be subjected to solvents or their vapours. (See Application Notes.) Dimensions (mm) & Weight (g) PCB Min. Type L max D max f min d nom mounting Bend Wt. nom Centres Radius 3810 25.0 6 30 0.6 29.2 0.6 1.5 3811 42.9 6 30 0.6 47.1 0.6 2.2 3812 48.0 6 30 0.6 52.2 0.6 2.5 Physical Data L D f d 203 Ultra-High Value Precision Resistors 3810 Series • Resistance range up to 100 T ohms (1014 ohms) • Designed for low current (picoampere level) measurements • Low voltage coefficient • Hermetically sealed • Leakage current minimised by hermetic sealing and guard ring 2 1 8 3 1 1 8 3 0 1 8 3 T 0 0 1 o t T 1 T 1 o t M 0 0 1 T 1 o t M 0 0 1 s m h o e g n a r e c n a t s i s e R 0 0 0 1 0 0 0 1 0 0 5 s tl o v e g a tl o v t n e m e l e g n it i m i L 0 0 5 3 - o t 0 0 5 - C ° / m p p ) C ° 0 7 o t C ° 0 2 ( R C T 0 1 , 5 , 2 , 1 0 2 , 0 1 % e c n a r e l o t e c n a t s i s e R 1T to 10T; 2, 5, 10 >10T; 5, 10 Values E24 preferred 0 0 1 o t 0 4 - C ° e g n a r e r u t a r e p m e t t n e i b m A General Note Welwyn Components reserves the right to make changes in product specification without notice or liability. All information is subject to Welwyn’s own data and is considered accurate at time of going to print. © Welwyn Components Limited · Bedlington, Northumberland NE22 7AA, UK Telephone: +44 (0) 1670 822181 · Facsimile: +44 (0) 1670 829465 · Email: info@welwyn-tt.com · Website: www.welwyn-tt.com Electrical Data Issue D · 03.06 A subsidiary of TT electronics plc Welwyn Components Construction The Cermetox® resistive film is fired onto high quality ceramic substrate; brass end caps are forced fitted to the substrate which is then adjusted to value with a helical cut in the film; the leads are mechanically locked into the end caps and the assembly sealed into the glass envelope. All close tolerance units utilise two resistors connected in series within the glass envelope. The guard band is described, with application notes, in a Product Information sheet, available on request. Terminations Material Solder-coated Dumet wire. Strength The terminations meet the requirements of IEC 68.2.21 Solderability The terminations meet the requirements of IEC 115-1, Clause 4.17.3.2 Marking The serial number, resistance value and tolerance code are legend marked. The resistance value marking conforms to IEC 62. Solvent Resistance The glass envelope is coated with silicone and should not be subjected to solvents or their vapours. (See Application Notes.) Dimensions (mm) & Weight (g) PCB Min. Type L max D max f min d nom mounting Bend Wt. nom Centres Radius 3810 25.0 6 30 0.6 29.2 0.6 1.5 3811 42.9 6 30 0.6 47.1 0.6 2.2 3812 48.0 6 30 0.6 52.2 0.6 2.5 Physical Data L D f d 203 Make Possible Resistors 07.14 General Note TT Electronics reserves the right to make changes in product specification without notice or liability. All information is subject to TT Electronics’ own data and is considered accurate at time of going to print. © TT Electronics plc www.ttelectronicsresistors.com AllpartsarePb-freeandcomplywithEUDirective2011/65/EU(RoHS2) |
Similar Part No. - 3812-10TGI |
|
Similar Description - 3812-10TGI |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |