Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BB1110DI Datasheet(PDF) 3 Page - Welwyn Components Limited

Part # BB1110DI
Description  Terminator Networks 18 Bit SSTL_2 Termination Sets
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WELWYN [Welwyn Components Limited]
Direct Link  http://www.welwyn-tt.com/
Logo WELWYN - Welwyn Components Limited

BB1110DI Datasheet(HTML) 3 Page - Welwyn Components Limited

  BB1110DI Datasheet HTML 1Page - Welwyn Components Limited BB1110DI Datasheet HTML 2Page - Welwyn Components Limited BB1110DI Datasheet HTML 3Page - Welwyn Components Limited BB1110DI Datasheet HTML 4Page - Welwyn Components Limited  
Zoom Inzoom in Zoom Outzoom out
 3 / 4 page
background image
Part Number
Resistor Number
Resistor value (Ω)
Array
Pitch (mm)
Tape/Reel
Capacity 7”
Tape/Reel
Capacity 13”
BB1110TB
R1/R2
50/25
3X9
1.0
1000
4000
BB1111TB
R1/R2
25/22
3X9
1.0
1000
4000
BB1112TB
R1/R2
60/25
3X9
1.0
1000
4000
BB1113TB
R1/R2
60/60
3X9
1.0
1000
4000
BB1110B
R1
50
3X9
1.0
1000
4000
BB1111B
R1
100
3X9
1.0
1000
4000
BB1112B
R1
25
3X9
1.0
1000
4000
BB1110DI
R1
25
4X9
1.0
1000
4000
BB1111DI
R1
22
4X9
1.0
1000
4000
BB11112DI
R1
33
4X9
1.0
1000
4000
BB11113DI
R1
47
4X9
1.0
1000
4000
BB1110I
R1
25
3X9
1.0
1000
4000
Ordering Information
Application Notes
Add 7 for 7-inch reel or 13 for 13-inch reel to part number.
Example:
BB1110B7 (1000 parts packaged in 7 inch reel)
BB1110B13 (4000 parts packaged in 13 inch reel)
Schematics per JEDEC Standard No. 8-9B.
SSTL_2, Class I, symmetrically single parallel terminated output load, and series resistor
BB2110DI
BB1110B
07.14
General Note
TT Electronics reserves the right to make changes in product specification without notice or liability.
All information is subject to TT Electronics’ own data and is considered accurate at time of going to print.
© TT Electronics plc
www.ttelectronicsresistors.com
BB1110TB, BB1110B, BB1110I
and BB2110DI DDR SDRAM Terminator Networks
BB 1110 / 2110 Series
Make Possible


Similar Part No. - BB1110DI

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BB1110DI BITECH-BB1110DI Datasheet
289Kb / 4P
   18 Bit SSTL_2 Termination Sets
More results

Similar Description - BB1110DI

ManufacturerPart #DatasheetDescription
logo
Bi technologies
BB1110B BITECH-BB1110B_12 Datasheet
289Kb / 4P
   18 Bit SSTL_2 Termination Sets
logo
Bourns Electronic Solut...
4608H-701-RC BOURNS-4608H-701-RC Datasheet
349Kb / 2P
   RC Terminator Networks
4610H-701-470 BOURNS-4610H-701-470 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
KOA Speer Electronics, ...
ACBQ20T KOA-ACBQ20T Datasheet
95Kb / 2P
   AC terminator networks
logo
Bourns Electronic Solut...
700 BOURNS-700 Datasheet
332Kb / 2P
   RC Terminator Networks
4609H-701-101 BOURNS-4609H-701-101 Datasheet
332Kb / 2P
   RC Terminator Networks
logo
KOA Speer Electronics, ...
CTXS03T KOA-CTXS03T Datasheet
75Kb / 1P
   PECL clock terminator networks
logo
List of Unclassifed Man...
BB1110TB ETC-BB1110TB Datasheet
91Kb / 4P
   DDR SDRAM TERMINATOR NETWORKS.
logo
KOA Speer Electronics, ...
RDAQ20T KOA-RDAQ20T Datasheet
93Kb / 2P
   scsi&ecl termination networks
RDAQ20TTEB331JH KOA-RDAQ20TTEB331JH Datasheet
226Kb / 2P
   scsi & ecl termination networks
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com