Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LANE515ND6KV Datasheet(PDF) 1 Page - Wall Industries,Inc.

Part # LANE515ND6KV
Description  1 Watt Output Power 3000VACrms (6000VDC) I/O Isolation
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WALL [Wall Industries,Inc.]
Direct Link  http://www.wallindustries.com
Logo WALL - Wall Industries,Inc.

LANE515ND6KV Datasheet(HTML) 1 Page - Wall Industries,Inc.

  LANE515ND6KV Datasheet HTML 1Page - Wall Industries,Inc. LANE515ND6KV Datasheet HTML 2Page - Wall Industries,Inc. LANE515ND6KV Datasheet HTML 3Page - Wall Industries,Inc. LANE515ND6KV Datasheet HTML 4Page - Wall Industries,Inc. LANE515ND6KV Datasheet HTML 5Page - Wall Industries,Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Wall Industries, Inc.
Rev E
LANE-6KV SERIES
1 Watt Medical & Industrial DC/DC Power Converters
05/22/2014
Wall Industries, Inc. • 37 Industrial Drive, Exeter, NH 03833 • Tel: 603-778-2300 • Toll Free: 888-597-9255 • Fax 603-778-9797
website: www.wallindustries.com • e-mail: sales@wallindustries.com
Page 1 of 5
FEATURES
1 Watt Output Power
Small SIP Package
Single & Dual Outputs
Low Coupling Capacity
Short Circuit Protection
-25°C to +85°C Operating Temperature
MTBF > 2,000,000 Hours
3000VACrms (6000VDC) I/O Isolation
Reinforced Insulation Rated for 300VAC Working
Voltage
cUL/UL60950-1, CSA C22.2 No. 60950-1-03,
IEC/EN 60950-1 Industrial Safety Approvals
UL60601-1, CSA C22.2 No. 601-1, IEC/EN 60601-1
(3rd Edition) Medical Safety Approvals
DESCRIPTION
Size:
Weight:
0.87 x 0.30 x 0.49 inches
0.14oz (3.9g)
22.0 x 7.5 x 12.5 mm
The LANE-6KV series of 1 watt DC/DC power converters are specially designed to provide ultra-high
levels of isolation in a miniature SIP package. This series consists of 12 models with nominal input
voltages of 5V and 12V and standard output voltages of 5V, 12V, and 15V in both single and dual
output configurations. The LANE-6KV has both industrial and medical (3rd edition) approvals and
offers an economical solution for many applications in industrial controls and instrumentation,
consumer electronics, and wherever a certified supplementary or reinforced insulation system is
required to comply with relative safety standards.
MODEL SELECTION TABLE
SINGLE OUTPUT MODELS
Output Current
Input Current (Typ)
Model Number
Input Voltage
Output
Voltage
Min (1)
Max
No Load
Max Load
Load
Regulation
Output
Power
Efficiency
(Typ)
Maximum
Capacitive Load
LANE505N6KV
5 VDC
4mA
200mA
303mA
10%
1W
66%
680μF
LANE512N6KV
12 VDC
2mA
80mA
291mA
8%
1W
66%
680μF
LANE515N6KV
5 VDC
(4.5 - 5.5 VDC)
15 VDC
1mA
65mA
55mA
295mA
8%
1W
66%
680μF
LANE1205N6KV
5 VDC
4mA
200mA
126mA
10%
1W
66%
680μF
LANE1212N6KV
12 VDC
2mA
80mA
121mA
8%
1W
66%
680μF
LANE1215N6KV
12 VDC
(10.8 - 13.2 VDC)
15 VDC
1mA
65mA
30mA
123mA
8%
1W
66%
680μF
DUAL OUTPUT MODELS
Output Current
Input Current (Typ)
Model Number
Input Voltage
Output
Voltage
Min (1)
Max
No Load
Max Load
Load
Regulation
Output
Power
Efficiency
(Typ)
Maximum
Capacitive Load
LANE505ND6KV
±5 VDC
±2mA
±100mA
303mA
10%
1W
66%
±220μF
LANE512ND6KV
±12 VDC
±1mA
±40mA
267mA
8%
1W
72%
±220μF
LANE515ND6KV
5 VDC
(4.5 - 5.5 VDC)
±15 VDC
±1mA
±35mA
55mA
287mA
8%
1W
73%
±220μF
LANE1205ND6KV
±5 VDC
±2mA
±100mA
126mA
10%
1W
66%
±220μF
LANE1212ND6KV
±12 VDC
±1mA
±40mA
108mA
8%
1W
74%
±220μF
LANE1215ND6KV
12 VDC
(10.8 - 13.2 VDC)
±15 VDC
±1mA
±35mA
30mA
117mA
8%
1W
75%
±220μF
NOTES
1. The LANE-6KV series requires a minimum load on the output to maintain specified regulation. Operation under no-load conditions will not
damage these devices; however they may not meet all listed specifications.
2. All DC/DC converters should be externally fused at the front end for protection.
3. Other input and output voltages may be available, please contact factory.


Similar Part No. - LANE515ND6KV

ManufacturerPart #DatasheetDescription
logo
Wall Industries,Inc.
LANE515ND6KV WALL-LANE515ND6KV Datasheet
200Kb / 8P
   Single and Dual Output 1 Watt DC/DC Converter 7 pin SIP with 6KVDC Isolation
LANE515ND6KV WALL-LANE515ND6KV Datasheet
513Kb / 5P
   1 Watt Medical & Industrial DC/DC Power Converters
More results

Similar Description - LANE515ND6KV

ManufacturerPart #DatasheetDescription
logo
CET Technology, LLC
CT-12D-6KV CETTECHNOLOGY-CT-12D-6KV Datasheet
675Kb / 2P
   6000Vdc Isolation Single & Dual Output 1 Watt Dc-Dc Converter
logo
Wall Industries,Inc.
LANER WALL-LANER Datasheet
156Kb / 3P
   Single Output 1KVDC I/O Isolation 1 Watt DC/DC Converter
logo
PEAK electronics GmbH
P14SG-053R3ELF PEAK-P14SG-053R3ELF Datasheet
149Kb / 3P
   1 - 6 kV DC I/O Isolation
logo
Wall Industries,Inc.
LANEH2 WALL-LANEH2 Datasheet
158Kb / 3P
   3KVDC I/O Isolation Single and Dual Output 2 Watt DC/DC Converter
MSLUH WALL-MSLUH Datasheet
168Kb / 5P
   3000VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
MSLU WALL-MSLU Datasheet
222Kb / 7P
   1500VDC I/O Isolation Single and Dual Outputs 1 Watt DC/DC Converters
LANEH WALL-LANEH_16 Datasheet
381Kb / 6P
   1 Watt Output Power
logo
Artesyn Technologies
AEE ARTESYN-AEE Datasheet
659Kb / 3P
   1500 Vdc I/O isolation
AET ARTESYN-AET Datasheet
473Kb / 3P
   1500 Vdc I/O isolation
logo
Intronics Power, Inc.
B200 INTRONICS-B200 Datasheet
370Kb / 2P
   FIXED INPUT ISOLATED & UNREGULATED 1W OUTPUT 6000VDC ISOLATION SINGLE OUTPUT DIP PACKAGE
More results


Html Pages

1 2 3 4 5


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com