Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT-273 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT-273
Description  Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT-273 Datasheet(HTML) 2 Page - Tyco Electronics

  AT-273 Datasheet HTML 1Page - Tyco Electronics AT-273 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2.0 GHz
AT-273
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 7.00
2
Pin Configuration
Pin No.
Function
Pin No.
Function
1
C2
9
RF1
2
GND
10
GND
3
C1
11
GND
4
GND
12
GND
5
GND
13
Vee
6
GND
14
Vcc
7
GND
15
NC
8
RF2
16
NC
Absolute Maximum Ratings
1
1. Operation of this device above any one of these
parameters may cause permanent damage.
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Input Leakage Current (Low)
Input Leakage Current (High)
0 to 0.8V
2.0 to 5.0V
µA
µA
1.0
1.0
Icc
Vcc = 4.5 to 5.5V
Vctl = 0 to 0.8V, or Vcc –2.1V to Vcc
mA
2.0
-Iee
Vee = -5.0 to -8.0V
mA
-1
Electrical Specifications: TA = 25°C
Parameter
Absolute Maximum
Max. Input Power
0.05 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
+Vcc
+5.5V
-Vee
-8.5V
Control Voltage
-0.5 to Vcc + 0.5V
Operating Temperature
-55°C to +125°C
Storage Temperature
-65°C to +150°C
Truth Table
C1
C2
Attenuation
0
0
Loss, Reference
0
1
16.0 dB
1
1
32.0 dB
0 = TTL Low; 1 = TTL High
Ordering Information
Part Number
Package
AT-273
Bulk Packaging
AT-273TR
Tape and Reel


Similar Part No. - AT-273

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-273-PIN MACOM-AT-273-PIN Datasheet
153Kb / 4P
   Digital Attenuator, 2-Bit, 32.0dB, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
   Digital Attenuator
AT-273-PIN MA-COM-AT-273-PIN_15 Datasheet
591Kb / 5P
   Digital Attenuator
More results

Similar Description - AT-273

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT20-0273 MACOM-AT20-0273 Datasheet
220Kb / 3P
   Digital Attenuator, 32 dB, 2-Bit, TTL Driver, DC - 2 GHz
logo
M/A-COM Technology Solu...
AT20-0273 MA-COM-AT20-0273 Datasheet
105Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
AT-273-PIN MA-COM-AT-273-PIN Datasheet
106Kb / 4P
   Digital Attenuator 32.0 dB, 2-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0263 MACOM-AT65-0263 Datasheet
261Kb / 4P
   Digital Attenuator, 31 dB, 5-Bit, TTL Driver DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0263 MA-COM-AT20-0263 Datasheet
116Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-263-PIN MA-COM-AT-263-PIN Datasheet
123Kb / 4P
   Digital Attenuator 31.0 dB, 5-Bit, TTL Driver, DC-2.0 GHz
AT-283-PIN MA-COM-AT-283-PIN Datasheet
133Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
MAAD-007084-000100 MACOM-MAAD-007084-000100 Datasheet
233Kb / 4P
   Digital Attenuator 15.5 dB, 5-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com