Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT10-0009 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT10-0009
Description  Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT10-0009 Datasheet(HTML) 2 Page - Tyco Electronics

  AT10-0009 Datasheet HTML 1Page - Tyco Electronics AT10-0009 Datasheet HTML 2Page - Tyco Electronics AT10-0009 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 7.00
2
Recommended PCB Configuration
Pin Configuration
Pin #
Function
Pin #
Function
1
GND
9
GND
2
RF
10
RF
3
GND
11
GND
4
GND
12
GND
5
GND
13
GND
6
GND
14
GND
7
Bias
2
15
Bias
2
8
GND
16
GND
2. Bias currents may be applied to pin 7 or 15. The unused pin
should be isolated.
Typical Performance Curves
Attenuation Flatness (dB) @ +25°C
Insertion Loss
1
2
3
4
5
6
750
825
900
975
1050
Frequency (MHz)
+25°C
+85°C
-40°C
-3
-2
-1
0
1
2
3
750
825
900
975
1050
Frequency (MHz)
30 dB
20 dB
10 dB
Ref
1. Operation of this device above any one of these parameters
may cause permanent damage.
Parameter
Absolute Maximum
Max. Input Power
+27 dBm
Operating Temperature
-40°C to +85°C
Storage Temperature
-65°C to +125°C
Absolute Maximum Ratings
1


Similar Part No. - AT10-0009

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive
logo
Tyco Electronics
AT10-0009-TB MACOM-AT10-0009-TB Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
M/A-COM Technology Solu...
AT10-0009-TB MA-COM-AT10-0009-TB Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
More results

Similar Description - AT10-0009

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT10-0009 MA-COM-AT10-0009 Datasheet
79Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Tyco Electronics
MAAVCC0001 MACOM-MAAVCC0001 Datasheet
236Kb / 3P
   Voltage Variable Absorptive Attenuator 800 - 1000 MHz
logo
M/A-COM Technology Solu...
MAAV-007089-000100 MA-COM-MAAV-007089-000100 Datasheet
80Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007092-000100 MA-COM-MAAV-007092-000100 Datasheet
89Kb / 4P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
logo
Tyco Electronics
AT10-0009 MACOM-AT10-0009_1 Datasheet
253Kb / 3P
   Voltage Variable Absorptive Attenuator, 800 - 1000 MHz
MAAV-007089-000100 MACOM-MAAV-007089-000100 Datasheet
214Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAV-007092-000100 MACOM-MAAV-007092-000100 Datasheet
231Kb / 4P
   Voltage Variable Attenuator 800 - 1000 MHz
MAAVCC0002 MACOM-MAAVCC0002 Datasheet
244Kb / 3P
   Voltage Variable Absorptive Attenuator 1700 - 2200 MHz
logo
M/A-COM Technology Solu...
MAAVSS0005 MA-COM-MAAVSS0005 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
MAAVSS0005 MA-COM-MAAVSS0005_15 Datasheet
100Kb / 3P
   Voltage Variable Absorptive Attenuator
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com