Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3065 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3065
Description  45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
Download  28 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3065 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3065_15 Datasheet HTML 2Page - Linear Technology LT3065_15 Datasheet HTML 3Page - Linear Technology LT3065_15 Datasheet HTML 4Page - Linear Technology LT3065_15 Datasheet HTML 5Page - Linear Technology LT3065_15 Datasheet HTML 6Page - Linear Technology LT3065_15 Datasheet HTML 7Page - Linear Technology LT3065_15 Datasheet HTML 8Page - Linear Technology LT3065_15 Datasheet HTML 9Page - Linear Technology LT3065_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 28 page
background image
LT3065 Series
6
3065fb
For more information www.linear.com/LT3065
TYPICAL PERFORMANCE CHARACTERISTICS
Quiescent Current
LT3065-1.5 Output Voltage
LT3065-1.2 Output Voltage
Typical Dropout Voltage
Guaranteed Dropout Voltage
Dropout Voltage
OUTPUT CURRENT (mA)
0
300
400
500
600
400
3065 G01
200
100
250
350
450
550
150
50
0
100
200
300
50
450
150
250
350
500
TJ = 25°C
TJ = 125°C
TJ = 150°C
OUTPUT CURRENT (mA)
0
0
100
200
300
700
500
100
200 250
450
600
400
50
150
250
650
450
550
350
50
150
300 350 400
500
3065 G02
TJ = 25°C
TJ = 150°C
= TEST POINTS
TEMPERATURE (°C)
–75
300
400
500
600
125
3065 G03
200
100
250
350
450
550
150
50
0
–25
25
75
–50
150
0
50
100
175
IL = 10mA
IL = 100mA
IL = 500mA
IL = 50mA
TEMPERATURE (°C)
–75
60
70
100
110
130
125
3065 G04
40
20
50
90
80
120
30
10
0
–25
25
75
–50
150
0
50
100
175
VIN = VSHDN = 12V
VOUT = 5V
IL = 10µA
VIN = 12V
ALL OTHER PINS = 0V
TJ = 25°C, unless otherwise noted.
TEMPERATURE (°C)
–75
1.200
1.204
1.216
1.220
125
3065 G05
1.192
1.184
1.196
1.212
1.208
1.224
1.188
1.180
1.176
–25
25
75
–50
150
0
50
100
175
IL = 1mA
TEMPERATURE (°C)
–75
1.500
1.505
1.520
1.525
125
3065 G06
1.490
1.480
1.495
1.515
1.510
1.530
1.485
1.475
1.470
–25
25
75
–50
150
0
50
100
175
IL = 1mA
TEMPERATURE (°C)
–75
1.800
1.806
1.824
1.830
125
3065 G07
1.776
1.794
1.818
1.812
1.836
1.782
1.788
1.770
1.764
–25
25
75
–50
150
0
50
100
175
IL = 1mA
TEMPERATURE (°C)
–75
2.50
2.51
2.54
125
3065 G08
2.47
2.49
2.53
2.52
2.55
2.48
2.46
2.45
–25
25
75
–50
150
0
50
100
175
IL = 1mA
TEMPERATURE (°C)
–75
3.311
3.322
3.355
125
3065 G09
3.278
3.300
3.344
3.333
3.366
3.289
3.267
3.256
3.245
3.234
–25
25
75
–50
150
0
50
100
175
IL = 1mA
LT3065-1.8 Output Voltage
LT3065-2.5 Output Voltage
LT3065-3.3 Output Voltage


Similar Part No. - LT3065_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3065 LINER-LT3065 Datasheet
3Mb / 36P
   20V, 500mA, Ultralow Noise, Ultrahigh PSRR Linear Regulator with VIOC Control
LT3065 LINER-LT3065 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
More results

Similar Description - LT3065_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3065 LINER-LT3065 Datasheet
1Mb / 28P
   45V VIN, 500mA Low Noise, Linear Regulator with Programmable Current Limit and Power Good
logo
Linear Dimensions Semic...
LT3055 LINEAR_DIMENSIONS-LT3055 Datasheet
1Mb / 24P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
logo
Linear Technology
LT3055 LINER-LT3055 Datasheet
263Kb / 6P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3055 LINER-LT3055_15 Datasheet
511Kb / 26P
   500mA, Linear Regulator with Precision Current Limit and Diagnostics
LT3060 LINER-LT3060 Datasheet
283Kb / 20P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_11 Datasheet
382Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3060 LINER-LT3060_15 Datasheet
441Kb / 26P
   45V VIN, Micropower, Low Noise, 100mA Low Dropout, Linear Regulator
LT3090 LINER-LT3090_15 Datasheet
692Kb / 36P
   600mA Negative Linear Regulator with Programmable Current Limit
LT3050 LINER-LT3050 Datasheet
350Kb / 20P
   100mA, Low Noise Linear Regulator With Precision Current Limit And Diagnostic Functions
logo
List of Unclassifed Man...
LT3015ET ETC2-LT3015ET Datasheet
427Kb / 20P
   1.5A, Low Noise, Negative Linear Regulator with Precision Current Limit
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com