Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3081 Datasheet(PDF) 6 Page - Linear Technology

Part # LT3081
Description  1.5A Single Resistor Rugged Linear Regulator with Monitors
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3081 Datasheet(HTML) 6 Page - Linear Technology

Back Button LT3081_15 Datasheet HTML 2Page - Linear Technology LT3081_15 Datasheet HTML 3Page - Linear Technology LT3081_15 Datasheet HTML 4Page - Linear Technology LT3081_15 Datasheet HTML 5Page - Linear Technology LT3081_15 Datasheet HTML 6Page - Linear Technology LT3081_15 Datasheet HTML 7Page - Linear Technology LT3081_15 Datasheet HTML 8Page - Linear Technology LT3081_15 Datasheet HTML 9Page - Linear Technology LT3081_15 Datasheet HTML 10Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
LT3081
6
3081fc
For more information www.linear.com/LT3081
TO-220 Package Maximum Power
Dissipation
Programmable Current Limit
Programmable Current Limit
Programmable Current Limit
TEMP Pin Current
IMON Pin Current
Dropout Voltage
Internal Current Limit
Internal Current Limit
TEMPERATURE (°C)
–50
1.3
1.4
1.5
25
75
150
3081 G10
1.2
1.1
1.0
–25
0
50
100
ILOAD = 1.5A
ILOAD = 5mA
125
TEMPERATURE (°C)
–50
0
0.5
1.0
1.5
2.0
0
50
100
150
3081 G11
2.5
3.0
–25
25
75
125
VIN = 7V
VOUT = 0V
INPUT-TO-OUTPUT DIFFERENTIAL VOLTAGE (V)
0
0
0.4
0.8
1.2
6
12
18
24
3081 G12
30
1.6
2.0
0.2
0.6
1.0
1.4
1.8
36
TO-220 AND
DD-PAK
TSSOP
AND DFN
CASE TEMPERATURE (°C)
50
10
20
150
3081 G13
0
70
90
110
60
80
100
120 130 140
30
5
15
25
VIN – VOUT = 20V
LIMITED BY FOLDBACK
CURRENT LIMIT
VIN – VOUT = 10V
VIN – VOUT = 5V
θJC = 3°C/W
RILIM (k)
0
0
0.5
1.0
1.5
2.0
1
2
3
4
3081 G14
5
6
TJ = 25°C
VIN = 7V
VOUT = 0V
OUTPUT CURRENT (A)
0
0
0.2
0.4
0.6
0.95
1.00
1.05
0.5
1
1.5
2
3081 G15
RILIM
1.5k
RILIM
3.01k
RILIM
4.53k
RSET = 20k
TEMPERATURE (°C)
–50
80
120
150
3081 G16
40
0
0
50
100
–25
25
75
125
160
60
100
20
140
LOAD CURRENT (A)
0
250
300
350
1.2
3081 G17
200
150
0.3
0.6
0.9
1.5
100
50
0
TEMPERATURE (°C)
–50
0.8
1.2
150
3081 G39
0.4
0
0
50
100
–25
25
75
125
1.6
0.6
1.0
0.2
1.4
RILIM = 4.53k
RILIM = 3.01k
RILIM = 1.50k
VIN = 7V
VOUT = 0V
Typical perForMance characTerisTics T
J = 25°C unless otherwise specified.


Similar Part No. - LT3081_15

ManufacturerPart #DatasheetDescription
logo
Linear Dimensions Semic...
LT3081EDF#PBF LINEAR_DIMENSIONS-LT3081EDF#PBF Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081EFE#PBF LINEAR_DIMENSIONS-LT3081EFE#PBF Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081ER#PBF LINEAR_DIMENSIONS-LT3081ER#PBF Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081ET7#PBF LINEAR_DIMENSIONS-LT3081ET7#PBF Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
LT3081IDF#PBF LINEAR_DIMENSIONS-LT3081IDF#PBF Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
More results

Similar Description - LT3081_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3081 LINER-LT3081 Datasheet
287Kb / 6P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Dimensions Semic...
LT3081 LINEAR_DIMENSIONS-LT3081 Datasheet
1Mb / 28P
   1.5A Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Integrated Syste...
LT3089 LINEAR-LT3089 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
logo
Linear Technology
LT3089 LINER-LT3089 Datasheet
1Mb / 28P
   800mA Single Resistor Rugged Linear Regulator with Monitors
LT3089EDF LINER-LT3089EDF Datasheet
685Kb / 6P
   800mA Rugged Linear Regulator with Monitors
LT3088 LINER-LT3088 Datasheet
558Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3088 LINER-LT3088_15 Datasheet
710Kb / 26P
   800mA Single Resistor Rugged Linear Regulator
LT3088EDD LINER-LT3088EDD Datasheet
627Kb / 6P
   800mA Single Resistor Rugged Linear Regulator
logo
SHANGHAI BELLING CO., L...
BL8071 BELLING-BL8071 Datasheet
947Kb / 5P
   1.5A Linear Regulator
logo
Diodes Incorporated
AP7173 DIODES-AP7173_09 Datasheet
385Kb / 16P
   1.5A LOW DROPOUT LINEAR REGULATOR WITH
AP7173 Rev. 7
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com