Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT20-0106 Datasheet(PDF) 2 Page - Tyco Electronics

Part # AT20-0106
Description  Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT20-0106 Datasheet(HTML) 2 Page - Tyco Electronics

  AT20-0106 Datasheet HTML 1Page - Tyco Electronics AT20-0106 Datasheet HTML 2Page - Tyco Electronics AT20-0106 Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT20-0106
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
2
Parameter
Test Conditions
Frequency
Units
Min
Typ
Max
Icc
Vcc = 4.5 to 5.5V
Vctl = 0 to 0.8V, or Vcc –2.1V to Vcc
mA
6.0
Iee
Vee = -5.0 to -8.0V
mA
1.0
Electrical Specifications: TA = 25°C
Absolute Maximum Ratings
3
3. Operation of this device above any one of these parameters
may cause permanent damage.
4. Standard CMOS TTL interface, latch-up will occur if logic
signal is applied prior to power supply.
Parameter
Absolute Maximum
Max Input Power
0.5 GHz
0.5 - 2.0 GHz
+27 dBm
+34 dBm
Supply Voltages
Vcc
Vee
+5.5V
-8.5V
Control Voltage
4
-0.5V to Vcc +0.5V
Operating Temperature
-40°C to +125°C
Storage Temperature
-65°C to +150°C
Truth Table
C6
C5
C4
C3
C2
C1
Attenuation
0
0
0
0
0
0
Reference
0
0
0
0
0
1
1 dB
0
0
0
0
1
0
2 dB
0
0
0
1
0
0
4 dB
0
0
1
0
0
0
8 dB
0
1
0
0
0
0
16 dB
1
0
0
0
0
0
32 dB
1
1
1
1
1
1
63 dB
Control Inputs
Functional Schematic (Top View)
PIN 1 GND
GND
GND
C32
C16
Vee (-5V to -8V)
Vcc (+5V)
C8
GND
GND
GND
GND
GND
GND
RF1 PIN 24
32 dB
16 dB
8 dB
4 dB
2 dB
1 dB
GND
GND
GND Orientation Mark
GND
RF2 PIN 13
C4
C2
C1
PIN 12 GND
0 = TTL Low
1 = TTL High


Similar Part No. - AT20-0106

ManufacturerPart #DatasheetDescription
logo
M/A-COM Technology Solu...
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT20-0106 MA-COM-AT20-0106 Datasheet
134Kb / 4P
   Digital Attenuator
logo
Tyco Electronics
AT20-0106-PIN MACOM-AT20-0106-PIN Datasheet
185Kb / 4P
   Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
M/A-COM Technology Solu...
AT20-0106-PIN MA-COM-AT20-0106-PIN Datasheet
134Kb / 4P
   Digital Attenuator 50.0 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0106-TB MACOM-AT20-0106-TB Datasheet
185Kb / 4P
   Digital Attenuator 50.0dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results

Similar Description - AT20-0106

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT-106 MACOM-AT-106 Datasheet
236Kb / 3P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2 GHz
AT90-1106 MACOM-AT90-1106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
MAAD-007082-000100 MACOM-MAAD-007082-000100 Datasheet
302Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
MAAD-007082-000100 MA-COM-MAAD-007082-000100 Datasheet
170Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
logo
Tyco Electronics
AT90-0106 MACOM-AT90-0106 Datasheet
279Kb / 6P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC-2.4 GHz
logo
M/A-COM Technology Solu...
AT65-0106 MA-COM-AT65-0106 Datasheet
142Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
AT90-0106 MA-COM-AT90-0106 Datasheet
169Kb / 7P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC - 2.4 GHz
MAAD-007086-000100 MA-COM-MAAD-007086-000100 Datasheet
143Kb / 6P
   Digital Attenuator 50 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT65-0106 MACOM-AT65-0106 Datasheet
271Kb / 5P
   Digital Attenuator, 50 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com