Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3008SFG-7 Datasheet(PDF) 4 Page - Diodes Incorporated

Part # DMP3008SFG-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3008SFG-7 Datasheet(HTML) 4 Page - Diodes Incorporated

  DMP3008SFG-7 Datasheet HTML 1Page - Diodes Incorporated DMP3008SFG-7 Datasheet HTML 2Page - Diodes Incorporated DMP3008SFG-7 Datasheet HTML 3Page - Diodes Incorporated DMP3008SFG-7 Datasheet HTML 4Page - Diodes Incorporated DMP3008SFG-7 Datasheet HTML 5Page - Diodes Incorporated DMP3008SFG-7 Datasheet HTML 6Page - Diodes Incorporated DMP3008SFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3008SFG
Document number: DS35598 Rev. 5 - 2
4 of 7
www.diodes.com
May 2012
© Diodes Incorporated
DMP3008SFG
0
0.5
1.0
1.5
2.0
-V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 4 Typical Output Characteristics
DS
0
5
10
15
20
25
30
V
= 3.0V
GS
V
= 3.5V
GS
V
= 4.0V
GS
V
= 4.5V
GS
V
= 10V
GS
V
= 2.5V
GS
12
3
4
-V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 5 Typical Transfer Characteristics
0
5
10
15
20
25
30
T = 150 C
A
°
T = 125 C
A
°
T = 85 C
A
°
T = 25 C
A
°
T = -55 C
A
°
V
= -5.0V
DS
0
0.01
0.02
0.03
0.04
0.05
0
5
10
15
20
25
30
-I , DRAIN SOURCE CURRENT
Fig. 6 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
0.01
0.02
0.03
0.04
0
5
10
15
20
25
30
-I , DRAIN SOURCE CURRENT (A)
Fig. 7 Typical On-Resistance vs.
Drain Current and Temperature
D
T = -55 C
A
°
T = 25 C
A
°
T = 85 C
A
°
T = 125 C
A
°
T = 150 C
A
°
V
= -4.5V
GS
-50
-25
0
25
50
75
100
125 150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 8 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
0
0.01
0.02
0.03
0.04
0.05
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
°
Fig. 9 On-Resistance Variation with Temperature
V= -10V
I=
A
GS
D
-10
V=
5V
I=
A
GS
D
-4.
-5


Similar Part No. - DMP3008SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3008SFG-7 DIODES-DMP3008SFG-7 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3008SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFG DIODES-DMP3017SFG_15 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3035SFG DIODES-DMP3035SFG_15 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3025LFG DIODES-DMN3025LFG_15 Datasheet
294Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7408SFG DIODES-DMG7408SFG_15 Datasheet
157Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG DIODES-DMN3024SFG_15 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com