Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3010LPSQ Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP3010LPSQ
Description  P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3010LPSQ Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP3010LPSQ_15 Datasheet HTML 1Page - Diodes Incorporated DMP3010LPSQ_15 Datasheet HTML 2Page - Diodes Incorporated DMP3010LPSQ_15 Datasheet HTML 3Page - Diodes Incorporated DMP3010LPSQ_15 Datasheet HTML 4Page - Diodes Incorporated DMP3010LPSQ_15 Datasheet HTML 5Page - Diodes Incorporated DMP3010LPSQ_15 Datasheet HTML 6Page - Diodes Incorporated DMP3010LPSQ_15 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated.
DMP3010LPSQ
Document number: DS36683 Rev. 4 - 2
6 of 7
www.diodes.com
February 2015
© Diodes Incorporated
DMP3010LPSQ
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
Dimensions
Value (in mm)
C
1.270
G
0.660
G1
0.820
X
0.610
X1
4.100
X2
0.755
X3
4.420
X4
5.610
Y
1.270
Y1
0.600
Y2
1.020
Y3
0.295
Y4
1.825
Y5
3.810
Y6
0.180
Y7
6.610
Y7
X3
Y2
Y5
X1
G1
X
C
Y(4x)
G
X2
Y3
Y4
Y6
X4
Y1


Similar Part No. - DMP3010LPSQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3010LPSQ-13 DIODES-DMP3010LPSQ-13 Datasheet
398Kb / 8P
   P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3010LPSQ_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4015SPS DIODES-DMP4015SPS_15 Datasheet
379Kb / 6P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3017SFG DIODES-DMP3017SFG_15 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP4013LFG DIODES-DMP4013LFG_15 Datasheet
281Kb / 7P
   40V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP26M7UFG DIODES-DMP26M7UFG_15 Datasheet
437Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2006UFG DIODES-DMP2006UFG_15 Datasheet
434Kb / 6P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG DIODES-DMP3008SFG_15 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2007UFG DIODES-DMP2007UFG_15 Datasheet
288Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP2002UPS DIODES-DMP2002UPS_15 Datasheet
648Kb / 7P
   20V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com