Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP3017SFG-7 Datasheet(PDF) 6 Page - Diodes Incorporated

Part # DMP3017SFG-7
Description  30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP3017SFG-7 Datasheet(HTML) 6 Page - Diodes Incorporated

  DMP3017SFG-7 Datasheet HTML 1Page - Diodes Incorporated DMP3017SFG-7 Datasheet HTML 2Page - Diodes Incorporated DMP3017SFG-7 Datasheet HTML 3Page - Diodes Incorporated DMP3017SFG-7 Datasheet HTML 4Page - Diodes Incorporated DMP3017SFG-7 Datasheet HTML 5Page - Diodes Incorporated DMP3017SFG-7 Datasheet HTML 6Page - Diodes Incorporated DMP3017SFG-7 Datasheet HTML 7Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 6 / 7 page
background image
POWERDI is a registered trademark of Diodes Incorporated
DMP3017SFG
Document number: DS36479 Rev. 3 - 2
6 of 7
www.diodes.com
December 2013
© Diodes Incorporated
DMP3017SFG
Package Outline Dimensions
Please see AP02002 at http://www.diodes.com/datasheets/ap02002.pdf for latest version.
Suggested Pad Layout
Please see AP02001 at http://www.diodes.com/datasheets/ap02001.pdf for the latest version.
POWERDI3333-8
Dim
Min
Max
Typ
D
3.25
3.35
3.30
E
3.25
3.35
3.30
D2
2.22
2.32
2.27
E2
1.56
1.66
1.61
A
0.75
0.85
0.80
A1
0
0.05
0.02
A3


0.203
b
0.27
0.37
0.32
b2


0.20
L
0.35
0.45
0.40
L1


0.39
e


0.65
Z


0.515
All Dimensions in mm
Dimensions
Value (in mm)
C
0.650
G
0.230
G1
0.420
Y
3.700
Y1
2.250
Y2
1.850
Y3
0.700
X
2.370
X2
0.420
A
A1
A3
D
D2
E
E2
b2
(4x)
L
(4x)
L1
(3x)
b (8x)
e
Z (4x)
Pin 1 ID
14
85
X
Y
Y1
Y3
Y2
X2
C
14
85
G
G1


Similar Part No. - DMP3017SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3017SFG-7 DIODES-DMP3017SFG-7 Datasheet
253Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET
More results

Similar Description - DMP3017SFG-7

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP3036SFG DIODES-DMP3036SFG_15 Datasheet
454Kb / 6P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3008SFG DIODES-DMP3008SFG_15 Datasheet
201Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMP3035SFG DIODES-DMP3035SFG_15 Datasheet
200Kb / 7P
   30V P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG-7 DIODES-DMN3024SFG-7 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3008SFG DIODES-DMN3008SFG_15 Datasheet
249Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMS3014SFG DIODES-DMS3014SFG_15 Datasheet
171Kb / 8P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7401SFG DIODES-DMG7401SFG_15 Datasheet
269Kb / 6P
   P-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3025LFG DIODES-DMN3025LFG_15 Datasheet
294Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMG7408SFG DIODES-DMG7408SFG_15 Datasheet
157Kb / 6P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
DMN3024SFG DIODES-DMN3024SFG_15 Datasheet
163Kb / 7P
   30V N-CHANNEL ENHANCEMENT MODE MOSFET POWERDI짰
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com