Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3652 Datasheet(PDF) 2 Page - Linear Technology

Part # LT3652
Description  Power Tracking 2A Battery Charger for Solar Power
Download  26 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3652 Datasheet(HTML) 2 Page - Linear Technology

  LT3652_15 Datasheet HTML 1Page - Linear Technology LT3652_15 Datasheet HTML 2Page - Linear Technology LT3652_15 Datasheet HTML 3Page - Linear Technology LT3652_15 Datasheet HTML 4Page - Linear Technology LT3652_15 Datasheet HTML 5Page - Linear Technology LT3652_15 Datasheet HTML 6Page - Linear Technology LT3652_15 Datasheet HTML 7Page - Linear Technology LT3652_15 Datasheet HTML 8Page - Linear Technology LT3652_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 26 page
background image
LT3652
2
3652fd
PIN CONFIGURATION
ABSOLUTE MAXIMUM RATINGS
Voltages:
VIN ........................................................................40V
VIN_REG, SHDN, CHRG, FAULT ............ VIN + 0.5V, 40V
SW........................................................................40V
SW-VIN.................................................................4.5V
BOOST ...................................................SW+10V, 50V
BAT, SENSE ...........................................................15V
(Note 1)
ORDER INFORMATION
LEAD FREE FINISH
TAPE AND REEL
PART MARKING*
PACKAGE DESCRIPTION
TEMPERATURE RANGE
LT3652EDD#PBF
LT3652EDD#TRPBF
LFHT
12-Lead Plastic DFN 3mm
× 3mm
–40°C to 125°C
LT3652IDD#PBF
LT3652IDD#TRPBF
LFHT
12-Lead Plastic DFN 3mm
× 3mm
–40°C to 125°C
LT3652EMSE#PBF
LT3652EMSE#TRPBF
3652
12-Lead Plastic MSOP
–40°C to 125°C
LT3652IMSE#PBF
LT3652IMSE#TRPBF
3652
12-Lead Plastic MSOP
–40°C to 125°C
Consult LTC Marketing for parts specified with wider operating temperature ranges. *The temperature grade is identified by a label on the shipping container.
Consult LTC Marketing for information on non-standard lead based finish parts.
For more information on lead free part marking, go to: http://www.linear.com/leadfree/
For more information on tape and reel specifications, go to: http://www.linear.com/tapeandreel/
TOP VIEW
DD PACKAGE
12-LEAD (3mm × 3mm) PLASTIC DFN
12
11
8
9
10
4
5
3
2
1
SW
BOOST
SENSE
BAT
NTC
VFB
VIN
VIN_REG
SHDN
CHRG
FAULT
TIMER
6
7
13
1
2
3
4
5
6
VIN
VIN_REG
SHDN
CHRG
FAULT
TIMER
12
11
10
9
8
7
SW
BOOST
SENSE
BAT
NTC
VFB
TOP VIEW
13
MSE PACKAGE
12-LEAD PLASTIC MSOP
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
TJMAX = 125°C, θJA = 43°C/W, θJC = 3°C/W
EXPOSED PAD (PIN 13) IS GND, MUST BE SOLDERED TO PCB
BAT-SENSE ......................................... –0.5V to +0.5V
NTC, TIMER, ........................................................2.5V
VFB..........................................................................5V
Operating Junction Temperature Range
(Note 2) ............................................. –40°C to 125°C
Storage Temperature Range................... –65°C to 150°C


Similar Part No. - LT3652_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652EDD LINER-LT3652EDD Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652EDDPBF LINER-LT3652EDDPBF Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652EDDTRPBF LINER-LT3652EDDTRPBF Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652EMSE LINER-LT3652EMSE Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652EMSEPBF LINER-LT3652EMSEPBF Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
More results

Similar Description - LT3652_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3652 LINER-LT3652 Datasheet
260Kb / 26P
   Power Tracking 2A Battery Charger for Solar Power
LT3652HV LINER-LT3652HV_15 Datasheet
302Kb / 24P
   Power Tracking 2A Battery Charger
LT3652HV LINER-LT3652HV Datasheet
256Kb / 24P
   Power Tracking 2A Battery Charger
LTM8062 LINER-LTM8062 Datasheet
587Kb / 20P
   32VIN, 2A 關Module Power Tracking Battery Charger
LT3652HVEDD LINER-LT3652HVEDD Datasheet
108Kb / 6P
   17.7V to 34V Input SLA 2A Battery Charger For Solar Power
LTM8062 LINER-LTM8062_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
LTM8062A LINER-LTM8062A_15 Datasheet
708Kb / 24P
   32VIN, 2A Module Power Tracking Battery Chargers
logo
Ultralife Corporation.
URB12550 ULTRALIFE-URB12550 Datasheet
334Kb / 2P
   Solar power battery
Rev: D
logo
Texas Instruments
BQ24650 TI-BQ24650 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
BQ24650EVM-639 TI1-BQ24650EVM-639 Datasheet
2Mb / 33P
[Old version datasheet]   Synchronous Switch-Mode Battery Charge Controller for Solar Power With Maximum Power Point Tracking
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com