Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LT3682 Datasheet(PDF) 1 Page - Linear Technology

Part # LT3682
Description  1A Micropower Step-Down Switching Regulator
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINER [Linear Technology]
Direct Link  http://www.linear.com
Logo LINER - Linear Technology

LT3682 Datasheet(HTML) 1 Page - Linear Technology

  LT3682_15 Datasheet HTML 1Page - Linear Technology LT3682_15 Datasheet HTML 2Page - Linear Technology LT3682_15 Datasheet HTML 3Page - Linear Technology LT3682_15 Datasheet HTML 4Page - Linear Technology LT3682_15 Datasheet HTML 5Page - Linear Technology LT3682_15 Datasheet HTML 6Page - Linear Technology LT3682_15 Datasheet HTML 7Page - Linear Technology LT3682_15 Datasheet HTML 8Page - Linear Technology LT3682_15 Datasheet HTML 9Page - Linear Technology Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
LT3682
1
3682f
TYPICAL APPLICATION
DESCRIPTION
1A Micropower Step-Down
Switching Regulator
The LT
®3682 is an adjustable frequency (250kHz to
2.2MHz) monolithic buck switching regulator that accepts
input voltages up to 36V. A high efficiency 0.5Ω switch is
included on the device along with a boost diode and the
necessary oscillator, control, and logic circuitry. Current
mode topology is used for fast transient response and good
loop stability. A SYNC pin allows the user to synchronize the
part to an external clock, and to choose between Low Ripple
Burst Mode operation and standard PWM operation.
The Low Ripple Burst Mode maintains high efficiency at
low output currents while keeping output ripple below
15mV in typical applications. Shutdown reduces input
supply current to less than 1μA while a resistor and
capacitor on the RUN/SS pin provide a controlled output
voltage ramp (soft-start). A power good flag signals when
VOUT reaches 90% of the programmed output voltage.
Protection circuitry senses the current in the power switch
and external Schottky catch diode to protect the LT3682
against short-circuit conditions. Frequency foldback and
thermal shutdown provide additional protection.
The LT3682 is available in a 12-Pin 3mm
× 3mm DFN with
exposed pad for low thermal resistance.
5V Step-Down Converter
L, LT, LTC and LTM are registered trademarks of Linear Technology Corporation. Burst Mode
is a trademark of Linear Technology Corporation. All other trademarks are the property of their
respective owners.
FEATURES
APPLICATIONS
n Automotive Battery Regulation
n Automotive Entertainment Systems
n Industrial Supplies
n Power for Portable Products
n Distributed Supply Regulation
n Wide Input Range:
Operation from 3.6V to 36V
Overvoltage Lockout Protects Circuits through
60V Transients
n 1A Output Current
n Low Ripple Burst Mode
® Operation
IQ = 75μA at 12VIN to 3.3VOUT
Output Ripple < 15mVP-P
n Adjustable Switching Frequency: 250kHz to 2.2MHz
n Short-Circuit Protected
n Synchronizable Between 300kHz and 2.2MHz
n 0.8V Feedback Reference Voltage
n Output Voltage 0.8V to 20V
n Soft-Start Capability
n Power Good Flag
n Small 12-Pin Thermally Enhanced 3mm
× 3mm
DFN Package
Efficiency
VIN
6.9V TO 36V
TRANSIENT TO 60V
VOUT
5V
0.9A, VIN 6.9V
1A, VIN 12V
2.2μF
16.2k
40.2k
470pF
102k
10μF
536k
0.22μF
10μH
3682 TA01
OFF
ON
VIN
BD
GND
PGND
LT3682
RUN/SS
VC
RT
SYNC
PG
BOOST
SW
DA
FB
f = 800kHz
LOAD CURRENT (A)
0
50
60
70
80
90
100
0.2
0.4
0.6
0.8
1
VOUT = 5V
VOUT = 3.3V
VIN = 12V
L = 10µH
f = 800 kHz
3682 TA01b


Similar Part No. - LT3682_15

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3682EDD-PBF LINER-LT3682EDD-PBF Datasheet
252Kb / 24P
   1A Micropower Step-Down
LT3682EDD-TRPBF LINER-LT3682EDD-TRPBF Datasheet
252Kb / 24P
   1A Micropower Step-Down
LT3682IDD-PBF LINER-LT3682IDD-PBF Datasheet
252Kb / 24P
   1A Micropower Step-Down
LT3682IDD-TRPBF LINER-LT3682IDD-TRPBF Datasheet
252Kb / 24P
   1A Micropower Step-Down
More results

Similar Description - LT3682_15

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
L4976 STMICROELECTRONICS-L4976 Datasheet
100Kb / 11P
   1A STEP DOWN SWITCHING REGULATOR
May 2000
L4976 STMICROELECTRONICS-L4976_07 Datasheet
256Kb / 17P
   1A step down switching regulator
L5981 STMICROELECTRONICS-L5981 Datasheet
823Kb / 37P
   1A step-down switching regulator
logo
Linear Technology
LT3695 LINER-LT3695_15 Datasheet
501Kb / 30P
   1A Fault Tolerant Micropower Step-Down Regulator
LT3695 LINER-LT3695 Datasheet
304Kb / 28P
   1A Fault Tolerant Micropower Step-Down Regulator
LT8631 LINER-LT8631 Datasheet
569Kb / 24P
   100V, 1A Synchronous Micropower Step-Down Regulator
LT3682 LINER-LT3682 Datasheet
252Kb / 24P
   1A Micropower Step-Down
logo
List of Unclassifed Man...
GM7110 ETC-GM7110 Datasheet
295Kb / 11P
   1A STEP-DOWN VOLTAGE SWITCHING REGULATOR
logo
HTC Korea TAEJIN Techno...
LM2575 HTC-LM2575 Datasheet
632Kb / 13P
   1A, 52kHz, Step-Down Switching Regulator
logo
Linear Technology
LT3503 LINER-LT3503_15 Datasheet
433Kb / 20P
   1A, 2.2MHz Step-Down Switching Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com