Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HRP55N10K Datasheet(PDF) 2 Page - SemiHow Co.,Ltd.

Part # HRP55N10K
Description  100V N-Channel Trench MOSFET
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  SEMIHOW [SemiHow Co.,Ltd.]
Direct Link  http://www.semihow.com
Logo SEMIHOW - SemiHow Co.,Ltd.

HRP55N10K Datasheet(HTML) 2 Page - SemiHow Co.,Ltd.

  HRP55N10K Datasheet HTML 1Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 2Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 3Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 4Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 5Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 6Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 7Page - SemiHow Co.,Ltd. HRP55N10K Datasheet HTML 8Page - SemiHow Co.,Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
◎ SEMIHOW REV.A0,December 2014
Electrical Characteristics T
J=25 °C unless otherwise specified
Symbol
Parameter
Test Conditions
Min
Typ
Max
Units
I
S
Continuous Source-Drain Diode Forward Current
--
--
170
A
I
SM
Pulsed Source-Drain Diode Forward Current
--
--
420
V
SD
Source-Drain Diode Forward Voltage
I
S = 30 A, VGS = 0 V
--
--
1.3
V
trr
Reverse Recovery Time
I
S = 30 A, VGS = 0 V
di
F/dt = 100 A/μs
--
70
--
Qrr
Reverse Recovery Charge
--
150
--
nC
On Characteristics
BV
DSS
Drain-Source Breakdown Voltage
V
GS = 0 V, ID = 250 ㎂
100
--
--
V
I
DSS
Zero Gate Voltage Drain Current
V
DS = 80 V, VGS = 0 V
--
--
1
V
DS = 80 V, TJ = 125℃
--
--
100
I
GSS
Gate-Body Leakage Current
V
GS = ±25 V, VDS = 0 V
--
--
±100
Off Characteristics
C
iss
Input Capacitance
V
DS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
7900
--
C
oss
Output Capacitance
--
880
--
C
rss
Reverse Transfer Capacitance
--
540
--
R
g
Gate Resistance
V
GS = 0 V, VDS = 0 V, f = 1MHz
--
2
--
Dynamic Characteristics
t
d(on)
Turn-On Time
V
DS = 50 V, ID = 30 A,
R
G = 6 Ω
--
90
--
t
r
Turn-On Rise Time
--
110
--
t
d(off)
Turn-Off Delay Time
--
330
--
t
f
Turn-Off Fall Time
--
80
--
Q
g
Total Gate Charge
V
DS = 80 V, ID = 30 A,
V
GS = 10 V
--
190
--
nC
Q
gs
Gate-Source Charge
--
34
--
nC
Q
gd
Gate-Drain Charge
--
72
--
nC
Switching Characteristics
Source-Drain Diode Maximum Ratings and Characteristics
V
GS
Gate Threshold Voltage
V
DS = VGS, ID = 250 ㎂
2.0
--
3.6
V
R
DS(ON)
Static Drain-Source
On-Resistance
V
GS = 10 V, ID = 30 A
--
4.5
5.5
m
g
FS
Forward Transconductance
V
DS = 20, ID = 30 A
--
100
--
S
Notes :
1. Repetitive Rating : Pulse width limited by maximum junction temperature
2. L=1mH, I
AS=33A, VDD=40V, RG=25Ω, Starting TJ =25°C


Similar Part No. - HRP55N10K

ManufacturerPart #DatasheetDescription
logo
SHENZHEN DOINGTER SEMIC...
HRP55N10K DOINGTER-HRP55N10K Datasheet
1Mb / 5P
   N-Channel MOSFET uses advanced trench technology
More results

Similar Description - HRP55N10K

ManufacturerPart #DatasheetDescription
logo
SemiHow Co.,Ltd.
HRP82N10K SEMIHOW-HRP82N10K Datasheet
878Kb / 8P
   100V N-Channel Trench MOSFET
logo
Wuxi Unigroup Microelec...
TMP140N10A WUMC-TMP140N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
TMP160N10A WUMC-TMP160N10A Datasheet
912Kb / 7P
   100V N-Channel Trench MOSFET
logo
SemiHow Co.,Ltd.
HRP120N10K SEMIHOW-HRP120N10K Datasheet
1Mb / 8P
   100V N-Channel Trench MOSFET
HRS72N10K SEMIHOW-HRS72N10K Datasheet
1Mb / 7P
   100V N-Channel Trench MOSFET
HRW82N10K SEMIHOW-HRW82N10K Datasheet
884Kb / 6P
   100V N-Channel Trench MOSFET
HRLP120N10H SEMIHOW-HRLP120N10H Datasheet
491Kb / 7P
   100V N-Channel Trench MOSFET
HRP49N10H SEMIHOW-HRP49N10H Datasheet
454Kb / 7P
   100V N-Channel Trench MOSFET
HRP180N10K SEMIHOW-HRP180N10K Datasheet
921Kb / 8P
   100V N-Channel Trench MOSFET
HRP370N10K SEMIHOW-HRP370N10K Datasheet
954Kb / 8P
   100V N-Channel Trench MOSFET
HRS82N10K SEMIHOW-HRS82N10K Datasheet
923Kb / 7P
   100V N-Channel Trench MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com