Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

DMP2070UCB6 Datasheet(PDF) 3 Page - Diodes Incorporated

Part # DMP2070UCB6
Description  P-CHANNEL ENHANCEMENT MODE MOSFET
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  DIODES [Diodes Incorporated]
Direct Link  http://www.diodes.com
Logo DIODES - Diodes Incorporated

DMP2070UCB6 Datasheet(HTML) 3 Page - Diodes Incorporated

  DMP2070UCB6_15 Datasheet HTML 1Page - Diodes Incorporated DMP2070UCB6_15 Datasheet HTML 2Page - Diodes Incorporated DMP2070UCB6_15 Datasheet HTML 3Page - Diodes Incorporated DMP2070UCB6_15 Datasheet HTML 4Page - Diodes Incorporated DMP2070UCB6_15 Datasheet HTML 5Page - Diodes Incorporated DMP2070UCB6_15 Datasheet HTML 6Page - Diodes Incorporated  
Zoom Inzoom in Zoom Outzoom out
 3 / 6 page
background image
DMP2070UCB6
Document number: DS35553 Rev. 3 - 2
3 of 6
www.diodes.com
May 2015
© Diodes Incorporated
DMP2070UCB6
0
2
4
6
8
10
-V
, DRAIN -SOURCE VOLTAGE(V)
Fig. 1 Typical Output Characteristics
DS
0
1
2
3
4
5
V
= -1.2V
GS
V
= -1.5V
GS
V
= -1.8V
GS
V
= -2.0V
GS
V
= -2.5V
GS
V
= -4.5V
GS
0
0.5
1
1.5
2
2.5
3
-V
, GATE-SOURCE VOLTAGE (V)
GS
Fig. 2 Typical Transfer Characteristics
0
2
4
6
8
10
T = 150 C
A
T = 125 C
A
T = 85 C
A
T = 25 C
A
T = -55 C
A
V
= -5.0V
DS
0
0.02
0.04
0.06
0.08
0.10
0.12
0.14
1
2
3
4
5
6
7
8
9
10
-I , DRAIN SOURCE CURRENT
Fig. 3 Typical On-Resistance vs.
Drain Current and Gate Voltage
D
0
1
2
3
4
5
6
7
8
-I , DRAIN SOURCE CURRENT (A)
Fig. 4 Typical On-Resistance vs.
Drain Current and Temperature
D
V
= -4.5V
GS
T = -55 C
A
T = 25 C
A
T = 85 C
A
T = 125 C
A
T = 150 C
A
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 5 On-Resistance Variation with Temperature
0.5
0.7
0.9
1.1
1.3
1.5
1.7
-50
-25
0
25
50
75
100
125
150
T , JUNCTION TEMPERATURE ( C)
J
Fig. 6 On-Resistance Variation with Temperature
0
0.02
0.04
0.06
0.08
0.10
0.12
V
= -4.5V
I =
A
GS
D
-2
V
=
.5V
I =
A
GS
D
-2
-1


Similar Part No. - DMP2070UCB6_15

ManufacturerPart #DatasheetDescription
logo
Diodes Incorporated
DMP2070UCB6-7 DIODES-DMP2070UCB6-7 Datasheet
434Kb / 6P
   DMP2066LVT-7
More results

Similar Description - DMP2070UCB6_15

ManufacturerPart #DatasheetDescription
logo
AUK corp
STJ828SF AUK-STJ828SF Datasheet
300Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
List of Unclassifed Man...
SI9405DY ETC1-SI9405DY Datasheet
156Kb / 4P
   P-Channel Enhancement-Mode MOSFET
logo
SYNC POWER Crop.
SPP2095 SYNC-POWER-SPP2095 Datasheet
200Kb / 8P
   P-Channel Enhancement Mode MOSFET
SPP1433 SYNC-POWER-SPP1433 Datasheet
203Kb / 8P
   P-Channel Enhancement Mode MOSFET
logo
Anpec Electronics Corop...
APM2095P ANPEC-APM2095P Datasheet
201Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095P ANPEC-APM3095P Datasheet
140Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM4461 ANPEC-APM4461 Datasheet
568Kb / 9P
   P-Channel Enhancement Mode MOSFET
APM3095PU ANPEC-APM3095PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM3195PU ANPEC-APM3195PU Datasheet
185Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4425K ANPEC-APM4425K Datasheet
119Kb / 10P
   P-Channel Enhancement Mode MOSFET
APM4435K ANPEC-APM4435K Datasheet
191Kb / 10P
   P-Channel Enhancement Mode MOSFET
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com