Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT65-0213-TB Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT65-0213-TB
Description  Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0213-TB Datasheet(HTML) 1 Page - Tyco Electronics

  AT65-0213-TB Datasheet HTML 1Page - Tyco Electronics AT65-0213-TB Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Digital Attenuator, 15 dB, 4-Bit,
TTL Driver, DC - 3.0 GHz
SOW-16
V 5.00
Electrical Specifications: TA = 25°C
Features
n
Attenuation: 1.0dB Steps to 15dB
n
Low DC Power Consumption
n
Plastic SOIC, Wide Body, SMT Package
n
Integral TTL Driver
n
50 ohm Impedance
n
Temperature Stability: ±0.18 dB from -55°C to +85°C
Typ.
n
Tape and Reel Packaging Available
Description
M/A-COM's AT65-0213 is a GaAs FET 4-bit digital
attenuator with a 1.0dB minimum step size and a 15 dB
total attenuation range. This device is in a SOIC-16 plastic
surface mount package. The AT65-0213 is ideally suited for
use
where
accuracy,
fast
speed,
very
low
power
consumption
and
low
costs
are
required.
Typical
applications include dynamic range setting in precision
receiver circuits and other gain/leveling control circuits.
Package outline conforms to JEDEC standard MS-013AA.
Parameter
Test Conditions
Frequency
Units
Min
Typical
Max
Insertion Loss
DC - 0.5 GHz
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
dB
2.2
2.5
2.8
Attenuation Accuracy
Any Bit or Combination of Bits
DC - 2.0 GHz
DC - 3.0 GHz
dB
dB
- (0.2 +2% of attenuation setting)
+ (0.4 +10% of attenuation setting)
VSWR
Full Range
DC - 2.0 GHz
Ratio
2.0:1
Trise, Tfall
Ton, Toff
Transients
10% to 90%
50% Cntl to 90%/10% RF
In-Band
nS
nS
mV
9
40
30
1 dB Compression
Input Power
Input Power
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+22
+28
Input IP3
Two-tone inputs up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+40
+50
Input IP2
Two-tone inputs up to +5 dBm
0.05 GHz
0.5 - 3.0 GHz
dBm
dBm
+45
+68
Vcc
-Vee
V
V
4.5
-8.0
5.0
-5.0
5.5
-4.75
Vctl
Vctl
Logic (0) TTL
Logic (1) TTL
V
V
0.0
2.0
—-
0.8
5.0
Input Leakage Current (Low)
Input Lekage Current (High)
0 to 0.8 V
2.0 to 5.0 V
µA
µA
20
20
Icc
Vcc = 4.5 to 5.5V
Vctl = 0 to 0.8V,
or VCC -2.1 V to VCC
mA
4.0
-Iee
Vee = -5.0 to -8.0 V
mA
-1


Similar Part No. - AT65-0213-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0213-TB MACOM-AT65-0213-TB Datasheet
123Kb / 2P
   Digital Attenuator 15dB, 4-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - AT65-0213-TB

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0413 MACOM-AT65-0413 Datasheet
246Kb / 3P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT-213-PIN MACOM-AT-213-PIN Datasheet
159Kb / 1P
   Digital Attenuator, 15.0 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT65-0233 MACOM-AT65-0233 Datasheet
233Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT65-0413 MA-COM-AT65-0413 Datasheet
133Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-213-PIN MA-COM-AT-213-PIN Datasheet
110Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com