Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT65-0413TR Datasheet(PDF) 3 Page - Tyco Electronics

Part # AT65-0413TR
Description  Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT65-0413TR Datasheet(HTML) 3 Page - Tyco Electronics

  AT65-0413TR Datasheet HTML 1Page - Tyco Electronics AT65-0413TR Datasheet HTML 2Page - Tyco Electronics AT65-0413TR Datasheet HTML 3Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 3 / 3 page
background image
Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT65-0413
Specifications subject to change without notice.
n North America: Tel. (800) 366-2266
n Asia/Pacific: Tel.+81-44-844-8296, Fax +81-44-844-8298
n Europe: Tel. +44 (1344) 869 595, Fax+44 (1344) 300 020
Visit www.macom.com for additional data sheets and product information.
V 5.00
Typical Performance Curves
Attenuation Accuracy @ +85°C
Attenuation Accuracy @ -40°C
RF1 VSWR vs. Frequency
3
RF2 VSWR vs. Frequency
Ordering Information
Part Number
Package
AT65-0413
SOIC-16 Lead Plastic
AT65-0413TR
Tape and Reel (1K Reel)
AT65-0413-TB
Unit mounted on a test board
1
1.1
1.2
1.3
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
2 & 4 dB
Insertion Loss
1 dB
8 dB
15 dB
1
1.1
1.2
1.3
1.4
1.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
15 dB
Insertion Loss
1 dB
2, 4 & 8 dB
-0.4
-0.2
0
0.2
0.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
15dB
1dB
8dB
2dB
4dB
-0.4
-0.2
0
0.2
0.4
0.0
0.5
1.0
1.5
2.0
2.5
3.0
Frequency (GHz)
15dB
1dB
8dB
2dB
4dB


Similar Part No. - AT65-0413TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0413TR MACOM-AT65-0413TR Datasheet
321Kb / 3P
   Digital Attenuator 15.5dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT65-0413TR MA-COM-AT65-0413TR Datasheet
133Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
More results

Similar Description - AT65-0413TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT65-0213 MACOM-AT65-0213 Datasheet
210Kb / 2P
   Digital Attenuator, 15 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
AT-213-PIN MACOM-AT-213-PIN Datasheet
159Kb / 1P
   Digital Attenuator, 15.0 dB, 4-Bit, TTL Driver, DC - 3.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0008 MA-COM-MAATCC0008 Datasheet
134Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT65-0233 MA-COM-AT65-0233 Datasheet
129Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT65-0233 MACOM-AT65-0233 Datasheet
233Kb / 3P
   Digital Attenuator, 30 dB, 4-Bit, TTL Driver, DC-3.0 GHz
logo
M/A-COM Technology Solu...
AT65-0413 MA-COM-AT65-0413 Datasheet
133Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
MAATCC0006 MA-COM-MAATCC0006 Datasheet
130Kb / 5P
   Digital Attenuator 30.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT-213-PIN MA-COM-AT-213-PIN Datasheet
110Kb / 4P
   Digital Attenuator 15.0 dB, 4-Bit, TTL Driver, DC-3.0 GHz
AT90-1413 MA-COM-AT90-1413 Datasheet
155Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
MAAD-007077-000100 MA-COM-MAAD-007077-000100 Datasheet
182Kb / 5P
   Digital Attenuator 15 dB, 4-Bit, TTL Driver, DC-4.0 GHz
More results


Html Pages

1 2 3


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com