Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

M160UFGHT Datasheet(PDF) 2 Page - Voltage Multipliers Inc.

Part # M160UFGHT
Description  High Voltage High Temp Diode - Axial Lead 10mA ??100ns
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  VMI [Voltage Multipliers Inc.]
Direct Link  http://www.voltagemultipliers.com
Logo VMI - Voltage Multipliers Inc.

M160UFGHT Datasheet(HTML) 2 Page - Voltage Multipliers Inc.

  M160UFGHT_13 Datasheet HTML 1Page - Voltage Multipliers Inc. M160UFGHT_13 Datasheet HTML 2Page - Voltage Multipliers Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
53
4
0
10
20
30
40
50
60
0
0.1
0.2
0.3
0.4
0.5
0.0
0.5
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
0
25
50
75
100
125
150
175
0.1
1
10
25
50
75
100
125
150
0
50
100
150
200
250
25
50
75
100
125
150
0.00
0.05
0.10
0.15
0.20
0.25
0.30
0.35
0.40
0.45
0.50
0
20
40
60
80
100
Lead Temperature (°C)
Forward Current (A)
Temperature (°C)
POWER DERATING
TYPICAL FORWARD VOLTAGE
VS. FORWARD CURRENT AT 25°C
REVERSE CURRENT
VS. TEMPERATURE AT Vrwm
TYPICAL REVERSE RECOVERY TIME
VS. TEMPERATURE
M160UFGHT
Reverse Bias Voltage (V)
Temperature (°C)
TYPICAL JUNCTION CAPACITANCE
VS. REVERSE VOLTAGE AT 25°C
L=0.300"
L=0.400"
L=0.500"
L=0.200"
L=0.100"
L=0.000"


Similar Part No. - M160UFGHT_13

ManufacturerPart #DatasheetDescription
logo
Voltage Multipliers Inc...
M160UFGHT VMI-M160UFGHT Datasheet
475Kb / 2P
   High Voltage Rectifier - Axial Lead
More results

Similar Description - M160UFGHT_13

ManufacturerPart #DatasheetDescription
logo
GETAI ELECTRONICS DEVIC...
HV10G12 GETEDZ-HV10G12_16 Datasheet
349Kb / 2P
   10mA 12kV 100nS-HIGH VOLTAGE DIODE
HV10G16 GETEDZ-HV10G16_16 Datasheet
354Kb / 2P
   10mA 16kV 100nS-HIGH VOLTAGE DIODE
HV10G10 GETEDZ-HV10G10_16 Datasheet
348Kb / 2P
   10mA 10kV 100nS-HIGH VOLTAGE DIODE
HV10G20 GETEDZ-HV10G20_16 Datasheet
340Kb / 2P
   10mA 20kV 100nS-HIGH VOLTAGE DIODE
HV10G04 GETEDZ-HV10G04_16 Datasheet
427Kb / 2P
   10mA 4.0kV 100nS-HIGH VOLTAGE DIODE
HV10G06 GETEDZ-HV10G06_16 Datasheet
463Kb / 2P
   10mA 6.0kV 100nS-HIGH VOLTAGE DIODE
HV10G25 GETEDZ-HV10G25_16 Datasheet
339Kb / 2P
   10mA 25kV 100nS-HIGH VOLTAGE DIODE
HV10G08 GETEDZ-HV10G08_16 Datasheet
348Kb / 2P
   10mA 8.0kV 100nS-HIGH VOLTAGE DIODE
HV10G18 GETEDZ-HV10G18_16 Datasheet
356Kb / 2P
   10mA 18kV 100nS-HIGH VOLTAGE DIODE
HV10G30 GETEDZ-HV10G30_16 Datasheet
339Kb / 2P
   10mA 30kV 100nS-HIGH VOLTAGE DIODE
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com