Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D44C2 Datasheet(PDF) 2 Page - Central Semiconductor Corp

Part # D44C2
Description  SILICON NPN POWER TRANSISTORS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

D44C2 Datasheet(HTML) 2 Page - Central Semiconductor Corp

  D44C2 Datasheet HTML 1Page - Central Semiconductor Corp D44C2 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
D44C SERIES
SILICON
NPN POWER TRANSISTORS
TO-220 CASE - MECHANICAL OUTLINE
LEAD CODE:
1) Base
2) Collector
3) Emitter
Tab) Collector
MARKING:
FULL PART NUMBER
ELECTRICAL CHARACTERISTICS - Continued: (TC=25°C unless otherwise noted)
D44C3
D44C2
D44C1
D44C6
D44C5
D44C4
D44C9
D44C8
D44C7
D44C12
D44C11
D44C10
SYMBOL
TEST CONDITIONS
MIN MAX
MIN MAX
MIN MAX
hFE
VCE=1.0V, IC=0.2A
40
120
100
220
25
-
hFE
VCE=1.0V, IC=2.0A
20
-
20
-
-
-
hFE
VCE=1.0V, IC=1.0A
-
-
-
-
10
-
www.centr a lsemi.com
R1 (4-March 2014)


Similar Part No. - D44C2

ManufacturerPart #DatasheetDescription
logo
Boca Semiconductor Corp...
D44C2 BOCA-D44C2 Datasheet
148Kb / 3P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Savantic, Inc.
D44C2 SAVANTIC-D44C2 Datasheet
92Kb / 3P
   Silicon NPN Power Transistors
D44C2 SAVANTIC-D44C2 Datasheet
93Kb / 3P
   Silicon NPN Power Transistors
logo
New Jersey Semi-Conduct...
D44C2 NJSEMI-D44C2 Datasheet
645Kb / 3P
   Silicon NPN Power Transistors
logo
Inchange Semiconductor ...
D44C2 ISC-D44C2 Datasheet
191Kb / 2P
   Low Saturation Voltage
More results

Similar Description - D44C2

ManufacturerPart #DatasheetDescription
logo
Motorola, Inc
MJ8504 MOTOROLA-MJ8504 Datasheet
416Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Texas Instruments
TIPL751 TI-TIPL751 Datasheet
224Kb / 7P
[Old version datasheet]   NPN SILICON POWER TRANSISTORS
logo
Transys Electronics
TIPL765 TRSYS-TIPL765 Datasheet
805Kb / 6P
   NPN SILICON POWER TRANSISTORS
logo
Siemens Semiconductor G...
BU208 SIEMENS-BU208 Datasheet
100Kb / 4P
   NPN SILICON POWER TRANSISTORS
BUX80 SIEMENS-BUX80 Datasheet
117Kb / 5P
   NPN SILICON POWER TRANSISTORS
BUX84 SIEMENS-BUX84 Datasheet
106Kb / 5P
   NPN SILICON POWER TRANSISTORS
logo
Boca Semiconductor Corp...
2N6676 BOCA-2N6676 Datasheet
144Kb / 3P
   NPN SILICON POWER TRANSISTORS
logo
ON Semiconductor
TIP47 ONSEMI-TIP47 Datasheet
199Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995 REV 1
2N5301 ONSEMI-2N5301 Datasheet
251Kb / 6P
   POWER TRANSISTORS NPN SILICON
1995
2N5655 ONSEMI-2N5655 Datasheet
176Kb / 4P
   POWER TRANSISTORS NPN SILICON
April, 2002 ??Rev. 7
2N6338 ONSEMI-2N6338 Datasheet
155Kb / 4P
   POWER TRANSISTORS NPN SILICON
May, 2001 ??Rev. 10
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com