Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

D41D4 Datasheet(PDF) 1 Page - Central Semiconductor Corp

Part # D41D4
Description  PNP SILICON POWER TRANSISTOR
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CENTRAL [Central Semiconductor Corp]
Direct Link  http://www.centralsemi.com
Logo CENTRAL - Central Semiconductor Corp

D41D4 Datasheet(HTML) 1 Page - Central Semiconductor Corp

  D41D4 Datasheet HTML 1Page - Central Semiconductor Corp D41D4 Datasheet HTML 2Page - Central Semiconductor Corp  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
D41D1
D41D7
D41D13
D41D2
D41D8
D41D14
D41D4
D41D10
D41D5
D41D11
PNP SILICON
POWER TRANSISTOR
DESCRIPTION:
The CENTRAL SEMICONDUCTOR D41D series types
are PNP silicon power transistors designed for amplifier
and switching applications. The NPN complementary
types are the D40D series.
MARKING: FULL PART NUMBER
D41D10
D41D11
D41D1
D41D4
D41D7
D41D13
MAXIMUM RATINGS: (TC=25°C)
SYMBOL D41D2
D41D5
D41D8
D41D14
UNITS
Collector-Emitter Voltage
VCES
45
60
75
90
V
Collector-Emitter Voltage
VCEO
30
45
60
75
V
Emitter-Base Voltage
VEBO
5.0
V
Continuous Collector Current
IC
1.0
A
Peak Collector Current
ICM
1.5
A
Power Dissipation
PD
6.25
W
Operating and Storage Junction Temperature
TJ, Tstg
-65 to +150
°C
Thermal Resistance
ΘJC
20
°C/W
ELECTRICAL CHARACTERISTICS: (TC=25°C unless otherwise noted)
SYMBOL
TEST CONDITIONS
MIN
MAX
UNITS
ICES
VCE=Rated VCES
100
nA
IEBO
VEB=5.0V
100
nA
BVCEO
lC=10mA (D41D1, 2)
30
V
BVCEO
lC=10mA (D41D4, 5)
45
V
BVCEO
lC=10mA (D41D7, 8)
60
V
BVCEO
lC=10mA (D41D10, 11, 13, 14)
75
V
VCE(SAT)
lC=500mA, IB=50mA (D41D1, 2, 4, 5)
0.5
V
VCE(SAT)
lC=500mA, IB=50mA (D41D7, 8, 10, 11, 13, 14)
1.0
V
VBE(SAT)
lC=500mA, IB=50mA
1.5
V
D41D1
D41D4
D41D5
D41D7
D41D8
D41D10
D41D11
D41D13
D41D2
D41D14
MIN MAX
MIN MAX
MIN MAX
hFE
VCE=2.0V, IC=100mA
50
150
120
300
120
360
hFE
VCE=2.0V, IC=1.0A
(Except D40D13, 14)
10
-
20
-
10
-
TO-202 CASE
R1 (23-January 2012)
www.centr a lsemi.com


Similar Part No. - D41D4

ManufacturerPart #DatasheetDescription
logo
New Jersey Semi-Conduct...
D41D4 NJSEMI-D41D4 Datasheet
772Kb / 2P
   PNP POWER TRANSISTORS
logo
American Microsemicondu...
D41D4 AMMSEMI-D41D4 Datasheet
439Kb / 1P
   Amplifiers & Switches
More results

Similar Description - D41D4

ManufacturerPart #DatasheetDescription
logo
Microsemi Corporation
2N5151 MICROSEMI-2N5151 Datasheet
60Kb / 2P
   PNP POWER SILICON TRANSISTOR
logo
Continental Device Indi...
CSB834 CDIL-CSB834 Datasheet
211Kb / 3P
   PNP SILICON POWER TRANSISTOR
logo
Inchange Semiconductor ...
2SB823 ISC-2SB823 Datasheet
257Kb / 2P
   Silicon PNP Power Transistor
2SA1822 ISC-2SA1822 Datasheet
267Kb / 2P
   Silicon PNP Power Transistor
2SB547 ISC-2SB547 Datasheet
255Kb / 2P
   Silicon PNP Power Transistor
2SB625 ISC-2SB625 Datasheet
249Kb / 2P
   Silicon PNP Power Transistor
logo
M/A-COM Technology Solu...
2N6193 MA-COM-2N6193 Datasheet
457Kb / 4P
   PNP Power Silicon Transistor
logo
New Jersey Semi-Conduct...
2SA1880 NJSEMI-2SA1880 Datasheet
76Kb / 2P
   Silicon PNP Power Transistor
2SA1939 NJSEMI-2SA1939 Datasheet
75Kb / 2P
   Silicon PNP Power Transistor
2SA1941 NJSEMI-2SA1941 Datasheet
74Kb / 2P
   Silicon PNP Power Transistor
2SA1943 NJSEMI-2SA1943 Datasheet
81Kb / 2P
   Silicon PNP Power Transistor
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com