Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

NJG1103F1-L2 Datasheet(PDF) 6 Page - New Japan Radio

Part # NJG1103F1-L2
Description  LOW NOISE AMPLIFIER GaAs MMIC
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NJRC [New Japan Radio]
Direct Link  http://www.jrc.co.jp/eng/index.html
Logo NJRC - New Japan Radio

NJG1103F1-L2 Datasheet(HTML) 6 Page - New Japan Radio

  NJG1103F1-L2 Datasheet HTML 1Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 2Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 3Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 4Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 5Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 6Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 7Page - New Japan Radio NJG1103F1-L2 Datasheet HTML 8Page - New Japan Radio  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
NJG1102F1
- 6 -
nTYPICAL CHARACTERISTICS
Scattering Parameter Table
V
DD=2.7V, IDD=3mA, ZO=50Ω
S11
S21
S12
S22
Freq
(GHz)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
mag
(units)
ang
(deg)
0.1
1.000
-4.866
1.342
-159.147
0.006
14.420
0.945
-3.745
0.2
1.000
-10.234
1.524
-179.085
0.006
22.117
0.935
-5.657
0.3
1.000
-14.972
1.557
169.103
0.006
29.722
0.927
-7.752
0.4
0.994
-20.871
1.572
158.960
0.007
31.125
0.926
-9.779
0.5
0.976
-24.915
1.564
150.714
0.007
35.066
0.920
-11.953
0.6
0.965
-30.526
1.548
142.447
0.007
41.693
0.915
-14.091
0.7
0.925
-35.290
1.504
134.839
0.007
44.722
0.912
-16.312
0.8
0.912
-40.103
1.499
127.579
0.008
48.888
0.905
-18.499
0.9
0.868
-45.428
1.467
120.278
0.008
53.252
0.906
-20.641
1.0
0.849
-49.349
1.443
113.971
0.008
58.494
0.898
-22.933
1.1
0.813
-54.587
1.408
107.103
0.009
65.663
0.902
-25.089
1.2
0.790
-58.371
1.379
101.107
0.009
71.121
0.896
-27.460
1.3
0.761
-63.046
1.337
95.249
0.010
79.229
0.897
-29.474
1.4
0.739
-66.963
1.322
89.341
0.011
84.816
0.898
-31.516
1.5
0.713
-71.006
1.308
83.704
0.013
90.070
0.895
-33.708
1.6
0.697
-75.141
1.258
78.278
0.015
93.627
0.894
-35.562
1.7
0.669
-78.451
1.233
72.642
0.017
96.762
0.895
-37.942
1.8
0.647
-82.248
1.198
67.296
0.019
98.510
0.889
-39.726
1.9
0.616
-84.912
1.163
61.655
0.022
99.423
0.890
-42.289
2.0
0.592
-87.965
1.132
56.671
0.024
99.437
0.885
-44.339
2.1
0.567
-90.200
1.099
51.306
0.027
99.393
0.883
-46.238
2.2
0.542
-92.166
1.068
46.616
0.030
98.567
0.889
-48.338
2.3
0.523
-93.962
1.041
41.818
0.033
97.417
0.886
-50.652
2.4
0.498
-95.631
1.011
37.218
0.036
96.016
0.889
-52.442
2.5
0.486
-96.784
0.981
32.941
0.040
94.289
0.892
-54.490
2.6
0.466
-97.556
0.958
28.504
0.043
92.819
0.890
-55.710
2.7
0.455
-97.902
0.931
24.687
0.046
90.816
0.892
-57.821
2.8
0.441
-98.495
0.901
20.371
0.050
89.017
0.895
-59.505
2.9
0.429
-98.609
0.877
16.741
0.053
86.927
0.894
-60.952
3.0
0.420
-98.095
0.849
12.899
0.057
84.724
0.899
-62.567
Note: V
DD(=2.7V) is supplied through “BIAS CONNECT(PORT2)” of Network Analyzer.
6
5
4
1
2
3
Ref
.
Ref.
S11
S22
Scattering Parameter Measurement Configuration


Similar Part No. - NJG1103F1-L2

ManufacturerPart #DatasheetDescription
logo
New Japan Radio
NJG1103F1-L2 NJRC-NJG1103F1-L2 Datasheet
238Kb / 13P
   1.5/1.9GHz LOW NOISE AMPLIFIER GaAs MMIC
More results

Similar Description - NJG1103F1-L2

ManufacturerPart #DatasheetDescription
logo
Sanyo Semicon Device
SPM0103A SANYO-SPM0103A Datasheet
28Kb / 2P
   Low-Noise GaAs Amplifier MMIC
logo
Analog Devices
HMC263LP4E AD-HMC263LP4E Datasheet
1Mb / 7P
   GaAs MMIC LOW NOISE AMPLIFIER
logo
M/A-COM Technology Solu...
MAAM37000_V7 MA-COM-MAAM37000_V7 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1 MA-COM-MAAM37000-A1 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000-A1_V7 MA-COM-MAAM37000-A1_V7 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_15 Datasheet
247Kb / 4P
   Low Noise GaAs MMIC Amplifier
MAAM37000 MA-COM-MAAM37000_16 Datasheet
975Kb / 5P
   Low Noise GaAs MMIC Amplifier
logo
New Japan Radio
NJG1107HB3 NJRC-NJG1107HB3 Datasheet
184Kb / 8P
   LOW NOISE AMPLIFIER GaAs MMIC
logo
M/A-COM Technology Solu...
MAAM37000-A1 MA-COM-MAAM37000-A1_15 Datasheet
172Kb / 3P
   Low Noise GaAs MMIC Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com