Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AT90-0107TR Datasheet(PDF) 1 Page - Tyco Electronics

Part # AT90-0107TR
Description  Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  MACOM [Tyco Electronics]
Direct Link  http://www.macom.com
Logo MACOM - Tyco Electronics

AT90-0107TR Datasheet(HTML) 1 Page - Tyco Electronics

  AT90-0107TR Datasheet HTML 1Page - Tyco Electronics AT90-0107TR Datasheet HTML 2Page - Tyco Electronics AT90-0107TR Datasheet HTML 3Page - Tyco Electronics AT90-0107TR Datasheet HTML 4Page - Tyco Electronics AT90-0107TR Datasheet HTML 5Page - Tyco Electronics AT90-0107TR Datasheet HTML 6Page - Tyco Electronics AT90-0107TR Datasheet HTML 7Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 7 page
background image
Digital Attenuator, 31.5 dB, 6-Bit,
TTL Driver, DC-4.0 GHz
CSP-1
V 7.00
Electrical Specifications TA = +25°C
Parameter
Test Conditions
Frequency
Units
Min
Typical
Max
Insertion Loss
DC - 4.0 GHz
dB
4.5
5.1
Attenuation
Accuracy
Individual Bits 0.5-1-2-4-8-16 dB
Any Combination of Bits
1 to 31.5 dB
DC - 4.0 GHz
DC - 4.0 GHz
dB
dB
±(.3 +7% of atten setting)
±(.5 +8% of atten setting)
VSWR
Full Range
DC - 4.0 GHz
Ratio
2.0:1
2.2:1
Switching Speed
50% Cntl to 90%/10% RF
10% to 90% or 90% to 10%
nS
nS
75
20
150
50
1 dB
Compression
50 MHz
0.5 - 4.0 GHz
dBm
dBm
+21
+29
Input IP3
Two-tone inputs up to +5 dBm
50 MHz
0.5-4.0 GHz
dB
dB
+35
+48
+Vcc
-Vee
V
V
4.75
-8.0
5.0
-5.0
5.25
-4.75
Logic “0”
Sink Current is 20 µA max.
V
0.0
0.8
Logic “1”
Source Current is 20 µA max.
V
2.0
5.0
Icc
Vcc min to max, Logic “0” or “1”
mA
0.2
6
-Iee
-Vee min to max, Logic “0” or “1”
mA
-0.2
-1
Features
n
Attenuation: 0.5 dB Steps to 31.5 dB
n
Low DC Power Consumption
n
Small Footprint, JEDEC Package
n
Integral TTL Driver
n
50 ohm Impedance
n
Test Boards are Available
n
Tape and Reel Packaging Available
Description
M/A-COM's AT90-0107 is a GaAs FET 6-bit digital
attenuator with integral TTL driver. Step size is 0.5 dB pro-
viding a 31.5 dB total attenuation range. This device is in
an FQFP-N plastic surface mount package. The AT90-0107
is ideally suited for use where accuracy, fast speed, very
low power consumption and low costs are required.


Similar Part No. - AT90-0107TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-0107TR MACOM-AT90-0107TR Datasheet
262Kb / 6P
   Digital Attenuator 31.5dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
AT90-0107TR MA-COM-AT90-0107TR Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
More results

Similar Description - AT90-0107TR

ManufacturerPart #DatasheetDescription
logo
Tyco Electronics
AT90-1107 MACOM-AT90-1107 Datasheet
336Kb / 7P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0009 MA-COM-MAATCC0009 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-0107 MA-COM-AT90-0107 Datasheet
187Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAATCC0011 MA-COM-MAATCC0011 Datasheet
189Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
AT90-1107 MA-COM-AT90-1107 Datasheet
188Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-4.0 GHz
MAAD-008791-000100 MA-COM-MAAD-008791-000100 Datasheet
191Kb / 7P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-3.0 GHz
logo
Tyco Electronics
AT-107 MACOM-AT-107 Datasheet
235Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2 GHz
logo
M/A-COM Technology Solu...
AT65-0107 MA-COM-AT65-0107 Datasheet
150Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
logo
Tyco Electronics
AT20-0107 MACOM-AT20-0107 Datasheet
305Kb / 3P
   Digital Attenuator, 31.5 dB, 6-Bit, TTL Driver, DC - 2.0 GHz
logo
M/A-COM Technology Solu...
MAATCC0005 MA-COM-MAATCC0005 Datasheet
151Kb / 6P
   Digital Attenuator 31.5 dB, 6-Bit, TTL Driver, DC-2.0 GHz
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com